Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EYGA091202V Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # EYGA091202V
Description  ?쏱GS??Graphite Sheets
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EYGA091202V Datasheet(HTML) 3 Page - Panasonic Semiconductor

  EYGA091202V Datasheet HTML 1Page - Panasonic Semiconductor EYGA091202V Datasheet HTML 2Page - Panasonic Semiconductor EYGA091202V Datasheet HTML 3Page - Panasonic Semiconductor EYGA091202V Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
– 378 –
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Heat-resistance
Acrylic adhesive
tape 18
µm
Separating paper
PGS
Graphite
sheet
Heat-resistance
PEEK tape
13
µm
Heat-resistance
Acrylic adhesive
tape 18
µm
Separating paper
PGS
Graphite sheet
Heat-resistance
Acrylic adhesive
tape 18
µm
Separating paper
PGS
Graphite
sheet
Polyimide
tape 30
µm
Acrylic Adhesive
tape 30
µm
Separating paper
PGS
Graphite sheet
PGS
Graphite sheet
Acrylic Adhesive
tape 30
µm
Separating paper
PGS Graphite sheet
Polyester(PET)
tape 30
µm
Acrylic Adhesive
tape 10
µm
Separating paper
PGS
Graphite sheet
Acrylic Adhesive
tape 10
µm
Separating paper
PGS Graphite sheet
Polyester(PET)
tape 10
µm
Acrylic Adhesive
tape 10
µm
Separating paper
PGS Graphite sheet
Polyester(PET)
tape 30
µm
“PGS” Graphite Sheets
High heat resistance series (PGS 70, 25, 17
µm)
Type
high heat resistance type
A-V type
A-RV type
A-KV type
Front face
high heat resistance and insulation
type 13
µm
high heat resistance and insulation
type 30
µm
Rear face
High heat resistance and insulation
adhesion type 18
µm
High heat resistance and insulation
adhesion type 18
µm
High heat resistance and insulation
adhesion type 18
µm
Structure
Features
· With high heat resistance and insulation
tape on one side
· Withstanding Voltage Adhesive tape
: 2 kV
· With high heat resistance and insulation
tape on both side
· Withstanding Voltage
PEEK tape : 2 kV
Adhesive tape : 2 kV
· With high heat resistance and
more insulated tape on both side
· Withstanding Voltage
PI tape : 5 kV
Adhesive tape : 2 kV
Withstand temperature
150 °C
150 °C
150 °C (Polyimide : 180 °C)
Standard Size
90
115 mm
90
115 mm
90
115 mm
Maximam
size
115
180 mm
115
180 mm
115
180 mm
70
µm
Part No.
EYGA091207V
EYGA091207RV
EYGA091207KV
Thickness
88
µm101 µm118 µm
25
µm
Part No.
EYGA091203V
EYGA091203RV
EYGA091203KV
Thickness
43
µm
56
µm73 µm
17
µm
Part No.
EYGA091202V
EYGA091202RV
EYGA091202KV
Thickness
35
µm
48
µm65 µm
Rating and Characteristics
Standard series ( PGS 100, 70, 25, 17
µm )
Type
PGS Only
Adhesive Type
Laminated type (Insulation & Adhesive)
S type
A-A type
A -M type
A-PA type
A-PM type
A-DM type
Front face
–––
Polyester tape
standard type 30
µm
Polyester tape
standard type 30
µm
Polyester tape
thin type 10
µm
Rear face
Insulative adhesion
type 30
µm
Insulative thin
adhesion type 10
µm
Insulative
adhesion type 30
µm
Insulative thin
adhesion type 10
µm
Insulative thin
adhesion type 10
µm
Structure
Features
· High Thermal Conductivity
High Flexibility
· Low Thermal
Resistance
· Available up to 400 °C
· Conductive Material
· With insulation material
on one side
· With strong adhesive
tape for putting chassis
· Withstanding Voltage
: 2 kV
· With insulation material
on one side
· Low thermal resistance
comparison with A-A type
· Withstanding Voltage
: 1 kV
· With insulation material
on both side
· Withstanding Voltage
PET tape : 4 kV
Adhesive Tape : 2 kV
· With insulation material
on both side
· Withstanding Voltage
PET tape : 4 kV
Adhesive Tape : 1 kV
· With insulation material
on both side
· Withstanding Voltage
PET tape : 1 kV
Adhesive Tape : 1 kV
Withstand temperature
400 °C
100 °C
100 °C
100 °C
100 °C
100 °C
Standard Size
115
180 mm
90
115 mm
90
115 mm
90
115 mm
90
115 mm
90
115 mm
Maximam
size
180
230 mm
115
180 mm(25
µm)
115
180 mm
115
180 mm
115
180 mm
115
180 mm
115
180 mm
100
µm
Part No.
EYGS121810
–––––
Thickness
100
µm
––
––
70
µm
Part No.
EYGS121807
EYGA091207A
EYGA091207M
EYGA091207PA
EYGA091207PM
EYGA091207DM
Thickness
70
µm
100
µm80 µm
130
µm110 µm90 µm
25
µm
Part No.
EYGS121803
EYGA091203A
EYGA091203M
EYGA091203PA
EYGA091203PM
EYGA091203DM
Thickness
25
µm55 µm35 µm85 µm65 µm45 µm
17
µm
Part No.
EYGA091202A
EYGA091202M
EYGA091202PA
EYGA091202PM
EYGA091202DM
Thickness
47
µm27 µm77 µm57 µm37 µm
✽ Please contact our engineering section or factory about to special applications.
Feb. 2012
02


Similar Part No. - EYGA091202V

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EYGS0204ZLSN PANASONIC-EYGS0204ZLSN Datasheet
94Kb / 4P
   Soft-PGS (Compressible Type) PGS with low thermal resistance
EYGS0303ZLSP PANASONIC-EYGS0303ZLSP Datasheet
94Kb / 4P
   Soft-PGS (Compressible Type) PGS with low thermal resistance
EYGS0305ZLSM PANASONIC-EYGS0305ZLSM Datasheet
94Kb / 4P
   Soft-PGS (Compressible Type) PGS with low thermal resistance
EYGS0309ZLAK PANASONIC-EYGS0309ZLAK Datasheet
94Kb / 4P
   Soft-PGS (Compressible Type) PGS with low thermal resistance
EYGS0309ZLMF PANASONIC-EYGS0309ZLMF Datasheet
94Kb / 4P
   Soft-PGS (Compressible Type) PGS with low thermal resistance
More results

Similar Description - EYGA091202V

ManufacturerPart #DatasheetDescription
logo
T-Global Technology
T69-25 TGLOBAL-T69-25 Datasheet
817Kb / 2P
   T69-25 Graphite Sheets
T69-17 TGLOBAL-T69-17 Datasheet
815Kb / 2P
   T69-17 Graphite Sheets
T69-40 TGLOBAL-T69-40 Datasheet
817Kb / 2P
   T69-40 Graphite Sheets
T69-50 TGLOBAL-T69-50 Datasheet
817Kb / 2P
   T69-50 Graphite Sheets
T69-100 TGLOBAL-T69-100 Datasheet
817Kb / 2P
   T69-100 Graphite Sheets
T69-70 TGLOBAL-T69-70 Datasheet
817Kb / 2P
   T69-70 Graphite Sheets
logo
Panasonic Semiconductor
EYGS091210 PANASONIC-EYGS091210 Datasheet
676Kb / 6P
   PGS” Graphite Sheets EYG type
01-Apr-21
logo
T-Global Technology
T62 TGLOBAL-T62 Datasheet
334Kb / 1P
   T62 Natural Graphite Sheet
T68 TGLOBAL-T68 Datasheet
336Kb / 1P
   T68 Artificial Graphite Sheet
logo
TDK Electronics
IFL10M TDK-IFL10M Datasheet
143Kb / 8P
   Noise Suppression Sheets
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com