Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC10E136 Datasheet(PDF) 10 Page - ON Semiconductor

Part # MC10E136
Description  5VECL 6-Bit Universal Up/Down Counter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10E136 Datasheet(HTML) 10 Page - ON Semiconductor

Back Button MC10E136_08 Datasheet HTML 4Page - ON Semiconductor MC10E136_08 Datasheet HTML 5Page - ON Semiconductor MC10E136_08 Datasheet HTML 6Page - ON Semiconductor MC10E136_08 Datasheet HTML 7Page - ON Semiconductor MC10E136_08 Datasheet HTML 8Page - ON Semiconductor MC10E136_08 Datasheet HTML 9Page - ON Semiconductor MC10E136_08 Datasheet HTML 10Page - ON Semiconductor MC10E136_08 Datasheet HTML 11Page - ON Semiconductor MC10E136_08 Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
MC10E136, MC100E136
http://onsemi.com
10
Figure 8. Typical Termination for Output Driver and Device Evaluation
(See Application Note AND8020/D − Termination of ECL Logic Devices.)
Driver
Device
Receiver
Device
QD
Q
D
Zo = 50 W
Zo = 50 W
50 W
50 W
VTT
VTT = VCC − 2.0 V
ORDERING INFORMATION
Device
Package
Shipping
MC10E136FN
PLCC−28
37 Units / Rail
MC10E136FNG
PLCC−28
(Pb−Free)
37 Units / Rail
MC10E136FNR2
PLCC−28
500 / Tape & Reel
MC10E136FNR2G
PLCC−28
(Pb−Free)
500 / Tape & Reel
MC100E136FN
PLCC−28
37 Units / Rail
MC100E136FNG
PLCC−28
(Pb−Free)
37 Units / Rail
MC100E136FNR2
PLCC−28
500 / Tape & Reel
MC100E136FNR2G
PLCC−28
(Pb−Free)
500 / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.
Resource Reference of Application Notes
AN1405/D
− ECL Clock Distribution Techniques
AN1406/D
− Designing with PECL (ECL at +5.0 V)
AN1503/D
− ECLinPSt I/O SPiCE Modeling Kit
AN1504/D
− Metastability and the ECLinPS Family
AN1568/D
− Interfacing Between LVDS and ECL
AN1672/D
− The ECL Translator Guide
AND8001/D − Odd Number Counters Design
AND8002/D − Marking and Date Codes
AND8020/D − Termination of ECL Logic Devices
AND8066/D − Interfacing with ECLinPS
AND8090/D − AC Characteristics of ECL Devices


Similar Part No. - MC10E136_08

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10E136 ONSEMI-MC10E136_06 Datasheet
158Kb / 12P
   5V ECL 6-Bit Universal Up/Down Counter
November, 2006 ??Rev. 9
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com