Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM317MSTT3G Datasheet(PDF) 3 Page - ON Semiconductor

Part # LM317MSTT3G
Description  500 mA Adjustable Output, Positive Voltage Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM317MSTT3G Datasheet(HTML) 3 Page - ON Semiconductor

  LM317MSTT3G Datasheet HTML 1Page - ON Semiconductor LM317MSTT3G Datasheet HTML 2Page - ON Semiconductor LM317MSTT3G Datasheet HTML 3Page - ON Semiconductor LM317MSTT3G Datasheet HTML 4Page - ON Semiconductor LM317MSTT3G Datasheet HTML 5Page - ON Semiconductor LM317MSTT3G Datasheet HTML 6Page - ON Semiconductor LM317MSTT3G Datasheet HTML 7Page - ON Semiconductor LM317MSTT3G Datasheet HTML 8Page - ON Semiconductor LM317MSTT3G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
LM317M, NCV317MAB, NCV317MB
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS (VI − VO = 5.0 V; IO = 0.1 A, TJ = Tlow to Thigh (Note 7), unless otherwise noted.)
Characteristics
Figure
Symbol
LM317MA / LM317MAB/NCV317MAB
Unit
Min
Typ
Max
Line Regulation (Note 8) (TA = 25°C, 3.0 V ≤ VI − VO ≤ 40 V)
3
Regline
0.01
0.04
%/V
Load Regulation (Note 8)
TA = 25°C, 10 mA ≤ IO ≤ 0.5 A
VO ≤ 5.0 V
VO ≥ 5.0 V
4
Regload
5.0
0.1
25
0.5
mV
% VO
Adjustment Pin Current
5
IAdj
50
100
mA
Adjustment Pin Current Change
2.5 V ≤ VI − VO ≤ 40 V, 10 mA ≤ IL ≤ 0.5 A, PD ≤ Pmax
3, 4
DIAdj
0.2
5.0
mA
Reference Voltage
3.0 V ≤ VI − VO ≤ 40 V, 10 mA ≤ IL ≤ 0.5 A, PD ≤ Pmax
5
Vref
1.225
1.250
1.275
V
Line Regulation (Note 8)
3.0 V ≤ VI−VO ≤ 40 V
3
Regline
0.02
0.07
%/V
Load Regulation (Note 8)
10 mA ≤ IO ≤ 0.5 A
VO ≤ 5.0 V
VO ≥ 5.0 V
4
Regload
20
0.3
70
1.5
mV
% VO
Temperature Stability (Tlow ≤ TJ ≤ Thigh)
5
TS
0.7
% VO
Minimum Load Current to Maintain Regulation (VI − VO = 40 V)
5
ILmin
3.5
10
mA
Maximum Output Current
VI − VO ≤ 15 V, PD ≤ Pmax
VI − VO = 40 V, PD ≤ Pmax, TA = 25°C
5
Imax
0.5
0.15
0.9
0.25
A
RMS Noise, % of VO (TA = 25°C, 10 Hz ≤ f ≤ 10 kHz)
N
% VO
Ripple Rejection, VO = 10 V, f = 120 Hz (Note 9)
Without CAdj
CAdj = 10 mF
6
RR
66
65
80
dB
Thermal Shutdown (Note 10)
180
°C
Long−Term Stability, TJ = Thigh (Note 11)
TA= 25°C for End−point Measurements
5
S
0.3
1.0
%/1.0
kHrs.
7. Tlow to Thigh = 0° to +125°C for LM317MA
Tlow to Thigh = −40° to +125°C for LM317MAB, NCV317MAB.
8. Load and line regulation are specified at constant junction temperature. Changes in VO due to heating effects must be taken into account
separately. Pulse testing with low duty cycle is used.
9. CAdj, when used, is connected between the adjustment pin and ground.
10.Thermal characteristics are not subject to production test.
11. Since Long−Term Stability cannot be measured on each device before shipment, this specification is an engineering estimate of average
stability from lot−to−lot.


Similar Part No. - LM317MSTT3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LM317MSTT3G ONSEMI-LM317MSTT3G Datasheet
159Kb / 13P
   500 mA Adjustable Output, Positive Voltage Regulator
August, 2006 ??Rev. 14
More results

Similar Description - LM317MSTT3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LM317M ONSEMI-LM317M_14 Datasheet
141Kb / 14P
   500 mA Adjustable Output Positive Voltage Regulator
August, 2014 ??Rev. 24
LM317M ONSEMI-LM317M_06 Datasheet
159Kb / 13P
   500 mA Adjustable Output, Positive Voltage Regulator
August, 2006 ??Rev. 14
logo
Estek Electronics Co. L...
IL317L ESTEK-IL317L Datasheet
213Kb / 2P
   100 mA Adjustable Output Positive Voltage Regulator
ET-IL317L ESTEK-ET-IL317L Datasheet
178Kb / 2P
   100 mA Adjustable output Positive Voltage Regulator
logo
ON Semiconductor
LM317L ONSEMI-LM317L_11 Datasheet
144Kb / 12P
   100 mA Adjustable Output, Positive Voltage Regulator
March, 2008 - Rev. 11
LM317L ONSEMI-LM317L_V01 Datasheet
337Kb / 15P
   Voltage Regulator - Adjustable Output, Positive 100 mA
April, 2021 - Rev. 14
LM317L ONSEMI-LM317L_05 Datasheet
131Kb / 12P
   100 mA Adjustable Output, Positive Voltage Regulator
October, 2005 ??Rev. 8
logo
Toshiba Semiconductor
TA58MS00F TOSHIBA-TA58MS00F Datasheet
218Kb / 8P
   500-mA Adjustable-Output Voltage Regulator with On/Off Switch
2009-09-30
logo
KODENSHI_AUK CORP.
SN317L KODENSHI-SN317L Datasheet
387Kb / 8P
   [100mA /Adjustable Output] Positive Voltage Regulator
logo
New Japan Radio
NJW4106 NJRC-NJW4106 Datasheet
715Kb / 15P
   HIGH VOLTAGE IO = 500 mA ADJUSTABLE LDO REGULATOR
Ver.1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com