Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC10E016FNR2 Datasheet(PDF) 10 Page - ON Semiconductor

Part # MC10E016FNR2
Description  5.0 VECL 8.Bit Synchronous Binary Up Counter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10E016FNR2 Datasheet(HTML) 10 Page - ON Semiconductor

Back Button MC10E016FNR2 Datasheet HTML 4Page - ON Semiconductor MC10E016FNR2 Datasheet HTML 5Page - ON Semiconductor MC10E016FNR2 Datasheet HTML 6Page - ON Semiconductor MC10E016FNR2 Datasheet HTML 7Page - ON Semiconductor MC10E016FNR2 Datasheet HTML 8Page - ON Semiconductor MC10E016FNR2 Datasheet HTML 9Page - ON Semiconductor MC10E016FNR2 Datasheet HTML 10Page - ON Semiconductor MC10E016FNR2 Datasheet HTML 11Page - ON Semiconductor MC10E016FNR2 Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
MC10E016, MC100E016
http://onsemi.com
10
Figure 7. Typical Termination for Output Driver and Device Evaluation
(See Application Note AND8020/D − Termination of ECL Logic Devices.)
Driver
Device
Receiver
Device
QD
Q
D
Zo = 50 W
Zo = 50 W
50 W
50 W
VTT
VTT = VCC − 2.0 V
ORDERING INFORMATION
Device
Package Type
Shipping
MC10E016FN
PLCC−28
37 Units/Rail
MC10E016FNG
PLCC−28
(Pb−Free)
37 Units/Rail
MC10E016FNR2
PLCC−28
500 Units/Reel
MC10E016FNR2G
PLCC−28
(Pb−Free)
500 Units/Reel
MC100E016FN
PLCC−28
37 Units/Rail
MC100E016FNG
PLCC−28
(Pb−Free)
37 Units/Rail
MC100E016FNR2
PLCC−28
500 Units/Reel
MC100E016FNR2G
PLCC−28
(Pb−Free)
500 Units/Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.


Similar Part No. - MC10E016FNR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10E016FNR2 ONSEMI-MC10E016FNR2 Datasheet
175Kb / 12P
   5.0 V ECL 8?묪it Synchronous Binary Up Counter
February, 2006 ??Rev. 7
MC10E016FNR2G ONSEMI-MC10E016FNR2G Datasheet
175Kb / 12P
   5.0 V ECL 8?묪it Synchronous Binary Up Counter
February, 2006 ??Rev. 7
MC10E016FNR2G ONSEMI-MC10E016FNR2G Datasheet
183Kb / 11P
   5.0VECL8?륛it Synchronous Binary Up Counter
July, 2016 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com