Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC10EL33D Datasheet(PDF) 1 Page - ON Semiconductor

Part # MC10EL33D
Description  5V ECL 첨4 Divider
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10EL33D Datasheet(HTML) 1 Page - ON Semiconductor

  MC10EL33D Datasheet HTML 1Page - ON Semiconductor MC10EL33D Datasheet HTML 2Page - ON Semiconductor MC10EL33D Datasheet HTML 3Page - ON Semiconductor MC10EL33D Datasheet HTML 4Page - ON Semiconductor MC10EL33D Datasheet HTML 5Page - ON Semiconductor MC10EL33D Datasheet HTML 6Page - ON Semiconductor MC10EL33D Datasheet HTML 7Page - ON Semiconductor MC10EL33D Datasheet HTML 8Page - ON Semiconductor MC10EL33D Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
© Semiconductor Components Industries, LLC, 2008
August, 2008 − Rev. 10
1
Publication Order Number:
MC10EL33/D
MC10EL33, MC100EL33
5V ECL ÷4 Divider
Description
The MC10EL/100EL33 is an integrated
÷4 divider. The differential
clock inputs and the VBB allow a differential, single-ended or AC coupled
interface to the device. The VBB pin, an internally generated voltage
supply, is available to this device only. For single-ended input conditions,
the unused differential input is connected to VBB as a switching reference
voltage. VBB may also rebias AC coupled inputs. When used, decouple
VBB and VCC via a 0.01 mF capacitor and limit current sourcing or sinking
to 0.5 mA. When not used, VBB should be left open.
The reset pin is asynchronous and is asserted on the rising edge. Upon
power-up, the internal flip-flops will attain a random state; the reset allows
for the synchronization of multiple EL33’s in a system.
The 100 Series contains temperature compensation.
Features
650 ps Propagation Delay
4.0 GHz Toggle Frequency
ESD Protection: Human Body Model; > 1 kV,
Machine Model; > 100 V
PECL Mode Operating Range: VCC = 4.2 V to 5.7 V with VEE = 0 V
NECL Mode Operating Range: VCC = 0 V with VEE = −4.2 V to −5.7 V
Internal Input Pulldown Resistors on CLK(s) and R.
Meets or Exceeds JEDEC Spec EIA/JESD78 IC Latchup Test
Moisture Sensitivity Level 1
For Additional Information, see Application Note AND8003/D
Flammability Rating: UL 94 V−0 @ 0.125 in,
Oxygen Index: 28 to 34
Transistor Count = 95 devices
Pb−Free Packages are Available
Figure 1. Logic Diagram and Pinout Assignment
4
3
1
2
5
6
7
8
Q
VEE
VCC
Q
CLK
VBB
R
÷4
Reset
CLK
*For additional marking information, refer to
Application Note AND8002/D.
MARKING
DIAGRAMS*
KL33
ALYWG
G
SOIC−8
D SUFFIX
CASE 751
1
8
TSSOP−8
DT SUFFIX
CASE 948R
1
8
1
8
See detailed ordering and shipping information in the package
dimensions section on page 7 of this data sheet.
ORDERING INFORMATION
http://onsemi.com
KEL33
ALYW
G
1
8
DFN8
MN SUFFIX
CASE 506AA
14
14
HL33
ALYWG
G
1
8
HEL33
ALYW
G
1
8
(Note: Microdot may be in either location)
H = MC10
K = MC100
4V = MC10
2K = MC100
A = Assembly Location
L = Wafer Lot
Y = Year
W = Work Week
M = Date Code
G = Pb−Free Package


Similar Part No. - MC10EL33D

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10EL33D ONSEMI-MC10EL33D Datasheet
155Kb / 10P
   5V ECL 첨4 Divider
December, 2006 ??Rev. 9
MC10EL33D ONSEMI-MC10EL33D Datasheet
202Kb / 20P
   Evaluation Board Manual for High Frequency SOIC 8
August, 2004 ??Rev. 1
MC10EL33DG ONSEMI-MC10EL33DG Datasheet
155Kb / 10P
   5V ECL 첨4 Divider
December, 2006 ??Rev. 9
MC10EL33DG ONSEMI-MC10EL33DG Datasheet
171Kb / 8P
   Divider
July, 2016 ??Rev. 11
MC10EL33DR2 ONSEMI-MC10EL33DR2 Datasheet
155Kb / 10P
   5V ECL 첨4 Divider
December, 2006 ??Rev. 9
More results

Similar Description - MC10EL33D

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10EL33 ONSEMI-MC10EL33_06 Datasheet
155Kb / 10P
   5V ECL 첨4 Divider
December, 2006 ??Rev. 9
MC10EP33 ONSEMI-MC10EP33_06 Datasheet
165Kb / 11P
   3.3V / 5V ECL 첨4 Divider
December, 2006 ??Rev. 9
logo
Arizona Microtek, Inc
AZ100LVEL33 AZM-AZ100LVEL33_11 Datasheet
113Kb / 8P
   ECL/PECL 첨4 Divider
logo
ON Semiconductor
MC100LVEL33 ONSEMI-MC100LVEL33_06 Datasheet
140Kb / 8P
   3.3V ECL 첨4 Divider
December, 2006 ??Rev. 4
logo
Arizona Microtek, Inc
AZ10LVEL33 AZM-AZ10LVEL33 Datasheet
127Kb / 10P
   ECL/PECL 첨4 Divider
logo
ON Semiconductor
MC10EL32 ONSEMI-MC10EL32_08 Datasheet
152Kb / 9P
   5V ECL 첨2 Divider
December, 2008 ??Rev. 8
MC10EL32 ONSEMI-MC10EL32_06 Datasheet
155Kb / 9P
   5V ECL 첨2 Divider
December, 2006 ??Rev. 6
logo
Micrel Semiconductor
SY10EP33V MICREL-SY10EP33V_10 Datasheet
232Kb / 11P
   5V/3.3V, 4GHz, 첨4 PECL/LVPECL Divider
logo
ON Semiconductor
MC10EL34 ONSEMI-MC10EL34_06 Datasheet
133Kb / 8P
   5V ECL 첨2, 첨4, 첨8 Clock Generation Chip
November, 2006 ??Rev. 10
MC100EL38 ONSEMI-MC100EL38_06 Datasheet
122Kb / 7P
   5V ECL 첨2, 첨4/6 Clock Generation Chip
October, 2006 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com