Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC100E137FN Datasheet(PDF) 3 Page - ON Semiconductor

Part # MC100E137FN
Description  5 VECL 8-Bit Ripple Counter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100E137FN Datasheet(HTML) 3 Page - ON Semiconductor

  MC100E137FN Datasheet HTML 1Page - ON Semiconductor MC100E137FN Datasheet HTML 2Page - ON Semiconductor MC100E137FN Datasheet HTML 3Page - ON Semiconductor MC100E137FN Datasheet HTML 4Page - ON Semiconductor MC100E137FN Datasheet HTML 5Page - ON Semiconductor MC100E137FN Datasheet HTML 6Page - ON Semiconductor MC100E137FN Datasheet HTML 7Page - ON Semiconductor MC100E137FN Datasheet HTML 8Page - ON Semiconductor MC100E137FN Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
MC10E137, MC100E137
http://onsemi.com
3
Table 2. SEQUENTIAL TRUTH TABLE
Function
EN1
EN2
A_Start
MR
CLK
Q7
Q6
Q5
Q4
Q3
Q2
Q1
Q0
Reset
X
X
X
H
X
L
L
L
L
L
L
L
L
Count
L
L
L
L
L
L
L
L
L
L
L
L
Z
Z
Z
L
L
L
L
L
L
L
L
L
L
L
L
L
L
L
L
L
L
L
H
H
H
L
H
Stop
H
H
L
L
L
L
L
L
Z
Z
L
L
L
L
L
L
L
L
L
L
L
L
H
H
H
H
Asynch Start
H
H
L
L
L
L
H
H
H
L
L
L
Z
Z
Z
L
L
L
L
L
L
L
L
L
L
L
L
L
L
L
H
H
H
L
L
H
L
H
L
Count
L
L
L
L
L
L
L
L
L
L
L
L
Z
Z
Z
L
L
L
L
L
L
L
L
L
L
L
L
L
H
H
H
L
L
H
L
L
H
L
H
Stop
L
L
H
H
L
L
L
L
Z
Z
L
L
L
L
L
L
L
L
H
H
L
L
L
L
H
H
Synch Start
H
H
H
H
H
H
L
L
L
L
L
L
Z
Z
Z
L
L
L
L
L
L
L
L
L
L
L
L
H
H
H
L
L
H
H
H
L
L
H
L
Stop
H
H
L
L
L
L
L
L
Z
Z
L
L
L
L
L
L
L
L
H
H
H
H
L
L
L
L
Count
L
L
L
L
L
L
L
L
L
L
L
L
Z
Z
Z
L
L
L
L
L
L
L
L
L
L
L
L
H
H
H
H
H
H
L
H
H
H
L
H
Reset
X
X
X
H
X
L
L
L
L
L
L
L
L
Z = Low to High Transition
Table 3. MAXIMUM RATINGS
Symbol
Parameter
Condition 1
Condition 2
Rating
Unit
VCC
PECL Mode Power Supply
VEE = 0 V
8
V
VEE
NECL Mode Power Supply
VCC = 0 V
−8
V
VI
PECL Mode Input Voltage
NECL Mode Input Voltage
VEE = 0 V
VCC = 0 V
VI v VCC
VI w VEE
6
−6
V
V
Iout
Output Current
Continuous
Surge
50
100
mA
mA
TA
Operating Temperature Range
0 to +85
°C
Tstg
Storage Temperature Range
−65 to +150
°C
qJA
Thermal Resistance (Junction−to−Ambient)
0 lfpm
500 lfpm
PLCC−28
PLCC−28
63.5
43.5
°C/W
°C/W
qJC
Thermal Resistance (Junction−to−Case)
Standard Board
PLCC−28
22 to 26
°C/W
VEE
PECL Operating Range
NECL Operating Range
4.2 to 5.7
−5.7 to −4.2
V
V
Tsol
Wave Solder
Pb
Pb−Free
265
265
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.


Similar Part No. - MC100E137FN

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100E137FN ONSEMI-MC100E137FN Datasheet
139Kb / 9P
   5 V ECL 8-Bit Ripple Counter
November, 2006 ??Rev. 8
MC100E137FNG ONSEMI-MC100E137FNG Datasheet
139Kb / 9P
   5 V ECL 8-Bit Ripple Counter
November, 2006 ??Rev. 8
MC100E137FNG ONSEMI-MC100E137FNG Datasheet
171Kb / 9P
   5V ECL 8?륛it Ripple Counter
July, 2016 ??Rev. 9
MC100E137FNR2 ONSEMI-MC100E137FNR2 Datasheet
139Kb / 9P
   5 V ECL 8-Bit Ripple Counter
November, 2006 ??Rev. 8
MC100E137FNR2G ONSEMI-MC100E137FNR2G Datasheet
139Kb / 9P
   5 V ECL 8-Bit Ripple Counter
November, 2006 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com