Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPC4076FBD144 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # LPC4076FBD144
Description  32-bit ARM Cortex-M4 MCU;
Download  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC4076FBD144 Datasheet(HTML) 1 Page - NXP Semiconductors

  LPC4076FBD144 Datasheet HTML 1Page - NXP Semiconductors LPC4076FBD144 Datasheet HTML 2Page - NXP Semiconductors LPC4076FBD144 Datasheet HTML 3Page - NXP Semiconductors LPC4076FBD144 Datasheet HTML 4Page - NXP Semiconductors LPC4076FBD144 Datasheet HTML 5Page - NXP Semiconductors LPC4076FBD144 Datasheet HTML 6Page - NXP Semiconductors LPC4076FBD144 Datasheet HTML 7Page - NXP Semiconductors LPC4076FBD144 Datasheet HTML 8Page - NXP Semiconductors LPC4076FBD144 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 123 page
background image
1.
General description
The LPC408x/7x is an ARM Cortex-M4 based digital signal controller for embedded
applications requiring a high level of integration and low power dissipation.
The ARM Cortex-M4 is a next generation core that offers system enhancements such as
low power consumption, enhanced debug features, and a high level of support block
integration. The ARM Cortex-M4 CPU incorporates a 3-stage pipeline, uses a Harvard
architecture with separate local instruction and data buses as well as a third bus for
peripherals, and includes an internal prefetch unit that supports speculative branching.
The ARM Cortex-M4 supports single-cycle digital signal processing and SIMD
instructions. A hardware floating-point processor is integrated in the core for several
versions of the part.
The LPC408x/7x adds a specialized flash memory accelerator to accomplish optimal
performance when executing code from flash. The LPC408x/7x is targeted to operate at
up to 120 MHz CPU frequency.
The peripheral complement of the LPC408x/7x includes up to 512 kB of flash program
memory, up to 96 kB of SRAM data memory, up to 4032 byte of EEPROM data memory,
External Memory controller (EMC), LCD, Ethernet, USB Device/Host/OTG, an SPI Flash
Interface (SPIFI), a General Purpose DMA controller, five UARTs, three SSP controllers,
three I2C-bus interfaces, a Quadrature Encoder Interface, four general purpose timers,
two general purpose PWMs with six outputs each and one motor control PWM, an
ultra-low power RTC with separate battery supply and event recorder, a windowed
watchdog timer, a CRC calculation engine and up to 165 general purpose I/O pins.
The analog peripherals include one eight-channel 12-bit ADC, two analog comparators,
and a DAC.
The pinout of LPC408x/7x is intended to allow pin function compatibility with the
LPC24xx/23xx as well as the LPC178x/7x families.
2.
Features and benefits
Functional replacement for LPC23xx/24xx and LPC178x/7x family devices.
ARM Cortex-M4 core:
ARM Cortex-M4 processor, running at frequencies of up to 120 MHz.
ARM Cortex-M4 built-in Memory Protection Unit (MPU) supporting eight regions.
ARM Cortex-M4 built-in Nested Vectored Interrupt Controller (NVIC).
Hardware floating-point unit (not all versions).
Non-maskable Interrupt (NMI) input.
LPC408x/7x
32-bit ARM Cortex-M4 MCU; up to 512 kB flash, 96 kB SRAM;
USB Device/Host/OTG; Ethernet; LCD; EMC; SPIFI
Rev. 1 — 17 September 2012
Objective data sheet


Similar Part No. - LPC4076FBD144

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC4076FBD144 NXP-LPC4076FBD144 Datasheet
2Mb / 123P
   32-bit ARM Cortex-M4 MCU; up to 512 kB flash, 96 kB SRAM; USB Device/Host/OTG; Ethernet; LCD; EMC; SPIFI
Rev. 1-17 September 2012
More results

Similar Description - LPC4076FBD144

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC5411X NXP-LPC5411X Datasheet
2Mb / 105P
   32-bit ARM Cortex-M4/M0 MCU
Rev. 2.1-9 May 2018
logo
Renesas Technology Corp
S7G2 RENESAS-S7G2 Datasheet
1Mb / 116P
   32-bit ARM Cortex-M4 microcontroller
logo
NXP Semiconductors
LPC540XX NXP-LPC540XX Datasheet
3Mb / 168P
   32-bit ARM Cortex-M4 microcontroller
Rev. 1.8-22 June 2018
logo
Renesas Technology Corp
S3A7 RENESAS-S3A7 Datasheet
1Mb / 133P
   32-bit ARM Cortex-M4 microcontroller
logo
NXP Semiconductors
LPC546XX NXP-LPC546XX Datasheet
3Mb / 169P
   32-bit ARM Cortex-M4 microcontroller
Rev. 2.5-20 June 2018
logo
GigaDevice Semiconducto...
GD32E230XX GIGADEVICE-GD32E230XX Datasheet
2Mb / 76P
   ARM Cortex-M23 32-bit MCU
logo
Infineon Technologies A...
XMC4100 INFINEON-XMC4100_V01 Datasheet
2Mb / 93P
   ARM® Cortex®-M4 32-bit processor core
V1.4 2018-09
logo
Cypress Semiconductor
S6E2H4 CYPRESS-S6E2H4 Datasheet
4Mb / 160P
   32-bit ARM Cortex-M4F
logo
Nuvoton Technology Corp...
M480 NUVOTON-M480_V02 Datasheet
12Mb / 525P
   NuMicro® Family Arm® 32-bit Cortex®-M4 Microcontroller
Rev 3.03
logo
NXP Semiconductors
LPC18S50 NXP-LPC18S50 Datasheet
2Mb / 151P
   32-bit ARM Cortex-M3 flashless MCU with security features
Rev. 1-23 February 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com