Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPC4074FBD144 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # LPC4074FBD144
Description  32-bit ARM Cortex-M4 MCU;
Download  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC4074FBD144 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button LPC4074FBD144 Datasheet HTML 6Page - NXP Semiconductors LPC4074FBD144 Datasheet HTML 7Page - NXP Semiconductors LPC4074FBD144 Datasheet HTML 8Page - NXP Semiconductors LPC4074FBD144 Datasheet HTML 9Page - NXP Semiconductors LPC4074FBD144 Datasheet HTML 10Page - NXP Semiconductors LPC4074FBD144 Datasheet HTML 11Page - NXP Semiconductors LPC4074FBD144 Datasheet HTML 12Page - NXP Semiconductors LPC4074FBD144 Datasheet HTML 13Page - NXP Semiconductors LPC4074FBD144 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 123 page
background image
LPC408X_7X
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Objective data sheet
Rev. 1 — 17 September 2012
10 of 123
NXP Semiconductors
LPC408x/7x
32-bit ARM Cortex-M4 microcontroller
6.2 Pin description
I/O pins on the LPC408x/7x are 5V tolerant and have input hysteresis unless otherwise
indicated in the table below. Crystal pins, power pins, and reference voltage pins are not
5V tolerant. In addition, when pins are selected to be ADC inputs, they are no longer 5V
tolerant and the input voltage must be limited to the voltage at the ADC positive reference
pin (VREFP).
All port pins Pn[m] are multiplexed, and the multiplexed functions appear in Table 3 in the
order defined by the FUNC bits of the corresponding IOCON register up to the highest
used function number. Each port pin can support up to eight multiplexed functions.
IOCON register FUNC values which are reserved are noted as “R” in the pin configuration
table.
Table 3.
Pin description
Not all functions are available on all parts. See Table 2 (Ethernet, USB, LCD, QEI, SD/MMC, comparator pins) and Table 5
(EMC pins).
Symbol
Description
P0[0] to
P0[31]
I/O
Port 0: Port 0 is a 32-bit I/O port with individual direction
controls for each bit. The operation of port 0 pins
depends upon the pin function selected via the pin
connect block.
P0[0]
94U15
M10 6637
[3]
I; PU I/O
P0[0] — General purpose digital input/output pin.
I
CAN_RD1 — CAN1 receiver input.
O
U3_TXD — Transmitter output for UART3.
I/O
I2C1_SDA — I2C1 data input/output (this pin does not
use a specialized I2C pad).
O
U0_TXD — Transmitter output for UART0.
P0[1]
96T14
N11
6738
[3]
I; PU I/O
P0[1] — General purpose digital input/output pin.
O
CAN_TD1 — CAN1 transmitter output.
I
U3_RXD — Receiver input for UART3.
I/O
I2C1_SCL — I2C1 clock input/output (this pin does not
use a specialized I2C pad).
I
U0_RXD — Receiver input for UART0.
P0[2]
202
C4
D5
141
79
[3]
I; PU I/O
P0[2] — General purpose digital input/output pin.
O
U0_TXD — Transmitter output for UART0.
O
U3_TXD — Transmitter output for UART3.
P0[3]
204
D6
A3
142
80
[3]
I; PU I/O
P0[3] — General purpose digital input/output pin.
I
U0_RXD — Receiver input for UART0.
I
U3_RXD — Receiver input for UART3.


Similar Part No. - LPC4074FBD144

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC4074FBD144 NXP-LPC4074FBD144 Datasheet
2Mb / 123P
   32-bit ARM Cortex-M4 MCU; up to 512 kB flash, 96 kB SRAM; USB Device/Host/OTG; Ethernet; LCD; EMC; SPIFI
Rev. 1-17 September 2012
LPC4074FBD144 NXP-LPC4074FBD144 Datasheet
4Mb / 942P
   LPC408x/407x User manual
Rev. 1-13 September 2012
More results

Similar Description - LPC4074FBD144

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC5411X NXP-LPC5411X Datasheet
2Mb / 105P
   32-bit ARM Cortex-M4/M0 MCU
Rev. 2.1-9 May 2018
logo
Renesas Technology Corp
S7G2 RENESAS-S7G2 Datasheet
1Mb / 116P
   32-bit ARM Cortex-M4 microcontroller
logo
NXP Semiconductors
LPC540XX NXP-LPC540XX Datasheet
3Mb / 168P
   32-bit ARM Cortex-M4 microcontroller
Rev. 1.8-22 June 2018
logo
Renesas Technology Corp
S3A7 RENESAS-S3A7 Datasheet
1Mb / 133P
   32-bit ARM Cortex-M4 microcontroller
logo
NXP Semiconductors
LPC546XX NXP-LPC546XX Datasheet
3Mb / 169P
   32-bit ARM Cortex-M4 microcontroller
Rev. 2.5-20 June 2018
logo
GigaDevice Semiconducto...
GD32E230XX GIGADEVICE-GD32E230XX Datasheet
2Mb / 76P
   ARM Cortex-M23 32-bit MCU
logo
Infineon Technologies A...
XMC4100 INFINEON-XMC4100_V01 Datasheet
2Mb / 93P
   ARM® Cortex®-M4 32-bit processor core
V1.4 2018-09
logo
Cypress Semiconductor
S6E2H4 CYPRESS-S6E2H4 Datasheet
4Mb / 160P
   32-bit ARM Cortex-M4F
logo
Nuvoton Technology Corp...
M480 NUVOTON-M480_V02 Datasheet
12Mb / 525P
   NuMicro® Family Arm® 32-bit Cortex®-M4 Microcontroller
Rev 3.03
logo
NXP Semiconductors
LPC18S50 NXP-LPC18S50 Datasheet
2Mb / 151P
   32-bit ARM Cortex-M3 flashless MCU with security features
Rev. 1-23 February 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com