Electronic Components Datasheet Search |
|
MC100EL33MNR4 Datasheet(PDF) 1 Page - ON Semiconductor |
|
MC100EL33MNR4 Datasheet(HTML) 1 Page - ON Semiconductor |
1 / 10 page © Semiconductor Components Industries, LLC, 2008 August, 2008 − Rev. 10 1 Publication Order Number: MC10EL33/D MC10EL33, MC100EL33 5V ECL ÷4 Divider Description The MC10EL/100EL33 is an integrated ÷4 divider. The differential clock inputs and the VBB allow a differential, single-ended or AC coupled interface to the device. The VBB pin, an internally generated voltage supply, is available to this device only. For single-ended input conditions, the unused differential input is connected to VBB as a switching reference voltage. VBB may also rebias AC coupled inputs. When used, decouple VBB and VCC via a 0.01 mF capacitor and limit current sourcing or sinking to 0.5 mA. When not used, VBB should be left open. The reset pin is asynchronous and is asserted on the rising edge. Upon power-up, the internal flip-flops will attain a random state; the reset allows for the synchronization of multiple EL33’s in a system. The 100 Series contains temperature compensation. Features • 650 ps Propagation Delay • 4.0 GHz Toggle Frequency • ESD Protection: Human Body Model; > 1 kV, Machine Model; > 100 V • PECL Mode Operating Range: VCC = 4.2 V to 5.7 V with VEE = 0 V • NECL Mode Operating Range: VCC = 0 V with VEE = −4.2 V to −5.7 V • Internal Input Pulldown Resistors on CLK(s) and R. • Meets or Exceeds JEDEC Spec EIA/JESD78 IC Latchup Test • Moisture Sensitivity Level 1 For Additional Information, see Application Note AND8003/D • Flammability Rating: UL 94 V−0 @ 0.125 in, Oxygen Index: 28 to 34 • Transistor Count = 95 devices • Pb−Free Packages are Available Figure 1. Logic Diagram and Pinout Assignment 4 3 1 2 5 6 7 8 Q VEE VCC Q CLK VBB R ÷4 Reset CLK *For additional marking information, refer to Application Note AND8002/D. MARKING DIAGRAMS* KL33 ALYWG G SOIC−8 D SUFFIX CASE 751 1 8 TSSOP−8 DT SUFFIX CASE 948R 1 8 1 8 See detailed ordering and shipping information in the package dimensions section on page 7 of this data sheet. ORDERING INFORMATION http://onsemi.com KEL33 ALYW G 1 8 DFN8 MN SUFFIX CASE 506AA 14 14 HL33 ALYWG G 1 8 HEL33 ALYW G 1 8 (Note: Microdot may be in either location) H = MC10 K = MC100 4V = MC10 2K = MC100 A = Assembly Location L = Wafer Lot Y = Year W = Work Week M = Date Code G = Pb−Free Package |
Similar Part No. - MC100EL33MNR4 |
|
Similar Description - MC100EL33MNR4 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |