Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF8575 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PCF8575
Description  Smart, simple solutions for the 12 most common design concerns
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8575 Datasheet(HTML) 2 Page - NXP Semiconductors

  PCF8575 Datasheet HTML 1Page - NXP Semiconductors PCF8575 Datasheet HTML 2Page - NXP Semiconductors PCF8575 Datasheet HTML 3Page - NXP Semiconductors PCF8575 Datasheet HTML 4Page - NXP Semiconductors PCF8575 Datasheet HTML 5Page - NXP Semiconductors PCF8575 Datasheet HTML 6Page - NXP Semiconductors PCF8575 Datasheet HTML 7Page - NXP Semiconductors PCF8575 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
I2C-bus: The serial revolution
By replacing complex parallel interfaces with a straightforward yet powerful serial
structure, the I2C-bus revolutionized chip-to-chip communications.
Invented by NXP (Philips) more than 30 years ago, the I2C-bus uses a simple two-wire
format to carry data one bit at a time. It performs inter-chip addressing, selection,
control, and data transfer. Speeds are up to 400 kHz (Fast-mode), 1 MHz (Fast-mode
Plus), 3.4 MHz (High Speed-mode), or 5 MHz (Ultra Fast-mode).
The I2C-bus shrinks the IC footprint and leads to lower IC costs. Plus, since far fewer
copper traces are needed, it enables a smaller PCB, reduces design complexity, and
lowers system cost.
SDA
SCL
uC
A0
A1
1010A2A1A0R/W
A2
New function address
1010011 R/W
New function address
as assigned
New
function
MCU
MCU
RTC
LCD
I/O
A/D
D/A
I2C-bus devices are available in a wide range of functions. Each slave device has its own I2C-bus address, selectable using
address pins set high (1) or low (0). Information is transmitted byte by byte, and each byte is acknowledged by the receiver.
There can be multiple devices on the same bus, and more than one IC can act as master. The master role is typically played by a
microcontroller.
Parallel Interface
I2C Serial Interface
Master
Write data
Slave
SDA
SCL
transmitter
P
W
S
data
slave address
data
A
A
A
receiver
SDA
SCL
transmitter
receiver
Read data
P
R
S
data
slave address
data
A
A
A
<
n data bytes
>
last data byte
S = Start condition
R/W = read/write
A = Acknowledge
A = Not acknowledge P = Stop condition
The master always sends the clock
< n data >
bytes


Similar Part No. - PCF8575

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCF8575 PHILIPS-PCF8575 Datasheet
105Kb / 24P
   Remote 16-bit I/O expander for I2C-bus
1999 Apr 07
logo
Texas Instruments
PCF8575 TI-PCF8575 Datasheet
749Kb / 28P
[Old version datasheet]   REMOTE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT
PCF8575 TI-PCF8575 Datasheet
1,010Kb / 32P
[Old version datasheet]   REMOTE 16-BIT I2C AND SMBus I/O EXPANDERWITH INTERRUPT OUTPUT
logo
NXP Semiconductors
PCF8575C PHILIPS-PCF8575C Datasheet
107Kb / 24P
   Remote 16-bit I/O expander for I2C-bus
1999 Aug 05
logo
Texas Instruments
PCF8575C TI-PCF8575C Datasheet
667Kb / 26P
[Old version datasheet]   REMOTE 16-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT
More results

Similar Description - PCF8575

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
F1100AA01 ETC2-F1100AA01 Datasheet
146Kb / 3P
   Most Economical Design
G-SERIES ETC-G-SERIES Datasheet
609Kb / 2P
   The first & most popular patented high-performance design
logo
Switchcraft, Inc.
R-5-SW SWITCH-R-5-SW Datasheet
330Kb / 2P
   The most common use for Switch Probes is in the cable harness testing industry.
logo
STMicroelectronics
VN1160TR-E STMICROELECTRONICS-VN1160TR-E Datasheet
1Mb / 18P
   Smart power solutions for car body applications
VN1160C-1-E STMICROELECTRONICS-VN1160C-1-E Datasheet
1Mb / 22P
   Smart power solutions for car body applications
ST26025A STMICROELECTRONICS-ST26025A Datasheet
1Mb / 18P
   Smart power solutions for car body applications
VN1160-1-E STMICROELECTRONICS-VN1160-1-E Datasheet
1Mb / 18P
   Smart power solutions for car body applications
logo
Cirrus Logic
CRD42528 CIRRUS-CRD42528 Datasheet
1Mb / 50P
   Reference Design for the
logo
List of Unclassifed Man...
WE1010NA ETC2-WE1010NA Datasheet
417Kb / 1P
   The most powerful station in its class, now in a new design
TS121SZQ2 ETC2-TS121SZQ2 Datasheet
308Kb / 2P
   Highest quality for the most demanding applications
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com