Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA9506 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PCA9506
Description  Smart, simple solutions for the 12 most common design concerns
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9506 Datasheet(HTML) 2 Page - NXP Semiconductors

  PCA9506 Datasheet HTML 1Page - NXP Semiconductors PCA9506 Datasheet HTML 2Page - NXP Semiconductors PCA9506 Datasheet HTML 3Page - NXP Semiconductors PCA9506 Datasheet HTML 4Page - NXP Semiconductors PCA9506 Datasheet HTML 5Page - NXP Semiconductors PCA9506 Datasheet HTML 6Page - NXP Semiconductors PCA9506 Datasheet HTML 7Page - NXP Semiconductors PCA9506 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
I2C-bus: The serial revolution
By replacing complex parallel interfaces with a straightforward yet powerful serial
structure, the I2C-bus revolutionized chip-to-chip communications.
Invented by NXP (Philips) more than 30 years ago, the I2C-bus uses a simple two-wire
format to carry data one bit at a time. It performs inter-chip addressing, selection,
control, and data transfer. Speeds are up to 400 kHz (Fast-mode), 1 MHz (Fast-mode
Plus), 3.4 MHz (High Speed-mode), or 5 MHz (Ultra Fast-mode).
The I2C-bus shrinks the IC footprint and leads to lower IC costs. Plus, since far fewer
copper traces are needed, it enables a smaller PCB, reduces design complexity, and
lowers system cost.
SDA
SCL
uC
A0
A1
1010A2A1A0R/W
A2
New function address
1010011 R/W
New function address
as assigned
New
function
MCU
MCU
RTC
LCD
I/O
A/D
D/A
I2C-bus devices are available in a wide range of functions. Each slave device has its own I2C-bus address, selectable using
address pins set high (1) or low (0). Information is transmitted byte by byte, and each byte is acknowledged by the receiver.
There can be multiple devices on the same bus, and more than one IC can act as master. The master role is typically played by a
microcontroller.
Parallel Interface
I2C Serial Interface
Master
Write data
Slave
SDA
SCL
transmitter
P
W
S
data
slave address
data
A
A
A
receiver
SDA
SCL
transmitter
receiver
Read data
P
R
S
data
slave address
data
A
A
A
<
n data bytes
>
last data byte
S = Start condition
R/W = read/write
A = Acknowledge
A = Not acknowledge P = Stop condition
The master always sends the clock
< n data >
bytes


Similar Part No. - PCA9506

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9506 PHILIPS-PCA9506 Datasheet
162Kb / 30P
   40-bit I2C-bus I/O port with RESET, OE, and INT
Rev. 01-14 February 2006
PCA9506 NXP-PCA9506 Datasheet
180Kb / 31P
   40-bit I2C-bus I/O port with RESET, OE and INT
Rev. 03-6 June 2007
PCA9506 NXP-PCA9506 Datasheet
276Kb / 34P
   40-bit I2C-bus I/O port with RESET, OE and INT
Rev. 4-3 August 2010
PCA9506BS PHILIPS-PCA9506BS Datasheet
162Kb / 30P
   40-bit I2C-bus I/O port with RESET, OE, and INT
Rev. 01-14 February 2006
PCA9506BS NXP-PCA9506BS Datasheet
180Kb / 31P
   40-bit I2C-bus I/O port with RESET, OE and INT
Rev. 03-6 June 2007
More results

Similar Description - PCA9506

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
F1100AA01 ETC2-F1100AA01 Datasheet
146Kb / 3P
   Most Economical Design
G-SERIES ETC-G-SERIES Datasheet
609Kb / 2P
   The first & most popular patented high-performance design
logo
Switchcraft, Inc.
R-5-SW SWITCH-R-5-SW Datasheet
330Kb / 2P
   The most common use for Switch Probes is in the cable harness testing industry.
logo
STMicroelectronics
VN1160TR-E STMICROELECTRONICS-VN1160TR-E Datasheet
1Mb / 18P
   Smart power solutions for car body applications
VN1160C-1-E STMICROELECTRONICS-VN1160C-1-E Datasheet
1Mb / 22P
   Smart power solutions for car body applications
ST26025A STMICROELECTRONICS-ST26025A Datasheet
1Mb / 18P
   Smart power solutions for car body applications
VN1160-1-E STMICROELECTRONICS-VN1160-1-E Datasheet
1Mb / 18P
   Smart power solutions for car body applications
logo
Cirrus Logic
CRD42528 CIRRUS-CRD42528 Datasheet
1Mb / 50P
   Reference Design for the
logo
List of Unclassifed Man...
WE1010NA ETC2-WE1010NA Datasheet
417Kb / 1P
   The most powerful station in its class, now in a new design
TS121SZQ2 ETC2-TS121SZQ2 Datasheet
308Kb / 2P
   Highest quality for the most demanding applications
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com