Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CHT4699-QDG Datasheet(PDF) 8 Page - United Monolithic Semiconductors

Part # CHT4699-QDG
Description  36-44GHz Variable Attenuator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHT4699-QDG Datasheet(HTML) 8 Page - United Monolithic Semiconductors

Back Button CHT4699-QDG Datasheet HTML 4Page - United Monolithic Semiconductors CHT4699-QDG Datasheet HTML 5Page - United Monolithic Semiconductors CHT4699-QDG Datasheet HTML 6Page - United Monolithic Semiconductors CHT4699-QDG Datasheet HTML 7Page - United Monolithic Semiconductors CHT4699-QDG Datasheet HTML 8Page - United Monolithic Semiconductors CHT4699-QDG Datasheet HTML 9Page - United Monolithic Semiconductors CHT4699-QDG Datasheet HTML 10Page - United Monolithic Semiconductors CHT4699-QDG Datasheet HTML 11Page - United Monolithic Semiconductors CHT4699-QDG Datasheet HTML 12Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
CHT4699-QDG
36-44GHz Variable Attenuator
Ref. : DSCHT4699-QDG2118 - 27 Apr 12
8/12
Specifications subject to change without notice
Bât. Charmille - Parc SILIC - 10, Avenue du Québec - 91140 VILLEBON-SUR-YVETTE - France
Tel.: +33 (0) 1 69 86 32 00 - Fax: +33 (0) 1 69 86 34 34
Typical Board Measurements
Tamb.= +25°C
Measurements in the package access planes
Input IP3 versus input power with V1= V2
38GHz
42GHz
Gain versus frequency and biasing option
V1 variable with V2=-5V
V1=V2
20
22
24
26
28
30
32
34
36
38
40
0
1
2
3
4
5
6
Input Power DCL (dBm)
-3.3V
-3.1V
-2.9V
-2.7V
20
22
24
26
28
30
32
34
36
38
40
2
3
4
5
6
Input Power DCL (dBm)
-3.3V
-3.1V
-2.9V
-2.7V
-30
-25
-20
-15
-10
-5
0
36
37
38
39
40
41
42
Frequency (GHz)
V1= -5V
V1= -3.3V
V1= -3.1V
V1= -2.9V
V1= -2.7V
-30
-25
-20
-15
-10
-5
0
36
37
38
39
40
41
42
Frequency (GHz)
-5V
-3.3V
-3.1V
-2.9V
-2.7V


Similar Part No. - CHT4699-QDG

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHT4699-QDG UMS-CHT4699-QDG Datasheet
487Kb / 12P
   36-44GHz Variable Attenuator
CHT4699-QDG UMS-CHT4699-QDG_15 Datasheet
487Kb / 12P
   36-44GHz Variable Attenuator
More results

Similar Description - CHT4699-QDG

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHT4699-QDG UMS-CHT4699-QDG_15 Datasheet
487Kb / 12P
   36-44GHz Variable Attenuator
CHT4699-99F UMS-CHT4699-99F Datasheet
474Kb / 12P
   36-44GHz Variable Attenuator
CHA2194 UMS-CHA2194_15 Datasheet
224Kb / 10P
   36-44GHz Low Noise Amplifier
CHA2194 UMS-CHA2194 Datasheet
195Kb / 10P
   36-44GHz Low Noise Amplifier
CHR2297 UMS-CHR2297_10 Datasheet
116Kb / 6P
   36-44GHz Multifunction Down-Converter
CHR2297 UMS-CHR2297 Datasheet
315Kb / 6P
   36-44GHz Multifunction (MFC) Down-Converter
logo
Hittite Microwave Corpo...
HMC-VVD106 HITTITE-HMC-VVD106 Datasheet
195Kb / 6P
   GaAs PIN MMIC VOLTAGE-VARIABLE ATTENUATOR, 36 - 50 GHz
logo
RFHIC
VA101 RFHIC-VA101 Datasheet
164Kb / 2P
   Variable Attenuator
VA101 RFHIC-VA101_14 Datasheet
133Kb / 4P
   Variable Attenuator
VA103 RFHIC-VA103 Datasheet
185Kb / 3P
   Variable attenuator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com