Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R76QR3680XX3XX Datasheet(PDF) 10 Page - Kemet Corporation

Part # R76QR3680XX3XX
Description  POLYPROPYLENE CAPACITOR WITH DOUBLE SIDED METALLIZED FILM ELECTRODES
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

R76QR3680XX3XX Datasheet(HTML) 10 Page - Kemet Corporation

Back Button R76QR3680XX3XX Datasheet HTML 4Page - Kemet Corporation R76QR3680XX3XX Datasheet HTML 5Page - Kemet Corporation R76QR3680XX3XX Datasheet HTML 6Page - Kemet Corporation R76QR3680XX3XX Datasheet HTML 7Page - Kemet Corporation R76QR3680XX3XX Datasheet HTML 8Page - Kemet Corporation R76QR3680XX3XX Datasheet HTML 9Page - Kemet Corporation R76QR3680XX3XX Datasheet HTML 10Page - Kemet Corporation R76QR3680XX3XX Datasheet HTML 11Page - Kemet Corporation R76QR3680XX3XX Datasheet HTML 12Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
09/2008
125
R76
MMKP Series
polypRopylENE capacitoR WitH DoUBlE
SiDED MEtalliZED FilM ElEctRoDES D.c. aND
pUlSE applicatioNS
PRODUCT CODE:
R76
tESt MEtHoD aND pERFoRMaNcE
Damp heat, steady state:
test conditions
Temperature:
+40°C±2°C
Relative humidity (RH):
93% ±2%
Test duration:
56 days
performance
Capacitance change |∆C/C|: ≤2%
DF change (∆tgδ):
≤10x10-4 at 1kHz
Insulation resistance:
≥50% of initial limit.
Endurance:
test conditions
Temperature:
+85°C±2°C
Test duration:
2000 h
Voltage applied:
1.25xV
r (d.c.)
performance
Capacitance change |∆C/C|: ≤2%
DF change (∆tgδ): ≤10x10-4 at 110kHz for C≤1µF
≤10x10-4 at 111kHz for C>1µF
Insulation resistance:
≥50% of initial limit.
Resistance to soldering heat:
test conditions
Solder bath temperature:
+260°C±5°C
Dipping time (with heat screen):10 s±1 s
performance
Capacitance change |∆C/C|: ≤1%
DF change (∆tgδ): ≤10x10-4 at 110kHz for C≤1µF
≤10x10-4 at 111kHz for C>1µF
Insulation resistance:
≥initial limit.
long term stability (after two years):
Storage: standard environmental conditions (see page 12).
performance
Capacitance change |∆C/C|: ≤0.5%
ElEctRical cHaRactERiSticS
Rated voltage (V
R):
250Vdc - 0400Vdc - 630Vdc
for 1 section
630Vdc - 1000Vdc - 1600Vdc - 2000Vdc
for 2 sections.
Rated temperature (t
R):
+85°C for V
r (d.c.)
+75°C for V
r (a.c.)
temperature derated voltage:
The following decreasing factor has to be applied on the
rated voltage:
+85°C to +105°C: 1.25% per °C for V
r (d.c.).
+75°C to +105°C: 1.35% per °C for V
r (a.c.)
capacitance range:
680pF to 15µF
1 section
100pF to 5.6µF
2 sections
capacitance values:
E12 series (IEC 60063 Norm).
capacitance tolerances (measured at 1 kHz):
±5% (J); ±10% (K)
for C<1000pF
±2.5% (H); ±5% (J); ±10% (K);
for C≥1000pF
total self-inductance (L):
(Lead length ~2 mm)
Pitch (mm)
7.5
10
15
22.5
27.5
37.5
L (nH) ≈
8
9
10
18
18
20
Dissipation factor (DF):
tgδx10-4 at +25°C ±5°C
kHz
C≤0.1µF
0.1µF<C≤1.0µF
C>1µF
1
10
100
030
04
≤15
≤3
≤6
≤4
insulation resistance:
test conditions
Temperature:
+25°C±5°C
Voltage charge time:
1 min
Voltage charge:
100Vdc
performance
≥1x105 MΩ
for C≤0.33µF
(5x105 MΩ)*
≥30000 s
for C>0.33µF
(150000 s)*
* Typical value.
test voltage between terminations:
1.6xV
r applied for 2 s at +25°C±5°C


Similar Part No. - R76QR3680XX3XX

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
R76QR31004040J KEMET-R76QR31004040J Datasheet
56Kb / 1P
   Capacitor, film, 0.1 uF, /-5% Tol, -55/105C, General Purpose, 1000 VDC@85C, Lead Spacing=27.5 mm
R76QR3100SE40K KEMET-R76QR3100SE40K Datasheet
55Kb / 1P
   Capacitor, film, 0.1 uF, /-10% Tol, -55/105C, General Purpose, 1000 VDC@85C, Lead Spacing=27.5 mm
R76QR3150SE30J KEMET-R76QR3150SE30J Datasheet
436Kb / 4P
   R76, Film, Double Metallized Polypropylene, General Purpose, 0.15 uF, 5%, 1000 VDC, 85°C, Lead Spacing = 27.5mm
R76QR318050H3J KEMET-R76QR318050H3J Datasheet
57Kb / 1P
   R76_125C, Film, Double Metallized Polypropylene, General Purpose, 0.18 uF, 5%, 1000 VDC, 105째C, Lead Spacing = 27.5mm
R76QR3180SE30J KEMET-R76QR3180SE30J Datasheet
435Kb / 4P
   R76, Film, Double Metallized Polypropylene, General Purpose, 0.18 uF, 5%, 1000 VDC, 85°C, Lead Spacing = 27.5mm
More results

Similar Description - R76QR3680XX3XX

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
105MHBA06K2H ILLINOISCAPACITOR-105MHBA06K2H Datasheet
271Kb / 7P
   Radial Leaded Polypropylene Film Capacitors with Double Sided Metallized Electrodes
472PSB302K2G ILLINOISCAPACITOR-472PSB302K2G Datasheet
402Kb / 9P
   Radial Leaded Polypropylene Film Capacitors with Double Sided Metallized Electrodes
logo
Surge Components
C82 SURGE-C82 Datasheet
6Mb / 16P
   Double sided metallized polypropylene structure
C84 SURGE-C84 Datasheet
2Mb / 13P
   Double sided metallized polypropylene structure
logo
jb Capacitors Company
JFQ JBCAPACITORS-JFQ Datasheet
810Kb / 7P
   Box Type Double Sided Met Polypropylene Film Capacitor
logo
List of Unclassifed Man...
PHE428 ETC1-PHE428 Datasheet
82Kb / 6P
   Double metallized film pulse capacitor, polypropylene dielectric
logo
Vishay Siliconix
MKP1845 VISHAY-MKP1845 Datasheet
210Kb / 5P
   Metallized Polypropylene Film Capacitor
Revision: 04-Jul-05
logo
Panasonic Semiconductor
ECW-F4105JL PANASONIC-ECW-F4105JL Datasheet
333Kb / 10P
   Metallized Polypropylene Film Capacitor
ECW-H12362JV PANASONIC-ECW-H12362JV Datasheet
214Kb / 14P
   Metallized Polypropylene Film Capacitor
ECQUAAF474M PANASONIC-ECQUAAF474M Datasheet
164Kb / 2P
   Metallized Polypropylene Film Capacitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com