Electronic Components Datasheet Search
Selected language     English  ▼


SN74AHC595-Q1 Datasheet(PDF) 6 Page - Texas Instruments

Part No. SN74AHC595-Q1
Description  8-BIT SHIFT REGISTER WITH 3-STATE OUTPUT REGISTERS
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI1 [Texas Instruments]
Homepage  http://www.ti.com
Logo 

 6 page
background image
www.ti.com
SWITCHING CHARACTERISTICS
SWITCHING CHARACTERISTICS
OPERATING CHARACTERISTICS
SN74AHC595-Q1
8-BIT SHIFT REGISTER
WITH 3-STATE OUTPUT REGISTERS
SCLS537B – AUGUST 2003 – REVISED JANUARY 2008
VCC = 3.3 V ± 0.3 V, over recommended operating free-air temperature range (unless otherwise noted) (see Figure 1)
TA = 25°C
FROM
TO
LOAD
PARAMETER
MIN
MAX
UNIT
(INPUT)
(OUTPUT)
CAPACITANCE
MIN
TYP
MAX
fmax
CL = 50 pF
55
105
40
MHz
tPLH
7.9
15.4
1
20
RCLK
QA–QH
CL = 50 pF
ns
tPHL
7.9
15.4
1
20
tPLH
9.2
16.5
1
21.5
SRCLK
QH'
CL = 50 pF
ns
tPHL
9.2
16.5
1
21.5
tPHL
SRCLR
QH'
CL = 50 pF
9
16.3
1
20.2
ns
tPZH
7.8
15
1
20
OE
QA–QH
CL = 50 pF
ns
tPZL
9.6
15
1
20
tPHZ
8.1
15.7
1
19.2
OE
QA–QH
CL = 50 pF
ns
tPLZ
9.3
15.7
1
19.2
VCC = 5 V ± 0.5 V, over recommended operating free-air temperature range (unless otherwise noted) (see Figure 1)
TA = 25°C
FROM
TO
LOAD
PARAMETER
MIN
MAX
UNIT
(INPUT)
(OUTPUT)
CAPACITANCE
MIN
TYP
MAX
fmax
CL = 50 pF
95
140
75
MHz
tPLH
5.6
9.4
1
13.5
RCLK
QA–QH
CL = 50 pF
ns
tPHL
5.6
9.4
1
13.5
tPLH
6.4
10.2
1
14.4
SRCLK
QH'
CL = 50 pF
ns
tPHL
6.4
10.2
1
14.4
tPHL
SRCLR
QH'
CL = 50 pF
6.4
10
1
14.1
ns
tPZH
5.7
10.6
1
15
OE
QA–QH
CL = 50 pF
ns
tPZL
6.8
10.6
1
15
tPHZ
3.5
10.3
1
14
OE
QA–QH
CL = 50 pF
ns
tPLZ
3.4
10.3
1
14
VCC = 5 V, TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TYP
UNIT
Cpd
Power dissipation capacitance
No load, f = 10 MHz
114
pF
6
Submit Documentation Feedback
Copyright © 2003–2008, Texas Instruments Incorporated
Product Folder Link(s): SN74AHC595-Q1




Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl