Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SE98PW Datasheet(PDF) 3 Page - NXP Semiconductors

Part # SE98PW
Description  I2C Demonstration Board 2005-1 Quick Start Guide
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SE98PW Datasheet(HTML) 3 Page - NXP Semiconductors

  SE98PW Datasheet HTML 1Page - NXP Semiconductors SE98PW Datasheet HTML 2Page - NXP Semiconductors SE98PW Datasheet HTML 3Page - NXP Semiconductors SE98PW Datasheet HTML 4Page - NXP Semiconductors SE98PW Datasheet HTML 5Page - NXP Semiconductors SE98PW Datasheet HTML 6Page - NXP Semiconductors SE98PW Datasheet HTML 7Page - NXP Semiconductors SE98PW Datasheet HTML 8Page - NXP Semiconductors SE98PW Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
UM10206
© Koninklijke Philips Electronics N.V. 2006. All rights reserved.
User manual
Rev. 01 — 13 June 2006
3 of 12
Philips Semiconductors
UM10206
I2C Demonstration Board 2005-1 Quick Start Guide
1.
Introduction
The I2C Demonstration Board 2005-1 is a USB based solution that allows engineers and
sales engineers to experiment with general-purpose I2C-bus devices from Philips.
The hardware connects to a standard USB port found on most IBM-compatible PCs and
provides bidirectional communication with I2C-bus devices using the I2C-bus protocol.
The hardware is powered directly from the PC's USB port.
An on-board LED illuminates after the USB host has successfully enumerated it.
The Win-I2CUSB Lite software from The Boardshop runs on Windows 98SE, ME, 2000,
and XP and is compatible with any PC hardware having a minimum of a Pentium
processor and an USB port. The software allows the user to select one of the
I2C-bus devices on the board from a menu and also provides a Universal mode to allow
users to create their own I2C-bus commands with the same I2C-bus devices. The
Win-I2CUSB Lite software is designed to operate only with the specific devices and
device addresses on the I2C Demonstration Board 2005-1.
2.
Getting started
2.1 Assumptions
It is helpful to have basic experience with the I2C-bus protocol before using the
demonstration board but it is not absolutely necessary. There are several exercises
targeted at beginners as well as more advanced users. For beginners, the I2C-bus
specification is a good source of detailed information about the I2C-bus. You can
download the complete specification from the Philips Semiconductors website.
2.2 Static Handling Requirements
2.3 Minimum System Requirements
PC Pentium 60 processor (or equivalent), 8MB RAM, 10MB of hard drive space
one USB port (either 2.0 or 1.1 compatible)
Windows 98SE, ME, 2000, or XP
2.4 Adapter Power Requirements
The Philips I2C Demonstration Board 2005-1 hardware obtains its power from the PC
USB port.
CAUTION
This device is sensitive to ElectroStatic Discharge (ESD). Therefore care should be taken
during transport and handling. You must use a ground strap or touch the PC case or other
grounded source before unpacking or handling the hardware.


Similar Part No. - SE98PW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SE98PW NXP-SE98PW Datasheet
193Kb / 39P
   DDR memory module temp sensor, 3.3 V
Rev. 04-2 February 2009
More results

Similar Description - SE98PW

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
UM0553 STMICROELECTRONICS-UM0553 Datasheet
231Kb / 5P
   Quick start guide for the STR9 dongle demonstration board
logo
Linear Integrated Syste...
LTC3025-1 LINEAR-LTC3025-1_09 Datasheet
537Kb / 5P
   QUICK START GUIDE FOR DEMONSTRATION CIRCUIT 1283
LT3028 LINEAR-LT3028_09 Datasheet
330Kb / 3P
   QUICK START GUIDE FOR DEMONSTRATION CIRCUIT 832
LT3080EDD LINEAR-LT3080EDD Datasheet
298Kb / 5P
   QUICK START GUIDE FOR DEMONSTRATION CIRCUIT 995A
logo
Linear Technology
DC1466A-B LINER-DC1466A-B Datasheet
262Kb / 4P
   QUICK START GUIDE FOR DEMONSTRATION CIRCUIT DC1466
logo
Vishay Siliconix
SI4707-B-EVB VISHAY-SI4707-B-EVB Datasheet
104Kb / 2P
   EVALUATION BOARD QUICK-START GUIDE
Rev. 0.1 4/08
logo
STMicroelectronics
UM0682 STMICROELECTRONICS-UM0682 Datasheet
399Kb / 10P
   Quick start guide for the STEVAL-TLL005V1 power flash demonstration board
logo
Connor-Winfield Corpora...
DOC-EVAL CONNOR-WINFIELD-DOC-EVAL Datasheet
698Kb / 1P
   Eval Board Quick Start Guide
logo
Silicon Laboratories
AN235 SILABS-AN235 Datasheet
999Kb / 2P
   EVALUATION BOARD QUICK-START GUIDE
logo
Connor-Winfield Corpora...
FTS-FR125 CONNOR-WINFIELD-FTS-FR125 Datasheet
2Mb / 2P
   Eval Board Quick Start Guide
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com