Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TFPTL15L1000FH5U Datasheet(PDF) 2 Page - Vishay Siliconix

Part # TFPTL15L1000FH5U
Description  Radial Leaded PTC - Nickel Thin Film Linear Thermistors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TFPTL15L1000FH5U Datasheet(HTML) 2 Page - Vishay Siliconix

  TFPTL15L1000FH5U Datasheet HTML 1Page - Vishay Siliconix TFPTL15L1000FH5U Datasheet HTML 2Page - Vishay Siliconix TFPTL15L1000FH5U Datasheet HTML 3Page - Vishay Siliconix TFPTL15L1000FH5U Datasheet HTML 4Page - Vishay Siliconix TFPTL15L1000FH5U Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
TFPTL
Radial Leaded PTC - Nickel Thin Film Linear Thermistors
Vishay
Document Number: 33027
For technical questions, contact: nlr@vishay.com
www.vishay.com
Revision: 25-Oct-11
2
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
DIMENSIONS
Notes
• Bulk packed types have a standard lead length L = 25 mm minimum
• Thickness is defined as “T”
Note
• Zero power is considered as measuring power max. 1 % of rated power
P70
TFPTL DIMENSIONS in millimeters
SIZE L10
SIZE L15
L2
H5
L2
H5
Wbmax.
3.6
4.0
Hmax.
3.5
3.8
SHmax.(seating height)
5.0
6.2
5.2
6.5
d
0.5 ± 10 %
L
25 min.
F
2.5 ± 0.8
5.0 ± 0.8
2.5 ± 0.8
5.0 ± 0.8
Tmax.
2.2
2.4
H
SH
L
F
L2
H
SH
L
F
H5
Wb
T
Wb
Component outline for
lead spacing 5.0 mm ± 0.8 mm
(flat bent leads)
Component outline for
lead spacing 2.5 mm ± 0.8 mm
(straight leads)
d
102F
471J
- 75
- 50
- 25
0
25
50
75
100
125
150
175
0
10
20
30
40
50
60
70
80
100
90
110
Temperature in °C
Power Derating


Similar Part No. - TFPTL15L1000FH5U

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TFPTL VISHAY-TFPTL Datasheet
497Kb / 5P
   Nickel thin film PTC element
Revision: 25-Oct-11
TFPTL VISHAY-TFPTL Datasheet
495Kb / 5P
   Radial Leaded PTC - Nickel Thin Film Linear Thermistors
01-Jan-2022
TFPTL VISHAY-TFPTL_V01 Datasheet
495Kb / 5P
   Radial Leaded PTC - Nickel Thin Film Linear Thermistors
01-Jan-2022
More results

Similar Description - TFPTL15L1000FH5U

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TFPTL VISHAY-TFPTL_V01 Datasheet
495Kb / 5P
   Radial Leaded PTC - Nickel Thin Film Linear Thermistors
01-Jan-2022
TFPT1206L1002JV VISHAY-TFPT1206L1002JV Datasheet
88Kb / 5P
   SMD PTC - Nickel Thin Film Linear Thermistors
Revision: 22-Mar-11
TFPT VISHAY-TFPT_V01 Datasheet
118Kb / 5P
   SMD PTC - Nickel Thin Film Linear Thermistors
01-Jan-2022
TFPT0805L5001FY VISHAY-TFPT0805L5001FY Datasheet
88Kb / 5P
   SMD PTC - Nickel Thin Film Linear Thermistors
Revision: 22-Mar-11
TFPT VISHAY-TFPT_17 Datasheet
103Kb / 5P
   SMD PTC - Nickel Thin Film Linear Thermistors
Revision: 30-Aug-16
TFPTL VISHAY-TFPTL Datasheet
497Kb / 5P
   Nickel thin film PTC element
Revision: 25-Oct-11
logo
Bel Fuse Inc.
0ZRB BEL-0ZRB_16 Datasheet
1Mb / 4P
   Radial Leaded PTC
0ZRM BEL-0ZRM Datasheet
211Kb / 2P
   Radial Leaded PTC
logo
Littelfuse
30R LITTELFUSE-30R Datasheet
116Kb / 2P
   Radial Leaded PTC
logo
Bel Fuse Inc.
0ZRE BEL-0ZRE Datasheet
316Kb / 2P
   Radial Leaded PTC
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com