Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSL3250A Datasheet(PDF) 5 Page - NXP Semiconductors

Part # SSL3250A
Description  Smart, simple solutions for the 12 most common design concerns
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SSL3250A Datasheet(HTML) 5 Page - NXP Semiconductors

  SSL3250A Datasheet HTML 1Page - NXP Semiconductors SSL3250A Datasheet HTML 2Page - NXP Semiconductors SSL3250A Datasheet HTML 3Page - NXP Semiconductors SSL3250A Datasheet HTML 4Page - NXP Semiconductors SSL3250A Datasheet HTML 5Page - NXP Semiconductors SSL3250A Datasheet HTML 6Page - NXP Semiconductors SSL3250A Datasheet HTML 7Page - NXP Semiconductors SSL3250A Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Real-time clocks
Low-power
PCA8802
I2C Fm RTC for One Time Password genera-
tion and smart cards
PCF8523
I2C Fm+ Ultra low-power RTC with loss of
main power detect and auto battery switch
over
PCF8563
I2C Fm Ultra low-power clock/calendar
PCF8564A
I2C Fm Ultra low-power clock/calendar and
COB
Normal
+ PCA8565
I2C Fm High temperature clock/calendar
-40°C…+125°C
PCF8583
I2C Sm Clock/calendar resolution: 0.01 s,
with 256x8 SRAM
PCF8593
I2C Sm Low-power clock/calendar resolution:
0.01 s
Temp-compen-
sated
PCF2127A
I2C Fm High-accuracy, low-voltage RTC with
512x8 RAM
+ PCA/PCF2129(A) I2C Fm High-accuracy RTC
Decode table
Bus Speed
Features
Sm
100 kHz Standard-mode I2C-bus
LV
Supply voltage <2.3 V
Fm
400 kHz Fast-mode I2C-bus
TP
Totem-pole (push-pull)
Fm+
1 MHz Fast-mode Plus I2C-bus
QB
Quasi-bidirectional
HSm
3.4 MHz High Speed-mode I2C-bus
OD
Open drain
UFm
5 MHz Ultra Fast-mode I2C-bus
CS
Current source
INT
Interrupt
+
AEC-Q100 compliance
RST
Reset
GPIO
General Purpose I/O Expander
OE
Output enable
TS
Thermal Sensor
Latch
Input latch
RTC
Real Time Clock
PU
Pull-up resistors
LCD
Liquid Crystal Display
PU/PD
Pull-up/pull-down resistors
DAC
Digital Analog Converter
HV
Outputs >10 V
ADC
Analog Digital Converter
VLT
Voltage Level Translator – 2 Supplies
COG
Chip on Glass
Muxes and
switches
2-channel
PCA9540B
2-channel I2C Fm mux
PCA9542A
2-channel I2C Fm mux with INT
PCA9543A/B/C
2-channel I2C Fm switch with INT and RST (B and C Alternate
address)
2-to-1 demux
PCA9541A/01   
2 to 1 I2C Fm demux with INT and RST
(channel 0 default)
PCA9541A/03   
2 to 1 I2C Fm demux with INT and RST
(no channel default)
4-channel
PCA9544A
4-channel I2C Fm mux with INT
PCA9545A/B/C
4-channel I2C Fm switch with INT and RST (B and C
Alternate address)
PCA9546A
4-channel I2C Fm switch with RST
PCA9646
4-channel I2C Fm+ No Offset buffer/switch with RST
8-channel
PCA9547
8-channel I2C Fm mux with RST (channel 0 default)
PCA9548A
8-channel I2C Fm switch with RST
Bus buffers
Incremental Offset
PCA9510A
I2C Fm Incremental Offset hot-swap bus buffer (no RTA)
PCA9511A
I2C Fm Incremental Offset hot swap-bus buffer
PCA9512B
I2C Fm Incremental Offset VLT hot swap bus buffer
PCA9513A
I2C Fm Incremental Offset hot-swap bus buffer
(92 µA CS)
PCA9514A
I2C Fm Incremental Offset hot-swap bus buffer
(0.8 V offset)
PCA9521
I2C Fm (1 MHz) HV Incremental Offset bus buffer
PCA9522
I2C Fm (1 MHz) HV Incremental Offset hot-swap
bus buffer
Amplifier
P82B715
I2C Fm HV bus extender
No Offset
PCA9525
I2C Fm (1 MHz) No Offset bus repeater
PCA9605
I2C Fm+ No Offset bus repeater
Static Offset
(1 side)
P82B96
I2C Fm HV bus buffer
PCA9507
I2C Fm VLT DDC buffer with accelerator
PCA9508
I2C Fm VLT hot-swap bus repeater
PCA9509
I2C Fm 1.0V LV VLT bus buffer with current source
PCA9509A
I2C Fm 0.8V LV VLT bus buffer with current source
PCA9509P
I2C Fm 0.8V LV VLT bus buffer
PCA9517A
I2C Fm 0.9V LV VLT bus repeater
PCA9519
4-channel version of PCA9509
PCA9527
I2C Fm DDC VLT buffer with accelerator and CEC
PCA9600
I2C Fm+ HV bus buffer
PCA9601
I2C Fm+ HV bus buffer with stronger 15 mA local side
drive to support multiple Fm+ slaves
Static Offset
(All sides)
PCA9515A
I2C Fm bus repeater
PCA9516A
I2C Fm 5-channel hub
PCA9518A
I2C Fm expandable 5-channel hub
Voltage translator
(doesn’t isolate
capacitance)
GTL2000
22-bit I2C Fm+ VLT
GTL2002
2-bit I2C Fm+ VLT
GTL2003
8-bit I2C Fm+ VLT
GTL2010
10-bit I2C Fm+ VLT
PCA9306
Dual I2C/SMBus Fm+ VLT
NVT2001
1-bit I2C Fm+ VLT
NVT2002
2-bit I2C Fm+ VLT for I2C/SMBus applications
NVT2003
3-bit I2C Fm+ VLT for two power supply applications
NVT2004
4-bit I2C Fm+ VLT for SPI applications
NVT2006
6-bit I2C Fm+ VLT
NVT2008
8-bit I2C Fm+ VLT
NVT2010
10-bit I2C Fm+ VLT


Similar Part No. - SSL3250A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SSL3250A NXP-SSL3250A Datasheet
147Kb / 26P
   Photo flash dual LED driver
Rev. 03-30 June 2009
SSL3250AHN/C1 NXP-SSL3250AHN/C1 Datasheet
147Kb / 26P
   Photo flash dual LED driver
Rev. 03-30 June 2009
SSL3250AHN/C1 NXP-SSL3250AHN/C1 Datasheet
230Kb / 26P
   Photo flash dual LED driver
Rev. 05-16 December 2009
SSL3250A_0912 NXP-SSL3250A_0912 Datasheet
230Kb / 26P
   Photo flash dual LED driver
Rev. 05-16 December 2009
More results

Similar Description - SSL3250A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
F1100AA01 ETC2-F1100AA01 Datasheet
146Kb / 3P
   Most Economical Design
G-SERIES ETC-G-SERIES Datasheet
609Kb / 2P
   The first & most popular patented high-performance design
logo
Switchcraft, Inc.
R-5-SW SWITCH-R-5-SW Datasheet
330Kb / 2P
   The most common use for Switch Probes is in the cable harness testing industry.
logo
STMicroelectronics
VN1160TR-E STMICROELECTRONICS-VN1160TR-E Datasheet
1Mb / 18P
   Smart power solutions for car body applications
VN1160C-1-E STMICROELECTRONICS-VN1160C-1-E Datasheet
1Mb / 22P
   Smart power solutions for car body applications
ST26025A STMICROELECTRONICS-ST26025A Datasheet
1Mb / 18P
   Smart power solutions for car body applications
VN1160-1-E STMICROELECTRONICS-VN1160-1-E Datasheet
1Mb / 18P
   Smart power solutions for car body applications
logo
Cirrus Logic
CRD42528 CIRRUS-CRD42528 Datasheet
1Mb / 50P
   Reference Design for the
logo
List of Unclassifed Man...
WE1010NA ETC2-WE1010NA Datasheet
417Kb / 1P
   The most powerful station in its class, now in a new design
TS121SZQ2 ETC2-TS121SZQ2 Datasheet
308Kb / 2P
   Highest quality for the most demanding applications
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com