Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TFPTL15L1000JH5T Datasheet(PDF) 3 Page - Vishay Siliconix

Part # TFPTL15L1000JH5T
Description  Radial Leaded PTC - Nickel Thin Film Linear Thermistors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TFPTL15L1000JH5T Datasheet(HTML) 3 Page - Vishay Siliconix

  TFPTL15L1000JH5T Datasheet HTML 1Page - Vishay Siliconix TFPTL15L1000JH5T Datasheet HTML 2Page - Vishay Siliconix TFPTL15L1000JH5T Datasheet HTML 3Page - Vishay Siliconix TFPTL15L1000JH5T Datasheet HTML 4Page - Vishay Siliconix TFPTL15L1000JH5T Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
TFPTL
Vishay
Radial Leaded PTC - Nickel Thin Film Linear Thermistors
www.vishay.com
For technical questions, contact: nlr@vishay.com
Document Number: 33027
3
Revision: 25-Oct-11
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1) TFPTs are ESD sensitive
PERFORMANCE
TEST
MAXIMUM
R
25/R25
(1)
Storage dry heat (5000 h at 125 °C)
± 0.25 %
High temperature exposure (1000 h at 150 °C)
± 0.3 %
Damp heat steady state, unloaded (1344 h at 40 °C/95 % RH)
± 0.2 %
Thermal cycling (15 min at - 55 °C, 15 min at 150 °C, 100 cycles)
± 0.2 %
Thermal cycling (15 min at - 55 °C, 15 min at 125 °C, 1000 cycles)
± 0.2 %
Short time overload (2.5 x
P70 for 60s at 70 °C)
± 0.2 %
Long term dissipation (1000 h rated power at 70 °C)
± 0.2 %
Resistance to soldering heat (10 s at 260 °C)
± 0.25 %
AVERAGE RATIO R/R25 TFPTL ALL SIZES AND VALUES
TEMP.
R/R25
TEMP.
R/R25
TEMP.
R/R25
TEMP.
R/R25
TEMP.
R/R25
TEMP.
R/R25
- 20
0.825
20
0.980
60
1.150
100
1.337
140
1.541
- 19
0.828
21
0.984
61
1.155
101
1.342
141
1.547
- 18
0.832
22
0.988
62
1.159
102
1.347
142
1.552
- 17
0.836
23
0.992
63
1.164
103
1.352
143
1.557
- 16
0.839
24
0.996
64
1.168
104
1.357
144
1.563
- 55
0.702
- 15
0.843
25
1.000
65
1.173
105
1.362
145
1.568
- 54
0.705
- 14
0.847
26
1.004
66
1.177
106
1.367
146
1.574
- 53
0.708
- 13
0.851
27
1.008
67
1.182
107
1.372
147
1.579
- 52
0.712
- 12
0.854
28
1.012
68
1.186
108
1.377
148
1.584
- 51
0.715
- 11
0.858
29
1.017
69
1.191
109
1.382
149
1.590
- 50
0.719
- 10
0.862
30
1.021
70
1.196
110
1.387
150
1.595
- 49
0.722
- 9
0.866
31
1.025
71
1.200
111
1.392
- 48
0.725
- 8
0.869
32
1.029
72
1.205
112
1.397
- 47
0.729
- 7
0.873
33
1.033
73
1.209
113
1.402
- 46
0.732
- 6
0.877
34
1.037
74
1.214
114
1.407
- 45
0.736
- 5
0.881
35
1.042
75
1.219
115
1.412
- 44
0.739
- 4
0.885
36
1.046
76
1.223
116
1.417
- 43
0.743
- 3
0.889
37
1.050
77
1.228
117
1.422
- 42
0.746
- 2
0.892
38
1.054
78
1.232
118
1.427
- 41
0.749
- 1
0.896
39
1.059
79
1.237
119
1.432
- 40
0.753
0
0.900
40
1.063
80
1.242
120
1.437
- 39
0.756
1
0.904
41
1.067
81
1.246
121
1.442
- 38
0.760
2
0.908
42
1.071
82
1.251
122
1.448
- 37
0.763
3
0.912
43
1.076
83
1.256
123
1.453
- 36
0.767
4
0.916
44
1.080
84
1.261
124
1.458
- 35
0.771
5
0.920
45
1.084
85
1.265
125
1.463
- 34
0.774
6
0.924
46
1.089
86
1.270
126
1.468
- 33
0.778
7
0.927
47
1.093
87
1.275
127
1.473
- 32
0.781
8
0.931
48
1.097
88
1.280
128
1.478
- 31
0.785
9
0.935
49
1.102
89
1.284
129
1.484
- 30
0.788
10
0.939
50
1.106
90
1.289
130
1.489
- 29
0.792
11
0.943
51
1.110
91
1.294
131
1.494
- 28
0.796
12
0.947
52
1.115
92
1.299
132
1.499
- 27
0.799
13
0.951
53
1.119
93
1.303
133
1.505
- 26
0.803
14
0.955
54
1.124
94
1.308
134
1.510
- 25
0.806
15
0.959
55
1.128
95
1.313
135
1.515
- 24
0.810
16
0.963
56
1.133
96
1.318
136
1.520
- 23
0.814
17
0.967
57
1.137
97
1.323
137
1.526
- 22
0.817
18
0.971
58
1.141
98
1.328
138
1.531
- 21
0.821
19
0.975
59
1.146
99
1.333
139
1.536


Similar Part No. - TFPTL15L1000JH5T

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TFPTL VISHAY-TFPTL Datasheet
497Kb / 5P
   Nickel thin film PTC element
Revision: 25-Oct-11
TFPTL VISHAY-TFPTL Datasheet
495Kb / 5P
   Radial Leaded PTC - Nickel Thin Film Linear Thermistors
01-Jan-2022
TFPTL VISHAY-TFPTL_V01 Datasheet
495Kb / 5P
   Radial Leaded PTC - Nickel Thin Film Linear Thermistors
01-Jan-2022
More results

Similar Description - TFPTL15L1000JH5T

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TFPTL VISHAY-TFPTL_V01 Datasheet
495Kb / 5P
   Radial Leaded PTC - Nickel Thin Film Linear Thermistors
01-Jan-2022
TFPT1206L1002JV VISHAY-TFPT1206L1002JV Datasheet
88Kb / 5P
   SMD PTC - Nickel Thin Film Linear Thermistors
Revision: 22-Mar-11
TFPT VISHAY-TFPT_V01 Datasheet
118Kb / 5P
   SMD PTC - Nickel Thin Film Linear Thermistors
01-Jan-2022
TFPT0805L5001FY VISHAY-TFPT0805L5001FY Datasheet
88Kb / 5P
   SMD PTC - Nickel Thin Film Linear Thermistors
Revision: 22-Mar-11
TFPT VISHAY-TFPT_17 Datasheet
103Kb / 5P
   SMD PTC - Nickel Thin Film Linear Thermistors
Revision: 30-Aug-16
TFPTL VISHAY-TFPTL Datasheet
497Kb / 5P
   Nickel thin film PTC element
Revision: 25-Oct-11
logo
Bel Fuse Inc.
0ZRB BEL-0ZRB_16 Datasheet
1Mb / 4P
   Radial Leaded PTC
0ZRM BEL-0ZRM Datasheet
211Kb / 2P
   Radial Leaded PTC
logo
Littelfuse
30R LITTELFUSE-30R Datasheet
116Kb / 2P
   Radial Leaded PTC
logo
Bel Fuse Inc.
0ZRE BEL-0ZRE Datasheet
316Kb / 2P
   Radial Leaded PTC
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com