Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBZ5222BLT1G Datasheet(PDF) 3 Page - ON Semiconductor

Part # MMBZ5222BLT1G
Description  Zener Voltage Regulators
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMBZ5222BLT1G Datasheet(HTML) 3 Page - ON Semiconductor

  MMBZ5222BLT1G Datasheet HTML 1Page - ON Semiconductor MMBZ5222BLT1G Datasheet HTML 2Page - ON Semiconductor MMBZ5222BLT1G Datasheet HTML 3Page - ON Semiconductor MMBZ5222BLT1G Datasheet HTML 4Page - ON Semiconductor MMBZ5222BLT1G Datasheet HTML 5Page - ON Semiconductor MMBZ5222BLT1G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MMBZ52xxBLT1G Series, SZMMBZ52xxBLT1G Series
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS (Pinout: 1-Anode, 2-NC, 3-Cathode) (VF = 0.9 V Max @ IF = 10 mA for all types.)
Device*
Device
Marking
Zener Voltage (Note 3)
Zener Impedance
Leakage Current
VZ (Volts)
@ IZT
ZZT @ IZT
ZZK @ IZK
IR @ VR
Min
Nom
Max
mA
W
W
mA
mA
Volts
MMBZ5221BLT1G
18A
2.28
2.4
2.52
20
30
1200
0.25
100
1
MMBZ5222BLT1G
18B
2.37
2.5
2.63
20
30
1250
0.25
100
1
MMBZ5223BLT1G
18C
2.56
2.7
2.84
20
30
1300
0.25
75
1
MMBZ5224BLT1G
18D
2.66
2.8
2.94
20
30
1400
0.25
75
1
MMBZ5225BLT1G
18E
2.85
3
3.15
20
29
1600
0.25
50
1
MMBZ5226BLT1G
8A
3.13
3.3
3.47
20
28
1600
0.25
25
1
MMBZ5227BLT1G
8B
3.42
3.6
3.78
20
24
1700
0.25
15
1
MMBZ5228BLT1G
8C
3.70
3.9
4.10
20
23
1900
0.25
10
1
MMBZ5229BLT1G
8D
4.08
4.3
4.52
20
22
2000
0.25
5
1
MMBZ5230BLT1G
8E
4.46
4.7
4.94
20
19
1900
0.25
5
2
MMBZ5231BLT1G/T3G
8F
4.84
5.1
5.36
20
17
1600
0.25
5
2
MMBZ5232BLT1G/T3G
8G
5.32
5.6
5.88
20
11
1600
0.25
5
3
MMBZ5233BLT1G
8H
5.70
6
6.30
20
7
1600
0.25
5
3.5
MMBZ5234BLT1G/T3G
8J
5.89
6.2
6.51
20
7
1000
0.25
5
4
MMBZ5235BLT1G
8K
6.46
6.8
7.14
20
5
750
0.25
3
5
MMBZ5236BLT1G
8L
7.12
7.5
7.88
20
6
500
0.25
3
6
MMBZ5237BLT1G
8M
7.79
8.2
8.61
20
8
500
0.25
3
6.5
MMBZ5238BLT1G
8N
8.26
8.7
9.14
20
8
600
0.25
3
6.5
MMBZ5239BLT1G
8P
8.64
9.1
9.56
20
10
600
0.25
3
7
MMBZ5240BLT1G
8Q
9.50
10
10.50
20
17
600
0.25
3
8
MMBZ5241BLT1G/T3G
8R
10.4
11
11.55
20
22
600
0.25
2
8.4
MMBZ5242BLT1G/T3G
8S
11.40
12
12.60
20
30
600
0.25
1
9.1
MMBZ5243BLT1G
8T
12.35
13
13.65
9.5
13
600
0.25
0.5
9.9
MMBZ5244BLT1G
8U
13.30
14
14.70
9
15
600
0.25
0.1
10
MMBZ5245BLT1G
8V
14.25
15
15.75
8.5
16
600
0.25
0.1
11
MMBZ5246BLT1G
8W
15.20
16
16.80
7.8
17
600
0.25
0.1
12
MMBZ5247BLT1G/T3G
8X
16.15
17
17.85
7.4
19
600
0.25
0.1
13
MMBZ5248BLT1G/T3G
8Y
17.10
18
18.90
7
21
600
0.25
0.1
14
MMBZ5249BLT1G
8Z
18.05
19
19.95
6.6
23
600
0.25
0.1
14
MMBZ5250BLT1G/T3G
81A
19.00
20
21.00
6.2
25
600
0.25
0.1
15
MMBZ5251BLT1G
81B
20.90
22
23.10
5.6
29
600
0.25
0.1
17
MMBZ5252BLT1G
81C
22.80
24
25.20
5.2
33
600
0.25
0.1
18
MMBZ5253BLT1G
81D
23.75
25
26.25
5
35
600
0.25
0.1
19
MMBZ5254BLT1G
81E
25.65
27
28.35
4.6
41
600
0.25
0.1
21
MMBZ5255BLT1G
81F
26.60
28
29.40
4.5
44
600
0.25
0.1
21
MMBZ5256BLT1G
81G
28.50
30
31.50
4.2
49
600
0.25
0.1
23
MMBZ5257BLT1G/T3G
81H
31.35
33
34.65
3.8
58
700
0.25
0.1
25
MMBZ5258BLT1G
81J
34.20
36
37.80
3.4
70
700
0.25
0.1
27
MMBZ5259BLT1G
81K
37.05
39
40.95
3.2
80
800
0.25
0.1
30
MMBZ5260BLT1G
81L
40.85
43
45.15
3
93
900
0.25
0.1
33
MMBZ5261BLT1G/T3G
81M
44.65
47
49.35
2.7
105
1000
0.25
0.1
36
MMBZ5262BLT1G
81N
48.45
51
53.55
2.5
125
1100
0.25
0.1
39
MMBZ5263BLT1G
81P
53.20
56
58.80
2.2
150
1300
0.25
0.1
43
MMBZ5264BLT1G
81Q
57.00
60
63.00
2.1
170
1400
0.25
0.1
46
MMBZ5265BLT1G
81R
58.90
62
65.10
2
185
1400
0.25
0.1
47
MMBZ5266BLT1G
81S
64.60
68
71.40
1.8
230
1600
0.25
0.1
52
MMBZ5267BLT1G
81T
71.25
75
78.75
1.7
270
1700
0.25
0.1
56
MMBZ5268BLT1G
81U
77.90
82
86.10
1.5
330
2000
0.25
0.1
62
MMBZ5270BLT1G
81W
86.45
91
95.55
1.4
400
2300
0.25
0.1
69
3. Zener voltage is measured with a pulse test current IZ at an ambient temperature of 25C
NOTE: MMBZ5233BLT1G, MMBZ5246BLT1G, MMBZ5251BLT1G, and MMBZ5252BLT1G Not Available in 10,000/Tape & Reel.
*Include SZ-prefix devices where applicable.


Similar Part No. - MMBZ5222BLT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMBZ5222BLT1G ONSEMI-MMBZ5222BLT1G Datasheet
72Kb / 6P
   Zener Voltage Regulators
August, 2004 ??Rev. 5
MMBZ5222BLT1G ONSEMI-MMBZ5222BLT1G Datasheet
118Kb / 6P
   Zener Voltage Regulators
October, 2016 ??Rev. 13
More results

Similar Description - MMBZ5222BLT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMSZ15T3G ONSEMI-MMSZ15T3G Datasheet
157Kb / 6P
   Zener Voltage Regulators
January, 2012 ??Rev. 11
MMBZ5234ELT1G ONSEMI-MMBZ5234ELT1G Datasheet
154Kb / 6P
   Zener Voltage Regulators
December, 2011 ??Rev. 7
SZMM3Z3V0T1G ONSEMI-SZMM3Z3V0T1G Datasheet
107Kb / 5P
   Zener Voltage Regulators
January, 2012 ??Rev. 9
MMSZ5V1T3G ONSEMI-MMSZ5V1T3G Datasheet
174Kb / 6P
   Zener Voltage Regulators
January, 2012 ??Rev. 11
MM3ZXXXT1G ONSEMI-MM3ZXXXT1G Datasheet
151Kb / 5P
   Zener Voltage Regulators
January, 2012 ??Rev. 9
BZX84C3V3ET1G ONSEMI-BZX84C3V3ET1G Datasheet
173Kb / 6P
   Zener Voltage Regulators
January, 2012 ??Rev. 8
SZMM5Z18VT1G ONSEMI-SZMM5Z18VT1G Datasheet
103Kb / 4P
   Zener Voltage Regulators
January, 2014 ??Rev. 12
MMBZ5221BLT1 ONSEMI-MMBZ5221BLT1 Datasheet
72Kb / 6P
   Zener Voltage Regulators
August, 2004 ??Rev. 5
logo
SHENZHEN YONGERJIA INDU...
BZT52C2V4 WINNERJOIN-BZT52C2V4_15 Datasheet
457Kb / 4P
   Zener Voltage Regulators
logo
Leshan Radio Company
LUDZS20BT1G LRC-LUDZS20BT1G_15 Datasheet
136Kb / 5P
   Zener Voltage Regulators
LM3Z8V2T1G LRC-LM3Z8V2T1G_15 Datasheet
106Kb / 6P
   Zener Voltage Regulators
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com