Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VS-MUR1520-N3 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # VS-MUR1520-N3
Description  Ultrafast Rectifier, 15 A FRED Pt®
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VS-MUR1520-N3 Datasheet(HTML) 5 Page - Vishay Siliconix

  VS-MUR1520-N3 Datasheet HTML 1Page - Vishay Siliconix VS-MUR1520-N3 Datasheet HTML 2Page - Vishay Siliconix VS-MUR1520-N3 Datasheet HTML 3Page - Vishay Siliconix VS-MUR1520-N3 Datasheet HTML 4Page - Vishay Siliconix VS-MUR1520-N3 Datasheet HTML 5Page - Vishay Siliconix VS-MUR1520-N3 Datasheet HTML 6Page - Vishay Siliconix VS-MUR1520-N3 Datasheet HTML 7Page - Vishay Siliconix VS-MUR1520-N3 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
VS-MUR1520PbF, VS-MUR1520-N3
www.vishay.com
Vishay Semiconductors
Revision: 11-Aug-11
5
Document Number: 94077
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 9 - Reverse Recovery Parameter Test Circuit
Fig. 10 - Reverse Recovery Waveform and Definitions
IRFP250
D.U.T.
L = 70 μH
V
R = 200 V
0.01
Ω
G
D
S
dI
F/dt
adjust
Q
rr
0.5 I
RRM
dI
(rec)M/dt
0.75 I
RRM
I
RRM
t
rr
t
b
t
a
I
F
dI
F/dt
0
(1)
(2)
(3)
(4)
(5)
(1) dI
F/dt - rate of change of current
through zero crossing
(2) I
RRM - peak reverse recovery current
(3) t
rr - reverse recovery time measured
from zero crossing point of negative
going I
F to point where a line passing
through 0.75 I
RRM and 0.50 IRRM
extrapolated to zero current.
(4) Q
rr - area under curve defined by trr
and I
RRM
t
rr x IRRM
2
Q
rr =
(5) dI
(rec)M/dt - peak rate of change of
current during t
b portion of trr


Similar Part No. - VS-MUR1520-N3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-MUR1520-N3 VISHAY-VS-MUR1520-N3 Datasheet
132Kb / 8P
   Ultrafast Rectifier, 15 A FRED Pt짰
08-Feb-17
More results

Similar Description - VS-MUR1520-N3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
15ETH06PBF VISHAY-15ETH06PBF_12 Datasheet
195Kb / 9P
   Ultrafast Rectifier, 15 A Fred Pt®
Revision: 02-Jan-12
VS-ETU1506S-M3 VISHAY-VS-ETU1506S-M3 Datasheet
199Kb / 9P
   Ultrafast Rectifier, 15 A FRED Pt®
Revision: 09-Jul-15
VS-30CDU06-M3 VISHAY-VS-30CDU06-M3 Datasheet
130Kb / 7P
   Ultrafast Rectifier, 2 x 15 A FRED Pt®
Revision: 10-Feb-15
VS-CPU3006L-M3 VISHAY-VS-CPU3006L-M3 Datasheet
266Kb / 7P
   Ultrafast Rectifier, 2 x 15 A FRED Pt®
Revision: 18-Sep-14
VS-MUR3020WTPBF VISHAY-VS-MUR3020WTPBF Datasheet
163Kb / 8P
   Ultrafast Rectifier, 2 x 15 A FRED Pt®
Revision: 15-Aug-11
15AWL06FN-M3 VISHAY-15AWL06FN-M3 Datasheet
150Kb / 8P
   Ultralow VF Ultrafast Rectifier, 15 A FRED Pt®
Revision: 15-Apr-11
VS-30CPU04-N3 VISHAY-VS-30CPU04-N3_V01 Datasheet
170Kb / 7P
   Ultrafast Rectifier, 2 x 15 A FRED Pt®
01-Jan-2022
VS-30CPH03PBF VISHAY-VS-30CPH03PBF Datasheet
169Kb / 8P
   Ultrafast Rectifier, 2 x 15 A FRED Pt®
Revision: 26-Jun-12
VS-30CDU06-M3 VISHAY-VS-30CDU06-M3_V01 Datasheet
166Kb / 7P
   Ultrafast Rectifier, 2 x 15 A FRED Pt®
01-Jan-2022
VS-30CDU06HM3 VISHAY-VS-30CDU06HM3_V01 Datasheet
169Kb / 7P
   Ultrafast Rectifier, 2 x 15 A FRED Pt®
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com