Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VS-MURB820PBF Datasheet(PDF) 8 Page - Vishay Siliconix

Part # VS-MURB820PBF
Description  Ultrafast Rectifier, 8 A FRED Pt®
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VS-MURB820PBF Datasheet(HTML) 8 Page - Vishay Siliconix

  VS-MURB820PBF Datasheet HTML 1Page - Vishay Siliconix VS-MURB820PBF Datasheet HTML 2Page - Vishay Siliconix VS-MURB820PBF Datasheet HTML 3Page - Vishay Siliconix VS-MURB820PBF Datasheet HTML 4Page - Vishay Siliconix VS-MURB820PBF Datasheet HTML 5Page - Vishay Siliconix VS-MURB820PBF Datasheet HTML 6Page - Vishay Siliconix VS-MURB820PBF Datasheet HTML 7Page - Vishay Siliconix VS-MURB820PBF Datasheet HTML 8Page - Vishay Siliconix VS-MURB820PBF Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
www.vishay.com
For technical questions concerning discrete products, contact: diodes-tech@vishay.com
Document Number: 95014
2
For technical questions concerning module products, contact: ind-modules@vishay.com
Revision: 31-Mar-09
Outline Dimensions
Vishay High Power Products
D2PAK, TO-262
DIMENSIONS FOR TO-262 in millimeters and inches
Notes
(1) Dimensioning and tolerancing as per ASME Y14.5M-1994
(2) Dimension D and E do not include mold flash. Mold flash shall not
exceed 0.127 mm (0.005") per side. These dimensions are
measured at the outmost extremes of the plastic body
(3) Thermal pad contour optional within dimension E, L1, D1 and E1
(4) Dimension b1 and c1 apply to base metal only
(5) Controlling dimension: inches
(6) Outline conform to JEDEC TO-262 except A1 (maximum), b
(minimum) and D1 (minimum) where dimensions derived the
actual package outline
SYMBOL
MILLIMETERS
INCHES
NOTES
MIN.
MAX.
MIN.
MAX.
A
4.06
4.83
0.160
0.190
A1
2.03
3.02
0.080
0.119
b
0.51
0.99
0.020
0.039
b1
0.51
0.89
0.020
0.035
4
b2
1.14
1.78
0.045
0.070
b3
1.14
1.73
0.045
0.068
4
c
0.38
0.74
0.015
0.029
c1
0.38
0.58
0.015
0.023
4
c2
1.14
1.65
0.045
0.065
D
8.51
9.65
0.335
0.380
2
D1
6.86
8.00
0.270
0.315
3
E
9.65
10.67
0.380
0.420
2, 3
E1
7.90
8.80
0.311
0.346
3
e
2.54 BSC
0.100 BSC
L
13.46
14.10
0.530
0.555
L1
-
1.65
-
0.065
3
L2
3.56
3.71
0.140
0.146
(4)
(4)
Base
metal
Plating
b1, b3
(b, b2)
c1
c
Section B - B and C - C
Scale: None
Section A - A
(3)
E1
(3)
D1
E
B
A
A
A
c2
c
A1
Seating
plane
Lead tip
(3)
(2) (3)
(2)
A
E
(Datum A)
L1
L2
B
B
C
C
3
2
1
L
D
2 x e
3 x b2
3 x b
0.010
A
B
MM
Modified JEDEC outline TO-262
Lead assignments
Diodes
1. - Anode (two die)/open (one die)
2., 4. - Cathode
3. - Anode


Similar Part No. - VS-MURB820PBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-MURB820-1-M3 VISHAY-VS-MURB820-1-M3 Datasheet
211Kb / 8P
   Ultrafast Rectifier, 8 A FRED Pt®
Revision: 25-Oct-17
VS-MURB820-1-M3 VISHAY-VS-MURB820-1-M3 Datasheet
215Kb / 8P
   Ultrafast Rectifier, 8 A FRED Pt짰
01-Jan-2022
VS-MURB820-1HM3 VISHAY-VS-MURB820-1HM3 Datasheet
191Kb / 8P
   Ultrafast Rectifier, 8 A FRED Pt®
Revision: 08-Oct-15
VS-MURB820-1HM3 VISHAY-VS-MURB820-1HM3 Datasheet
192Kb / 8P
   Ultrafast Rectifier, 8 A FRED Pt짰
01-Jan-2022
VS-MURB820-M3 VISHAY-VS-MURB820-M3 Datasheet
211Kb / 8P
   Ultrafast Rectifier, 8 A FRED Pt®
Revision: 25-Oct-17
More results

Similar Description - VS-MURB820PBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-MUR820PBF VISHAY-VS-MUR820PBF Datasheet
162Kb / 8P
   Ultrafast Rectifier, 8 A FRED Pt®
Revision: 11-Aug-11
VS-ETL0806FP-M3 VISHAY-VS-ETL0806FP-M3 Datasheet
146Kb / 7P
   Ultrafast Rectifier, 8 A FRED Pt®
Revision: 11-Mar-11
VS-MURB1620CTHM3 VISHAY-VS-MURB1620CTHM3 Datasheet
188Kb / 8P
   Ultrafast Rectifier, 2 x 8 A FRED Pt®
Revision: 10-Jul-15
8E2TL06-E VISHAY-8E2TL06-E Datasheet
175Kb / 10P
   Ultralow VF Ultrafast Rectifier, 8 A FRED Pt®
Revision: 19-Aug-10
VS-16CDU06-M3 VISHAY-VS-16CDU06-M3_V01 Datasheet
156Kb / 7P
   Ultrafast Rectifier, 2 x 8 A FRED Pt®
01-Jan-2022
8EWL06FN-M3 VISHAY-8EWL06FN-M3 Datasheet
154Kb / 8P
   Ultralow VF Ultrafast Rectifier, 8 A FRED Pt®
Revision: 05-Apr-11
VS-MUR1620CTPBF VISHAY-VS-MUR1620CTPBF Datasheet
161Kb / 8P
   Ultrafast Rectifier, 2 x 8 A FRED Pt®
Revision: 11-Aug-11
VS-MURB1620CTPBF VISHAY-VS-MURB1620CTPBF Datasheet
168Kb / 9P
   Ultrafast Rectifier, 2 x 8 A FRED Pt®
Revision: 11-Mar-10
VS-16CDU06HM3 VISHAY-VS-16CDU06HM3_V01 Datasheet
158Kb / 7P
   Ultrafast Rectifier, 2 x 8 A FRED Pt®
01-Jan-2022
VS-1EFU06HM3 VISHAY-VS-1EFU06HM3 Datasheet
113Kb / 6P
   Ultrafast Rectifier, 1 A FRED Pt®
Revision: 22-Jan-16
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com