Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DTA143EM3 Datasheet(PDF) 6 Page - ON Semiconductor

Part # DTA143EM3
Description  Digital Transistors (BRT) R1 = 4.7 k, R2 = 4.7 k
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

DTA143EM3 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button DTA143EM3 Datasheet HTML 2Page - ON Semiconductor DTA143EM3 Datasheet HTML 3Page - ON Semiconductor DTA143EM3 Datasheet HTML 4Page - ON Semiconductor DTA143EM3 Datasheet HTML 5Page - ON Semiconductor DTA143EM3 Datasheet HTML 6Page - ON Semiconductor DTA143EM3 Datasheet HTML 7Page - ON Semiconductor DTA143EM3 Datasheet HTML 8Page - ON Semiconductor DTA143EM3 Datasheet HTML 9Page - ON Semiconductor DTA143EM3 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
MUN2132, MMUN2132L, MUN5132, DTA143EE, DTA143EM3, NSBA143EF3
http://onsemi.com
6
TYPICAL CHARACTERISTICS − NSBA143EF3
Figure 7. VCE(sat) vs. IC
Figure 8. DC Current Gain
IC, COLLECTOR CURRENT (mA)
IC, COLLECTOR CURRENT (mA)
40
30
20
50
10
0
0.01
0.1
1
100
10
0.1
0.1
10
100
1000
Figure 9. Output Capacitance
Figure 10. Output Current vs. Input Voltage
VR, REVERSE VOLTAGE (V)
Vin, INPUT VOLTAGE (V)
50
40
30
20
10
0
0
1
2
3
4
6
7
5
47
3
2
1
0
0.1
1
10
100
Figure 11. Input Voltage vs. Output Current
IC, COLLECTOR CURRENT (mA)
40
30
50
20
10
0
0.1
1
10
100
IC/IB = 10
150°C
−55°C
25°C
VCE = 10 V
150°C
−55°C
25°C
f = 10 kHz
IE = 0 A
TA = 25°C
VO = 5 V
150°C
−55°C
25°C
VO = 0.2 V
150°C
−55°C
25°C
0.01
5
6
1
1


Similar Part No. - DTA143EM3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
DTA143EM3 ONSEMI-DTA143EM3 Datasheet
148Kb / 12P
   Digital Transistors (BRT) R1 = 4.7 k, R2 = 4.7 kA
March, 2013 ??Rev. 2
DTA143EM3 ONSEMI-DTA143EM3 Datasheet
108Kb / 12P
   Digital Transistors (BRT)
November, 2016 ??Rev. 6
DTA143EM3T5G ONSEMI-DTA143EM3T5G Datasheet
124Kb / 12P
   Digital Transistors (BRT) PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
February, 2004 ??Rev. 0
DTA143EM3T5G ONSEMI-DTA143EM3T5G Datasheet
148Kb / 12P
   Digital Transistors (BRT) R1 = 4.7 k, R2 = 4.7 kA
March, 2013 ??Rev. 2
DTA143EM3T5G ONSEMI-DTA143EM3T5G Datasheet
108Kb / 12P
   Digital Transistors (BRT)
November, 2016 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com