Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBZ5255ELT3G Datasheet(PDF) 1 Page - ON Semiconductor

Part # MMBZ5255ELT3G
Description  Zener Voltage Regulators
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMBZ5255ELT3G Datasheet(HTML) 1 Page - ON Semiconductor

  MMBZ5255ELT3G Datasheet HTML 1Page - ON Semiconductor MMBZ5255ELT3G Datasheet HTML 2Page - ON Semiconductor MMBZ5255ELT3G Datasheet HTML 3Page - ON Semiconductor MMBZ5255ELT3G Datasheet HTML 4Page - ON Semiconductor MMBZ5255ELT3G Datasheet HTML 5Page - ON Semiconductor MMBZ5255ELT3G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© Semiconductor Components Industries, LLC, 2011
December, 2011 − Rev. 7
1
Publication Order Number:
MMBZ5221ELT1/D
MMBZ52xxELT1G Series,
SZMMBZ52xxELT1G Series
Zener Voltage Regulators
225 mW SOT−23 Surface Mount
This series of Zener diodes is offered in the convenient, surface
mount plastic SOT−23 package. These devices are designed to provide
voltage regulation with minimum space requirement. They are well
suited for applications such as cellular phones, hand held portables,
and high density PC boards.
Features
225 mW Rating on FR−4 or FR−5 Board
Zener Voltage Range − 2.4 V to 91 V
Package Designed for Optimal Automated Board Assembly
Small Package Size for High Density Applications
ESD Rating of Class 3 (>16 kV) per Human Body Model
Peak Power − 225 W (8 x 20 ms)
AEC−Q101 Qualified and PPAP Capable
SZ Prefix for Automotive and Other Applications Requiring Unique
Site and Control Change Requirements
Pb−Free Packages are Available
Mechanical Characteristics:
CASE:
Void-free, transfer-molded, thermosetting plastic case
FINISH:
Corrosion resistant finish, easily solderable
MAXIMUM CASE TEMPERATURE FOR SOLDERING PURPOSES:
260
°C for 10 Seconds
POLARITY:
Cathode indicated by polarity band
FLAMMABILITY RATING:
UL 94 V−0
MAXIMUM RATINGS
Rating
Symbol
Max
Unit
Peak Power Dissipation @ 20 ms (Note 1)
@ TL ≤ 25°C
Ppk
225
W
Total Power Dissipation on FR−5 Board,
(Note 2) @ TA = 25°C
Derated above 25°C
PD
225
1.8
mW
mW/°C
Thermal Resistance, Junction−to−Ambient
RqJA
556
°C/W
Total Power Dissipation on Alumina
Substrate, (Note 3) @ TA = 25°C
Derated above 25°C
PD
300
2.4
mW
mW/°C
Thermal Resistance, Junction−to−Ambient
RqJA
417
°C/W
Junction and Storage Temperature Range
TJ, Tstg
−65 to
+150
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
1. Nonrepetitive current pulse per Figure 9.
2. FR−5 = 1.0 X 0.75 X 0.62 in.
3. Alumina = 0.4 X 0.3 X 0.024 in., 99.5% alumina.
3
Cathode
1
Anode
See specific marking information in the device marking
column of the Electrical Characteristics table on page 2 of
this data sheet.
DEVICE MARKING INFORMATION
http://onsemi.com
SOT−23
CASE 318
STYLE 8
MARKING
DIAGRAM
1
3
2
1
Bxx M G
G
Bxx
= Device Code
xx
= (Refer to page 2)
M
= Date Code*
G
= Pb−Free Package
(Note: Microdot may be in either location)
*Date Code orientation may vary depending
upon manufacturing location.
Device
Package
Shipping
ORDERING INFORMATION
MMBZ52xxELT3G
SOT−23
(Pb−Free)
10000 / Tape &
Reel
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
MMBZ52xxELT1G
SOT−23
(Pb−Free)
3000 / Tape &
Reel
SZMMBZ52xxELT1G
SOT−23
(Pb−Free)
3000 / Tape &
Reel


Similar Part No. - MMBZ5255ELT3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMBZ5255ELT3G ONSEMI-MMBZ5255ELT3G Datasheet
74Kb / 6P
   Zener Voltage Regulators 225 mW SOT??3 Surface Mount
August, 2005 ??Rev. 6
More results

Similar Description - MMBZ5255ELT3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMSZ15T3G ONSEMI-MMSZ15T3G Datasheet
157Kb / 6P
   Zener Voltage Regulators
January, 2012 ??Rev. 11
MMBZ5234ELT1G ONSEMI-MMBZ5234ELT1G Datasheet
154Kb / 6P
   Zener Voltage Regulators
December, 2011 ??Rev. 7
SZMM3Z3V0T1G ONSEMI-SZMM3Z3V0T1G Datasheet
107Kb / 5P
   Zener Voltage Regulators
January, 2012 ??Rev. 9
MMSZ5V1T3G ONSEMI-MMSZ5V1T3G Datasheet
174Kb / 6P
   Zener Voltage Regulators
January, 2012 ??Rev. 11
MM3ZXXXT1G ONSEMI-MM3ZXXXT1G Datasheet
151Kb / 5P
   Zener Voltage Regulators
January, 2012 ??Rev. 9
BZX84C3V3ET1G ONSEMI-BZX84C3V3ET1G Datasheet
173Kb / 6P
   Zener Voltage Regulators
January, 2012 ??Rev. 8
SZMM5Z18VT1G ONSEMI-SZMM5Z18VT1G Datasheet
103Kb / 4P
   Zener Voltage Regulators
January, 2014 ??Rev. 12
MMBZ5221BLT1 ONSEMI-MMBZ5221BLT1 Datasheet
72Kb / 6P
   Zener Voltage Regulators
August, 2004 ??Rev. 5
logo
SHENZHEN YONGERJIA INDU...
BZT52C2V4 WINNERJOIN-BZT52C2V4_15 Datasheet
457Kb / 4P
   Zener Voltage Regulators
logo
Leshan Radio Company
LUDZS20BT1G LRC-LUDZS20BT1G_15 Datasheet
136Kb / 5P
   Zener Voltage Regulators
LM3Z8V2T1G LRC-LM3Z8V2T1G_15 Datasheet
106Kb / 6P
   Zener Voltage Regulators
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com