Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF8536 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PCF8536
Description  Smart, simple solutions for the 12 most common design concerns
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8536 Datasheet(HTML) 4 Page - NXP Semiconductors

  PCF8536 Datasheet HTML 1Page - NXP Semiconductors PCF8536 Datasheet HTML 2Page - NXP Semiconductors PCF8536 Datasheet HTML 3Page - NXP Semiconductors PCF8536 Datasheet HTML 4Page - NXP Semiconductors PCF8536 Datasheet HTML 5Page - NXP Semiconductors PCF8536 Datasheet HTML 6Page - NXP Semiconductors PCF8536 Datasheet HTML 7Page - NXP Semiconductors PCF8536 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
GPIO
Expander
4-bit
PCA9536
4-bit I2C Fm TP GPIO with PU
PCA9537
4-bit I2C Fm TP GPIO with INT and RST
8-bit
PCA8574
8-bit I2C Fm QB GPIO with INT and PU
PCA8574A
8-bit I2C Fm QB GPIO with INT and PU
(Alternate address)
PCA9500
8-bit I2C Fm QB GPIO with PU and 2-K EEPROM
PCA9501
8-bit I2C Fm QB GPIO with INT, PU and 2-K EEPROM
PCA9502
8-bit I2C Fm/SPI TP GPIO with INT and RST
PCA9534
8-bit I2C Fm TP GPIO with INT
+ PCA9538
8-bit I2C Fm TP GPIO with INT and RST
+ PCA9554
8-bit I2C Fm TP GPIO with INT and PU
PCA9554A
8-bit I2C Fm TP GPIO with INT and PU (Alternate address)
PCA9557
8-bit I2C Fm TP GPIO with RST
PCA9574
8-bit I2C Fm LV VLT TP/OD GPIO with INT, RST, latch
and PU/PD
PCA9621
8-bit I2C Fm+ 65 mA OD GPO with RST
PCA9670
8-bit I2C Fm+ QB GPIO with RST and PU
PCA9672
8-bit I2C Fm+ QB GPIO with INT, RST and PU
PCA9674
8-bit I2C Fm+ QB GPIO with INT and PU
PCA9674A
8-bit I2C Fm+ QB GPIO with INT and PU (Alternate
address)
PCF8574
8-bit I2C Sm QB GPIO with INT and PU
PCF8574A
8-bit I2C Sm QB GPIO with INT and PU (Alternate
address)
16-bit
PCA6416A
16-bit I2C Fm LV VLT TP GPIO with INT and RST
PCA8575
16-bit I2C Fm QB GPIO with INT and PU
PCA9535
16-bit I2C Fm TP GPIO with INT
PCA9535A
16-bit I2C Fm LV TP GPIO with INT
PCA9535C
16-bit I2C Fm OD GPIO with INT
+ PCA9539
16-bit I2C Fm TP GPIO with INT and RST
PCA9539A
16-bit I2C Fm LV TP GPIO with INT and RST
PCA9539R
16-bit I2C Fm TP GPIO with INT and RST (state machine
only)
PCA9555
16-bit I2C Fm TP GPIO with INT and PU
PCA9555A
16-bit I2C Fm LV TP GPIO with INT and PU
PCA9575
16-bit I2C Fm LV VLT TP/OD GPIO with INT, RST, latch
and PU/PD
PCA9671
16-bit I2C Fm+ QB GPIO with RST and PU
PCA9673
16-bit I2C Fm+ QB GPIO with INT, RST and PU
PCA9675
16-bit I2C Fm+ QB GPIO with INT and PU
PCA-
L6416A
16-bit I2C Fm LV VLT TP/OD GPIO with INT, RST, latch
and PU/PD
PCA-
L9535A
16-bit I2C Fm LV TP/OD GPIO with INT, latch and PU/PD
PCA-
L9539A
16-bit I2C Fm LV TP/OD GPIO with INT, RST, latch and
PU/PD
PCA-
L9555A
16-bit I2C Fm LV TP/OD GPIO with INT, latch and PU/PD
(PU default)
PCF8575
16-bit I2C Fm QB GPIO with INT and PU
PCF8575C
16-bit I2C Fm OD GPIO with INT
40-bit
PCA9505
40-bit I2C Fm TP GPIO with INT, RST, OE and PU
PCA9506
40-bit I2C Fm TP GPIO with INT, RST and OE
PCA9698
40-bit I2C Fm+ TP/OD GPIO with INT, RST, OE and PU
I2C-bus product summary
Capacitive Sensor
8-channel touch switch + PCA/PCF8885 I
2
C FM Touch / Proximity Sensor for up to
28 keys
Stepper Motor
Controller
1 motor controller
PCA9629
I2C Fm+ Stepper Motor Controller with TP
GPIO with INT and RST
Temp sensors
Local
LM75A
I2C Fm TS local with ± 2 °C accuracy
LM75B
I2C Fm TS local with ± 2 °C accuracy and SMBus
time-out
SE95
I2C Fm TS local with ± 1 °C accuracy
SE98A
I2C Fm DDR TS local with ± 1 °C accuracy and
SMBus time-out
Local and EEP-
ROM
SE97B
I2C Fm DDR TS local with ± 1 °C accuracy, 2K SPD
and SMBus time-out
Local and remote
NE1617A
I2C Fm TS local with ± 2 °C accuracy and remote
with ± 3 °C accuracy
SA56004
I2C Fm TS local with ± 2 °C accuracy and remote
with ± 1 °C accuracy
Local, remote,
and voltage
monitor
NE1619
I2C Fm TS local with ± 2 °C accuracy and remote
with ± 3 °C accuracy with voltage monitor
w(12, 5, 3.3, and 2.5 V, V
CCP, and VDD)
LED controllers
Dimmer
(2 PWM,
25 mA /
5 V)
PCA9530
2-channel I2C Fm OD LED dimmer with RST
PCA9531
8-channel I2C Fm OD LED dimmer with RST
PCA9532
16-channel I2C Fm OD LED dimmer with RST
PCA9533
4-channel I2C Fm OD LED dimmer
Blinker
(2 PWM,
25 mA /
5 V)
PCA9550
2-channel I2C Fm OD LED blinker with RST
PCA9551
8-channel I2C Fm OD LED blinker with RST
PCA9552
16-channel I2C Fm OD LED blinker with RST
PCA9553
4-channel I2C Fm OD LED blinker
8-segment
SAA1064
16-channel I2C Sm current source/sink 4x8-
segment LED display
Controller
(PWM / Ch,
25 mA /
5 V)
PCA9632
4-channel I2C Fm+ low-power TP LED controller
PCA9633
4-channel I2C Fm+ TP LED controller with OE
PCA9634
8-channel I2C Fm+ TP LED controller with OE
+ PCA9635
16-channel I2C Fm+ TP LED controller with OE
+ PCA9685
16-channel I2C Fm+ TP LED controller with 12-bit
PWMs and OE
Controller
(PWM / Ch,
57 mA / 40 V)
PCA9952
16-channel I2C Fm+ HV CS LED controller with OE
PCA9955
16-channel I2C Fm+ HV CS LED controller
PCU9955
16-channel I2C UFm HV CS LED controller
Controller
(PWM / Ch,
100 mA /
40 V)
PCA9624
8-channel I2C Fm+ HV OD LED controller with OE
PCA9622
16-channel I2C Fm+ HV OD LED controller with OE
PCA9626
24-channel I2C Fm+ HV OD LED controller with OE
PCU9654
8-channel I2C UFm HV OD LED controller with OE
PCU9655
16-channel I2C UFm HV OD LED controller
PCU9656
24-channel I2C UFm HV OD LED controller with OE
LED flash
SSL3250A
I2C Fm 500 mA sink dual LED flash with torch mode
SSL3252
I2C Fm 500 mA source dual LED flash with torch mode


Similar Part No. - PCF8536

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCF8536 NXP-PCF8536 Datasheet
678Kb / 2P
   I2C/SPI LCD and PWM LED controller for industrial and automotive applications
2011
PCF8536 NXP-PCF8536 Datasheet
2Mb / 74P
   Universal LCD driver for low multiplex rates including a 6 channel PWM generator
Rev. 2-21 February 2012
PCF85363A NXP-PCF85363A Datasheet
715Kb / 65P
   Tiny Real-Time Clock/calendar with alarm function and I2C-bus
Rev. 7-30 March 2018
PCF85363A NXP-PCF85363A Datasheet
677Kb / 59P
   Automotive tiny Real-Time Clock/calendar with alarm function and I2C-bus
Rev. 4-30 March 2018
PCF85363A NXP-PCF85363A Datasheet
1Mb / 86P
   Nano-power highly accurate RTC with integrated quartz crystal for automotive applications
Rev. 1.0-26 July 2021
More results

Similar Description - PCF8536

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
F1100AA01 ETC2-F1100AA01 Datasheet
146Kb / 3P
   Most Economical Design
G-SERIES ETC-G-SERIES Datasheet
609Kb / 2P
   The first & most popular patented high-performance design
logo
Switchcraft, Inc.
R-5-SW SWITCH-R-5-SW Datasheet
330Kb / 2P
   The most common use for Switch Probes is in the cable harness testing industry.
logo
STMicroelectronics
VN1160TR-E STMICROELECTRONICS-VN1160TR-E Datasheet
1Mb / 18P
   Smart power solutions for car body applications
VN1160C-1-E STMICROELECTRONICS-VN1160C-1-E Datasheet
1Mb / 22P
   Smart power solutions for car body applications
ST26025A STMICROELECTRONICS-ST26025A Datasheet
1Mb / 18P
   Smart power solutions for car body applications
VN1160-1-E STMICROELECTRONICS-VN1160-1-E Datasheet
1Mb / 18P
   Smart power solutions for car body applications
logo
Cirrus Logic
CRD42528 CIRRUS-CRD42528 Datasheet
1Mb / 50P
   Reference Design for the
logo
List of Unclassifed Man...
WE1010NA ETC2-WE1010NA Datasheet
417Kb / 1P
   The most powerful station in its class, now in a new design
TS121SZQ2 ETC2-TS121SZQ2 Datasheet
308Kb / 2P
   Highest quality for the most demanding applications
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com