Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DTA124XE Datasheet(PDF) 1 Page - ON Semiconductor

Part # DTA124XE
Description  Digital Transistors (BRT) R1 = 22 k, R2 = 47 k
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

DTA124XE Datasheet(HTML) 1 Page - ON Semiconductor

  DTA124XE Datasheet HTML 1Page - ON Semiconductor DTA124XE Datasheet HTML 2Page - ON Semiconductor DTA124XE Datasheet HTML 3Page - ON Semiconductor DTA124XE Datasheet HTML 4Page - ON Semiconductor DTA124XE Datasheet HTML 5Page - ON Semiconductor DTA124XE Datasheet HTML 6Page - ON Semiconductor DTA124XE Datasheet HTML 7Page - ON Semiconductor DTA124XE Datasheet HTML 8Page - ON Semiconductor DTA124XE Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
© Semiconductor Components Industries, LLC, 2012
Septenber, 2012 − Rev. 1
1
Publication Order Number:
DTA124X/D
MUN2134, MMUN2134L,
MUN5134, DTA124XE,
DTA124XM3
Digital Transistors (BRT)
R1 = 22 kW, R2 = 47 kW
PNP Transistors with Monolithic Bias
Resistor Network
This series of digital transistors is designed to replace a single
device and its external resistor bias network. The Bias Resistor
Transistor (BRT) contains a single transistor with a monolithic bias
network consisting of two resistors; a series base resistor and a
base−emitter resistor. The BRT eliminates these individual
components by integrating them into a single device. The use of a BRT
can reduce both system cost and board space.
Features
Simplifies Circuit Design
Reduces Board Space
Reduces Component Count
S and NSV Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements; AEC−Q101
Qualified and PPAP Capable
These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant
MAXIMUM RATINGS (TA = 25°C)
Rating
Symbol
Max
Unit
Collector−Base Voltage
VCBO
50
Vdc
Collector−Emitter Voltage
VCEO
50
Vdc
Collector Current − Continuous
IC
100
mAdc
Input Forward Voltage
VIN(fwd)
40
Vdc
Input Reverse Voltage
VIN(rev)
7
Vdc
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
PIN 3
COLLECTOR
(OUTPUT)
PIN 2
EMITTER
(GROUND)
PIN 1
BASE
(INPUT)
R1
R2
See detailed ordering, marking, and shipping information in
the package dimensions section on page 2 of this data sheet.
ORDERING INFORMATION
http://onsemi.com
SC−75
CASE 463
STYLE 1
MARKING DIAGRAMS
XXX
= Specific Device Code
M
= Date Code*
G
=Pb−Free Package
(Note: Microdot may be in either location)
*Date Code orientation may vary depending
upon manufacturing location.
SC−59
CASE 318D
STYLE 1
SOT−23
CASE 318
STYLE 6
SC−70/SOT−323
CASE 419
STYLE 3
SOT−723
CASE 631AA
STYLE 1
XX MG
G
1
1
XXX MG
G
XX MG
G
1
XX M
1
XX M
1
PIN CONNECTIONS


Similar Part No. - DTA124XE

ManufacturerPart #DatasheetDescription
logo
Rohm
DTA124XE ROHM-DTA124XE Datasheet
67Kb / 4P
   Digital transistors (built-in resistors)
logo
Weitron Technology
DTA124XE WEITRON-DTA124XE Datasheet
799Kb / 13P
   Bias Resistor Transistor PNP Silicon
logo
Rohm
DTA124XE ROHM-DTA124XE Datasheet
147Kb / 3P
   -100mA / -50V Digital transistors (with built-in resistors)
logo
ON Semiconductor
DTA124XE ONSEMI-DTA124XE Datasheet
142Kb / 11P
   Digital Transistors (BRT) R1 = 22 k, R2 = 47 k
October, 2013 ??Rev. 3
logo
Rohm
DTA124XE ROHM-DTA124XE Datasheet
1Mb / 11P
   PNP -100mA -50V Digital Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com