Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DTA123EET1G Datasheet(PDF) 4 Page - ON Semiconductor

Part # DTA123EET1G
Description  Digital Transistors (BRT) R1 = 2.2 k, R2 = 2.2 k
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

DTA123EET1G Datasheet(HTML) 4 Page - ON Semiconductor

  DTA123EET1G Datasheet HTML 1Page - ON Semiconductor DTA123EET1G Datasheet HTML 2Page - ON Semiconductor DTA123EET1G Datasheet HTML 3Page - ON Semiconductor DTA123EET1G Datasheet HTML 4Page - ON Semiconductor DTA123EET1G Datasheet HTML 5Page - ON Semiconductor DTA123EET1G Datasheet HTML 6Page - ON Semiconductor DTA123EET1G Datasheet HTML 7Page - ON Semiconductor DTA123EET1G Datasheet HTML 8Page - ON Semiconductor DTA123EET1G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
MUN2131, MMUN2131L, MUN5131, DTA123EE, DTA123EM3
http://onsemi.com
4
Table 3. ELECTRICAL CHARACTERISTICS (TA = 25°C, unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector−Base Cutoff Current
(VCB = 50 V, IE = 0)
ICBO
100
nAdc
Collector−Emitter Cutoff Current
(VCE = 50 V, IB = 0)
ICEO
500
nAdc
Emitter−Base Cutoff Current
(VEB = 6.0 V, IC = 0)
IEBO
2.3
mAdc
Collector−Base Breakdown Voltage
(IC = 10 mA, IE = 0)
V(BR)CBO
50
Vdc
Collector−Emitter Breakdown Voltage (Note 3)
(IC = 2.0 mA, IB = 0)
V(BR)CEO
50
Vdc
ON CHARACTERISTICS
DC Current Gain (Note 3)
(IC = 5.0 mA, VCE = 10 V)
hFE
8.0
15
Collector−Emitter Saturation Voltage (Note 3)
(IC = 10 mA, IB = 5.0 mA)
VCE(sat)
0.25
Vdc
Input Voltage (off)
(VCE = 5.0 V, IC = 1.0 mA)
Vi(off)
1.2
Vdc
Input Voltage (on)
(VCE = 0.2 V, IC = 20 mA)
Vi(on)
1.9
Vdc
Output Voltage (on)
(VCC = 5.0 V, VB = 2.5 V, RL = 1.0 kW)
VOL
0.2
Vdc
Output Voltage (off)
(VCC = 5.0 V, VB = 0.25 V, RL = 1.0 kW)
VOH
4.9
Vdc
Input Resistor
R1
1.5
2.2
2.9
kW
Resistor Ratio
R1/R2
0.8
1.0
1.2
3. Pulsed Condition: Pulse Width = 300 msec, Duty Cycle ≤ 2%.


Similar Part No. - DTA123EET1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
DTA123EET1G ONSEMI-DTA123EET1G Datasheet
142Kb / 12P
   PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
July, 2004 ??Rev. 4
DTA123EET1G ONSEMI-DTA123EET1G Datasheet
108Kb / 13P
   Bias Resistor Transistors
March, 2006 ??Rev. 6
DTA123EET1G ONSEMI-DTA123EET1G Datasheet
103Kb / 11P
   PNP Transistors with Monolithic Bias Resistor Network
January, 2015 ??Rev. 4
DTA123EET1G ONSEMI-DTA123EET1G Datasheet
176Kb / 11P
   Digital Transistors (BRT)
October, 2016 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com