Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DTC114EE Datasheet(PDF) 9 Page - ON Semiconductor

Part # DTC114EE
Description  Digital Transistors (BRT) R1 = 10 k, R2 = 10 k
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

DTC114EE Datasheet(HTML) 9 Page - ON Semiconductor

Back Button DTC114EE Datasheet HTML 4Page - ON Semiconductor DTC114EE Datasheet HTML 5Page - ON Semiconductor DTC114EE Datasheet HTML 6Page - ON Semiconductor DTC114EE Datasheet HTML 7Page - ON Semiconductor DTC114EE Datasheet HTML 8Page - ON Semiconductor DTC114EE Datasheet HTML 9Page - ON Semiconductor DTC114EE Datasheet HTML 10Page - ON Semiconductor DTC114EE Datasheet HTML 11Page - ON Semiconductor DTC114EE Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
MUN2211, MMUN2211L, MUN5211, DTC114EE, DTC114EM3, NSBC114EF3
http://onsemi.com
9
PACKAGE DIMENSIONS
SC−70 (SOT−323)
CASE 419−04
ISSUE N
STYLE 3:
PIN 1. BASE
2. EMITTER
3. COLLECTOR
A
A2
D
e1
b
e
E
A1
c
L
3
12
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
0.05 (0.002)
1.9
0.075
0.65
0.025
0.65
0.025
0.9
0.035
0.7
0.028
mm
inches
SCALE 10:1
*For additional information on our Pb−Free strategy and soldering
details, please download the ON Semiconductor Soldering and
Mounting Techniques Reference Manual, SOLDERRM/D.
SOLDERING FOOTPRINT*
HE
DIM
A
MIN
NOM
MAX
MIN
MILLIMETERS
0.80
0.90
1.00
0.032
INCHES
A1
0.00
0.05
0.10
0.000
A2
0.70 REF
b
0.30
0.35
0.40
0.012
c
0.10
0.18
0.25
0.004
D
1.80
2.10
2.20
0.071
E
1.15
1.24
1.35
0.045
e
1.20
1.30
1.40
0.047
0.035
0.040
0.002
0.004
0.014
0.016
0.007
0.010
0.083
0.087
0.049
0.053
0.051
0.055
NOM
MAX
L
2.00
2.10
2.40
0.079
0.083
0.095
HE
e1
0.65 BSC
0.38
0.028 REF
0.026 BSC
0.015
0.20
0.56
0.008
0.022


Similar Part No. - DTC114EE

ManufacturerPart #DatasheetDescription
logo
Rohm
DTC114EE ROHM-DTC114EE Datasheet
71Kb / 3P
   Digital transistors (built-in resistors)
logo
Taiwan Semiconductor Co...
DTC114EE TSC-DTC114EE Datasheet
434Kb / 3P
   NPN Small Signal Transistor Small Signal Diode
logo
Galaxy Semi-Conductor H...
DTC114EE BILIN-DTC114EE Datasheet
108Kb / 3P
   Digital Transistor
logo
Rohm
DTC114EE ROHM-DTC114EE Datasheet
90Kb / 4P
   Digital transistors (built-in resistors)
DTC114EE ROHM-DTC114EE Datasheet
575Kb / 11P
   NPN 100mA 50V Digital Transistors (Bias Resistor Built-in Transistors)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com