Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DTA143ZM3T5G Datasheet(PDF) 3 Page - ON Semiconductor

Part # DTA143ZM3T5G
Description  Digital Transistors (BRT) R1 = 4.7 k, R2 = 47 k
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

DTA143ZM3T5G Datasheet(HTML) 3 Page - ON Semiconductor

  DTA143ZM3T5G Datasheet HTML 1Page - ON Semiconductor DTA143ZM3T5G Datasheet HTML 2Page - ON Semiconductor DTA143ZM3T5G Datasheet HTML 3Page - ON Semiconductor DTA143ZM3T5G Datasheet HTML 4Page - ON Semiconductor DTA143ZM3T5G Datasheet HTML 5Page - ON Semiconductor DTA143ZM3T5G Datasheet HTML 6Page - ON Semiconductor DTA143ZM3T5G Datasheet HTML 7Page - ON Semiconductor DTA143ZM3T5G Datasheet HTML 8Page - ON Semiconductor DTA143ZM3T5G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
MUN2133, MMUN2133L, MUN5133, DTA143ZE, DTA143ZM3, NSBA143ZF3
http://onsemi.com
3
Table 2. THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
THERMAL CHARACTERISTICS (SC−59) (MUN2133)
Total Device Dissipation
TA = 25°C
(Note 1)
(Note 2)
Derate above 25°C
(Note 1)
(Note 2)
PD
230
338
1.8
2.7
mW
mW/°C
Thermal Resistance,
(Note 1)
Junction to Ambient
(Note 2)
RqJA
540
370
°C/W
Thermal Resistance,
(Note 1)
Junction to Lead
(Note 2)
RqJL
264
287
°C/W
Junction and Storage Temperature Range
TJ, Tstg
−55 to +150
°C
THERMAL CHARACTERISTICS (SOT−23) (MMUN2133L)
Total Device Dissipation
TA = 25°C
(Note 1)
(Note 2)
Derate above 25°C
(Note 1)
(Note 2)
PD
246
400
2.0
3.2
mW
mW/°C
Thermal Resistance,
(Note 1)
Junction to Ambient
(Note 2)
RqJA
508
311
°C/W
Thermal Resistance,
(Note 1)
Junction to Lead
(Note 2)
RqJL
174
208
°C/W
Junction and Storage Temperature Range
TJ, Tstg
−55 to +150
°C
Thermal Characteristics (SC−70/SOT−323) (MUN5133)
Total Device Dissipation
TA = 25°C
(Note 1)
(Note 2)
Derate above 25°C
(Note 1)
(Note 2)
PD
202
310
1.6
2.5
mW
mW/°C
Thermal Resistance,
(Note 1)
Junction to Ambient
(Note 2)
RqJA
618
403
°C/W
Thermal Resistance,
(Note 1)
Junction to Lead
(Note 2)
RqJL
280
332
°C/W
Junction and Storage Temperature Range
TJ, Tstg
−55 to +150
°C
Thermal Characteristics (SC−75) (DTA143ZE)
Total Device Dissipation
TA = 25°C
(Note 1)
(Note 2)
Derate above 25°C
(Note 1)
(Note 2)
PD
200
300
1.6
2.4
mW
mW/°C
Thermal Resistance,
(Note 1)
Junction to Ambient
(Note 2)
RqJA
600
400
°C/W
Junction and Storage Temperature Range
TJ, Tstg
−55 to +150
°C
Thermal Characteristics (SOT−723) (DTA143ZM3)
Total Device Dissipation
TA = 25°C
(Note 1)
(Note 2)
Derate above 25°C
(Note 1)
(Note 2)
PD
260
600
2.0
4.8
mW
mW/°C
Thermal Resistance,
(Note 1)
Junction to Ambient
(Note 2)
RqJA
480
205
°C/W
Junction and Storage Temperature Range
TJ, Tstg
−55 to +150
°C
1. FR−4 @ Minimum Pad.
2. FR−4 @ 1.0 x 1.0 Inch Pad.
3. FR*4 @ 100 mm2, 1 oz. copper traces, still air.
4. FR*4 @ 500 mm2, 1 oz. copper traces, still air.


Similar Part No. - DTA143ZM3T5G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
DTA143ZM3T5G ONSEMI-DTA143ZM3T5G Datasheet
124Kb / 12P
   Digital Transistors (BRT) PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
February, 2004 ??Rev. 0
DTA143ZM3T5G ONSEMI-DTA143ZM3T5G Datasheet
150Kb / 12P
   Digital Transistors (BRT) R1 = 4.7 k, R2 = 47 kA
October, 2013 ??Rev. 6
DTA143ZM3T5G ONSEMI-DTA143ZM3T5G Datasheet
183Kb / 12P
   Digital Transistors (BRT)
October, 2016 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com