Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMUN5213T1G Datasheet(PDF) 6 Page - ON Semiconductor

Part # SMUN5213T1G
Description  Digital Transistors (BRT) R1 = 47 k, R2 = 47 k
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SMUN5213T1G Datasheet(HTML) 6 Page - ON Semiconductor

Back Button SMUN5213T1G Datasheet HTML 2Page - ON Semiconductor SMUN5213T1G Datasheet HTML 3Page - ON Semiconductor SMUN5213T1G Datasheet HTML 4Page - ON Semiconductor SMUN5213T1G Datasheet HTML 5Page - ON Semiconductor SMUN5213T1G Datasheet HTML 6Page - ON Semiconductor SMUN5213T1G Datasheet HTML 7Page - ON Semiconductor SMUN5213T1G Datasheet HTML 8Page - ON Semiconductor SMUN5213T1G Datasheet HTML 9Page - ON Semiconductor SMUN5213T1G Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
MUN2213, MMUN2213L, MUN5213, DTC144EE, DTC144EM3, NSBC144EF3
http://onsemi.com
6
TYPICAL CHARACTERISTICS − NSBC144EF3
Figure 7. VCE(sat) vs. IC
10
020
30
IC, COLLECTOR CURRENT (mA)
100
1
0.1
40
50
Figure 8. DC Current Gain
Figure 9. Output Capacitance
10
0.1
0.01
020
40
50
IC, COLLECTOR CURRENT (mA)
1000
100
1
0.1
10
100
IC, COLLECTOR CURRENT (mA)
Figure 10. Output Current vs. Input Voltage
100
10
1
0.1
0.001
04
8
Vin, INPUT VOLTAGE (V)
28
Figure 11. Input Voltage vs. Output Current
50
010
20
30
40
0.4
1.2
0
VR, REVERSE VOLTAGE (V)
30
IC/IB = 10
−55°C
25°C
VCE = 10 V
f = 10 kHz
IE = 0 V
TA = 25°C
0.8
1.6
2.0
2.4
VO = 5 V
VO = 0.2 V
10
150°C
−55°C
25°C
150°C
1
10
10
−55°C
25°C
150°C
−55°C
25°C
150°C
20
12
16
1
24
0.01


Similar Part No. - SMUN5213T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SMUN5213T1G ONSEMI-SMUN5213T1G Datasheet
111Kb / 12P
   NPN Transistors with Monolithic Bias Resistor Network
March, 2015 ??Rev. 3
SMUN5213T1G ONSEMI-SMUN5213T1G Datasheet
145Kb / 12P
   Digital Transistors (BRT)
October, 2016 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com