Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BUF634U-2K5E4 Datasheet(PDF) 1 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # BUF634U-2K5E4
Description  250mA HIGH-SPEED BUFFER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

BUF634U-2K5E4 Datasheet(HTML) 1 Page - Burr-Brown (TI)

  BUF634U-2K5E4 Datasheet HTML 1Page - Burr-Brown (TI) BUF634U-2K5E4 Datasheet HTML 2Page - Burr-Brown (TI) BUF634U-2K5E4 Datasheet HTML 3Page - Burr-Brown (TI) BUF634U-2K5E4 Datasheet HTML 4Page - Burr-Brown (TI) BUF634U-2K5E4 Datasheet HTML 5Page - Burr-Brown (TI) BUF634U-2K5E4 Datasheet HTML 6Page - Burr-Brown (TI) BUF634U-2K5E4 Datasheet HTML 7Page - Burr-Brown (TI) BUF634U-2K5E4 Datasheet HTML 8Page - Burr-Brown (TI) BUF634U-2K5E4 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
©1993 Burr-Brown Corporation
PDS-1206C
Printed in U.S.A. June, 1996
BUF634
FEATURES
q HIGH OUTPUT CURRENT: 250mA
q SLEW RATE: 2000V/
µs
q PIN-SELECTED BANDWIDTH:
30MHz to 180MHz
q LOW QUIESCENT CURRENT:
1.5mA (30MHz BW)
q WIDE SUPPLY RANGE:
±2.25 to ±18V
q INTERNAL CURRENT LIMIT
q THERMAL SHUTDOWN PROTECTION
q 8-PIN DIP, SO-8, 5-LEAD TO-220, 5-LEAD
DDPAK SURFACE-MOUNT
BW
NC
V
IN
V–
NC
V+
V
O
NC
1
2
3
4
8
7
6
5
8-Pin DIP Package
SO-8 Surface-Mount Package
G = 1
®
APPLICATIONS
q VALVE DRIVER
q SOLENOID DRIVER
q OP AMP CURRENT BOOSTER
q LINE DRIVER
q HEADPHONE DRIVER
q VIDEO DRIVER
q MOTOR DRIVER
q TEST EQUIPMENT
q ATE PIN DRIVER
DESCRIPTION
The BUF634 is a high speed unity-gain open-loop
buffer recommended for a wide range of applications.
It can be used inside the feedback loop of op amps to
increase output current, eliminate thermal feedback
and improve capacitive load drive.
For low power applications, the BUF634 operates
on 1.5mA quiescent current with 250mA output,
2000V/
µs slew rate and 30MHz bandwidth. Band-
width can be adjusted from 30MHz to 180MHz by
connecting a resistor between V– and the BW Pin.
Output circuitry is fully protected by internal current
limit and thermal shut-down making it rugged and
easy to use.
The BUF634 is available in a variety of packages to
suit mechanical and power dissipation requirements.
Types include 8-pin DIP, SO-8 surface-mount, 5-lead
TO-220, and a 5-lead DDPAK surface-mount plastic
power package.
250mA HIGH-SPEED BUFFER
BUF634
BUF634
BUF634
BUF634
G = 1
G = 1
V–
V
O
V+
V
IN
BW
123 4 5
5-Lead
TO-220
V–
V
O
V+
V
IN
BW
123 4 5
NOTE: Tabs are connected
to V– supply.
5-Lead DDPAK
Surface Mount
International Airport Industrial Park • Mailing Address: PO Box 11400, Tucson, AZ 85734 • Street Address: 6730 S. Tucson Blvd., Tucson, AZ 85706 • Tel: (520) 746-1111 • Twx: 910-952-1111
Internet: http://www.burr-brown.com/ • FAXLine: (800) 548-6133 (US/Canada Only) • Cable: BBRCORP • Telex: 066-6491 • FAX: (520) 889-1510 • Immediate Product Info: (800) 548-6132
SBOS030


Similar Part No. - BUF634U-2K5E4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
BUF634U BURR-BROWN-BUF634U Datasheet
200Kb / 11P
   250mA HIGH-SPEED BUFFER
BUF634U BURR-BROWN-BUF634U Datasheet
248Kb / 12P
   250mA HIGH-SPEED BUFFER
BUF634U/2K5 BURR-BROWN-BUF634U/2K5 Datasheet
200Kb / 11P
   250mA HIGH-SPEED BUFFER
BUF634U/2K5 BURR-BROWN-BUF634U/2K5 Datasheet
248Kb / 12P
   250mA HIGH-SPEED BUFFER
BUF634U/2K5E4 BURR-BROWN-BUF634U/2K5E4 Datasheet
248Kb / 12P
   250mA HIGH-SPEED BUFFER
More results

Similar Description - BUF634U-2K5E4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
BUF634 BURR-BROWN-BUF634 Datasheet
200Kb / 11P
   250mA HIGH-SPEED BUFFER
BUF634 BURR-BROWN-BUF634_07 Datasheet
248Kb / 12P
   250mA HIGH-SPEED BUFFER
logo
National Semiconductor ...
LM6121 NSC-LM6121 Datasheet
285Kb / 10P
   High Speed Buffer
logo
Calogic, LLC
CLM6121 CALOGIC-CLM6121 Datasheet
62Kb / 5P
   High Speed Buffer
logo
Texas Instruments
LM6121 TI1-LM6121 Datasheet
322Kb / 13P
[Old version datasheet]   High Speed Buffer
LM6125 TI1-LM6125 Datasheet
306Kb / 11P
[Old version datasheet]   High Speed Buffer
logo
Calogic, LLC
CLM4121 CALOGIC-CLM4121 Datasheet
58Kb / 6P
   High Speed Buffer
CLM6121 CALOGIC-CLM6121_15 Datasheet
82Kb / 6P
   High Speed Buffer
logo
National Semiconductor ...
LM6125 NSC-LM6125 Datasheet
261Kb / 9P
   High Speed Buffer
LM6121 NSC-LM6121_04 Datasheet
328Kb / 11P
   High Speed Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com