Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP703MX30TCG Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCP703MX30TCG
Description  300 mA, Ultra-Low Quiescent Current, IQ 12 A, Ultra-Low Noise, LDO Voltage Regulator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP703MX30TCG Datasheet(HTML) 1 Page - ON Semiconductor

  NCP703MX30TCG Datasheet HTML 1Page - ON Semiconductor NCP703MX30TCG Datasheet HTML 2Page - ON Semiconductor NCP703MX30TCG Datasheet HTML 3Page - ON Semiconductor NCP703MX30TCG Datasheet HTML 4Page - ON Semiconductor NCP703MX30TCG Datasheet HTML 5Page - ON Semiconductor NCP703MX30TCG Datasheet HTML 6Page - ON Semiconductor NCP703MX30TCG Datasheet HTML 7Page - ON Semiconductor NCP703MX30TCG Datasheet HTML 8Page - ON Semiconductor NCP703MX30TCG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
© Semiconductor Components Industries, LLC, 2012
September, 2012 − Rev. 0
1
Publication Order Number:
NCP703/D
NCP703
300 mA, Ultra-Low Quiescent
Current, IQ 12 mA, Ultra-Low
Noise, LDO Voltage Regulator
Noise sensitive RF applications such as Power Amplifiers in
satellite radios, infotainment equipment, and precision
instrumentation require very clean power supplies. The NCP703 is
300 mA LDO that provides the engineer with a very stable, accurate
voltage with ultra low noise and very high Power Supply Rejection
Ratio (PSRR) suitable for RF applications. The device doesn’t require
any additional noise bypass capacitor to achieve ultra−low noise
performance. In order to optimize performance for battery operated
portable applications, the NCP703 employs dynamic Iq management
for ultra−low quiescent current consumption at light−load conditions
and great dynamic performance.
Features
Operating Input Voltage Range: 2.0 V to 5.5 V
Available in Fixed Voltage Options: 0.8 to 3.5 V
Contact Factory for Other Voltage Options
Ultra−Low Quiescent Current of Typ. 12 mA
Ultra−Low Noise: 13 mVRMS from 100 Hz to 100 kHz
Very Low Dropout: 180 mV Typical at 300 mA
±2% Accuracy Over Load/Line/Temperature
High PSRR: 68 dB at 1 kHz
Internal Soft−Start to Limit the Turn−On Inrush Current
Thermal Shutdown and Current Limit Protections
Stable with a 1 mF Ceramic Output Capacitor
Available in TSOP−5 and XDFN 1.5 x 1.5 mm Package
Active Output Discharge for Fast Turn−Off
These are Pb−Free Devices
Typical Applicaitons
PDAs, Mobile Phones, GPS, Smartphones
Wireless Handsets, Wireless LAN, Bluetooth, Zigbee
Portable Medical Equipment
Other Battery Powered Applications
Figure 1. Typical Application Schematic
IN
EN
OUT
GND
NCP703
1 mF
1 mF
COUT
VOUT
CIN
VIN
Ceramic
ON
OFF
http://onsemi.com
See detailed ordering and shipping information in the package
dimensions section on page 16 of this data sheet.
ORDERING INFORMATION
TSOP−5
SN SUFFIX
CASE 483
1
5
X, XXX = Specific Device Code
M
= Date Code
A
= Assembly Location
Y
= Year
W
= Work Week
G
= Pb−Free Package
1
5
XXXAYW
G
MARKING DIAGRAMS
XDFN6
MX SUFFIX
CASE 711AE
X M
G
1
1
PIN CONNECTIONS
5−Pin TSOP−5
(Top View)
6−Pin XDFN 1.5 x 1.5 mm
(Top View)
OUT
N/C
N/C
IN
EN
GND
IN
EN
N/C
OUT
GND
1
1


Similar Part No. - NCP703MX30TCG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP703MX30TCG ONSEMI-NCP703MX30TCG Datasheet
994Kb / 18P
   300 mA, Ultra-Low Quiescent Current, IQ 12 A, Ultra-Low Noise, LDO Voltage Regulator
April, 2013 ??Rev. 2
NCP703MX30TCG ONSEMI-NCP703MX30TCG Datasheet
947Kb / 18P
   300 mA, Ultra-Low Quiescent Current, IQ 12 A, Ultra-Low Noise, LDO Voltage Regulator
May, 2016 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com