Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP1075STBT3G Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCP1075STBT3G
Description  High-Voltage Switcher for Low Power Offline SMPS
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1075STBT3G Datasheet(HTML) 1 Page - ON Semiconductor

  NCP1075STBT3G Datasheet HTML 1Page - ON Semiconductor NCP1075STBT3G Datasheet HTML 2Page - ON Semiconductor NCP1075STBT3G Datasheet HTML 3Page - ON Semiconductor NCP1075STBT3G Datasheet HTML 4Page - ON Semiconductor NCP1075STBT3G Datasheet HTML 5Page - ON Semiconductor NCP1075STBT3G Datasheet HTML 6Page - ON Semiconductor NCP1075STBT3G Datasheet HTML 7Page - ON Semiconductor NCP1075STBT3G Datasheet HTML 8Page - ON Semiconductor NCP1075STBT3G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
© Semiconductor Components Industries, LLC, 2012
November, 2012 − Rev. 2
1
Publication Order Number:
NCP1072/D
NCP1072, NCP1075
High-Voltage Switcher for
Low Power Offline SMPS
The NCP1072/NCP1075 products integrate a fixed frequency
current mode controller with a 700 V MOSFET. Available in a
PDIP−7 or SOT−223 package, the NCP1072/5 offer a high level of
integration, including soft−start, frequency−jittering, short−circuit
protection, skip−cycle, a maximum peak current set point, ramp
compensation, and a Dynamic Self−Supply (eliminating the need for
an auxiliary winding).
Unlike other monolithic solutions, the NCP1072/5 is quiet by
nature: during nominal load operation, the part switches at one of the
available frequencies (65, 100 or 130 kHz). When the output power
demand diminishes, the IC automatically enters frequency foldback
mode and provides excellent efficiency at light loads. When the power
demand reduces further, it enters into a skip mode to reduce the
standby consumption down to a no load condition.
Protection features include: a timer to detect an overload or a
short−circuit event, Overvoltage Protection with auto−recovery and
AC input line voltage detection.
For improved standby performance, the connection of an auxiliary
winding stops the DSS operation and helps to reduce input power
consumption below 50 mW at high line.
Features
Built−in 700 V MOSFET with RDS(on) of 11 W
Large Creepage Distance Between High−voltage Pins
Current−Mode Fixed Frequency Operation – 65 / 100 /
130 kHz (NCP1072 130 kHz on demand only)
Peak Current: NCP1072 with 250 mA and NCP1075
with 450 mA
Fixed Ramp Compensation
Skip−Cycle Operation at Low Peak Currents Only: No
Acoustic Noise!
Dynamic Self−Supply: No Need for an Auxiliary
Winding
Internal 1 ms Soft−Start
Auto−Recovery Output Short Circuit Protection with
Timer−Based Detection
Auto−Recovery Overvoltage Protection with Auxiliary
Winding Operation
Frequency Jittering for Better EMI Signature, Including
Frequency Foldback Mode
No Load Input Consumption < 50 mW
Frequency Foldback to Improve Efficiency at Light
Load
Internal Temperature Shutdown
These are Pb−Free Devices
Typical Applications
Auxiliary / Standby Isolated Power Supplies White
Goods / Smart Meter / E−Meter
SOT−223
ST SUFFIX
CASE 318E
MARKING
DIAGRAMS
http://onsemi.com
PDIP−7
P SUFFIX
CASE 626A
1
x
= Current Limit (2 or 5)
y
= Oscillator Frequency
=A (65 kHz), B (100 kHz), C (130 kHz)
yyy
= 065, 100, 130
A
= Assembly Location
WL
= Wafer Lot
Y, YY
= Year
W, WW = Work Week
G or G = Pb−Free Package
AYW
107xyG
G
P107xPyyy
AWL
YYWWG
See detailed ordering and shipping information in the package
dimensions section on page 24 of this data sheet.
ORDERING INFORMATION


Similar Part No. - NCP1075STBT3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1075STBT3G ONSEMI-NCP1075STBT3G Datasheet
796Kb / 30P
   High-Voltage Switcher for Low Power Offline SMPS
April, 2016 ??Rev. 7
More results

Similar Description - NCP1075STBT3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1072 ONSEMI-NCP1072 Datasheet
814Kb / 26P
   High-Voltage Switcher for Low Power Offline SMPS
November, 2012 ??Rev. 2
NCP1075P065G ONSEMI-NCP1075P065G Datasheet
839Kb / 28P
   High-Voltage Switcher for Low Power Offline SMPS
February, 2014 ??Rev. 0
NCP1060 ONSEMI-NCP1060_17 Datasheet
389Kb / 31P
   High-Voltage Switcher for Low Power Offline SMPS
October, 2017 ??Rev. 7
NCP1070 ONSEMI-NCP1070_16 Datasheet
796Kb / 30P
   High-Voltage Switcher for Low Power Offline SMPS
April, 2016 ??Rev. 7
NCP1060 ONSEMI-NCP1060_16 Datasheet
390Kb / 31P
   High-Voltage Switcher for Low Power Offline SMPS
April, 2016 ??Rev. 3
NCP10670B ONSEMI-NCP10670B Datasheet
423Kb / 25P
   High-Voltage Switcher for Low Power Offline SMPS
February, 2019 ??Rev. 0
NCV1060 ONSEMI-NCV1060 Datasheet
561Kb / 31P
   Automotive High-Voltage Switcher for Low Power Offline SMPS
May, 2018 ??Rev. 0
NCP1028 ONSEMI-NCP1028_15 Datasheet
491Kb / 29P
   High-Voltage Switcher for Medium Power Offline SMPS Featuring Low Standby Power
January, 2015 ??Rev. 3
NCP1027 ONSEMI-NCP1027_15 Datasheet
526Kb / 30P
   High-Voltage Switcher for Medium Power Offline SMPS Featuring Low Standby Power
January, 2015 ??Rev. 5
NCP1027 ONSEMI-NCP1027 Datasheet
600Kb / 30P
   High?뭋oltage Switcher for Medium Power Offline SMPS Featuring Low Standby Power
December, 2006 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com