Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP563SQ30T1G Datasheet(PDF) 4 Page - ON Semiconductor

Part # NCP563SQ30T1G
Description  80 mA CMOS Low Iq Low-Dropout Voltage Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP563SQ30T1G Datasheet(HTML) 4 Page - ON Semiconductor

  NCP563SQ30T1G Datasheet HTML 1Page - ON Semiconductor NCP563SQ30T1G Datasheet HTML 2Page - ON Semiconductor NCP563SQ30T1G Datasheet HTML 3Page - ON Semiconductor NCP563SQ30T1G Datasheet HTML 4Page - ON Semiconductor NCP563SQ30T1G Datasheet HTML 5Page - ON Semiconductor NCP563SQ30T1G Datasheet HTML 6Page - ON Semiconductor NCP563SQ30T1G Datasheet HTML 7Page - ON Semiconductor NCP563SQ30T1G Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
NCP562, NCP563
http://onsemi.com
4
0
0
VIN, INPUT VOLTAGE (V)
100
20
0
−20
−40
−60
1.7
2.9
Figure 3. Quiescent Current versus Temperature
T, TEMPERATURE (°C)
Figure 4. Quiescent Current versus Input
Voltage
Figure 5. Output Voltage versus Temperature
Figure 6. Output Voltage versus Input Voltage
Figure 7. Dropout Voltage versus Temperature
Figure 8. Turn−On Response (NCP562 ONLY)
2.7
2.5
6
5
3
2
1
0
0
3
2
1
0.5
125
25
−50
T, TEMPERATURE (°C)
300
4
400
250
200
100
50
0
t, TIME (ms)
1
1.9
2.5
100
60
40
20
−20
−40
−60
T, TEMPERATURE (°C)
6
1
0
0
3.5
VIN, INPUT VOLTAGE (V)
3
2.5
2.990
3.020
3.000
2.1
2.3
VIN = 4.0 V
VOUT = 3.0 V
IOUT = 0 mA
1.5
VOUT = 3.0 V
080
2.995
3.015
3.005
3.010
VIN = 6.0 V
IOUT = 30 mA
VOUT(nom) = 3.0 V
80 mA LOAD
VIN = 4.0 V
CIN = 1.0 mF
3
2
2
0
150
40
60
80
4
VIN = 4.0 V
VOUT(nom) = 3.0 V
IOUT = 10 mA
23
4
5
2
1.5
1
0.5
−25
0
50
75
100
250
200
150
100
50
40 mA LOAD
10 mA LOAD
300
350
COUT = 0.1 mF
IOUT = 10 mA


Similar Part No. - NCP563SQ30T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP563SQ30T1G ONSEMI-NCP563SQ30T1G Datasheet
62Kb / 10P
   80 mA CMOS Low Iq Low-Dropout Voltage Regulator
January, 2004 ??Rev. 6
NCP563SQ30T1G ONSEMI-NCP563SQ30T1G Datasheet
79Kb / 8P
   80 mA CMOS Low Iq Low-Dropout Voltage Regulator
July, 2015 ??Rev. 15
NCP563SQ30T1G ONSEMI-NCP563SQ30T1G Datasheet
79Kb / 8P
   80 mA CMOS Low Iq Low-Dropout Voltage Regulator
July, 2015 ??Rev. 15
More results

Similar Description - NCP563SQ30T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP562 ONSEMI-NCP562_15 Datasheet
79Kb / 8P
   80 mA CMOS Low Iq Low-Dropout Voltage Regulator
July, 2015 ??Rev. 15
NCP502 ONSEMI-NCP502_13 Datasheet
192Kb / 9P
   80 mA CMOS Low Iq, Low-Dropout Voltage Regulator
May, 2013 ??Rev. 20
NCP563 ONSEMI-NCP563 Datasheet
62Kb / 10P
   80 mA CMOS Low Iq Low-Dropout Voltage Regulator
January, 2004 ??Rev. 6
NCP565 ONSEMI-NCP565_16 Datasheet
79Kb / 8P
   80 mA CMOS Low Iq Low-Dropout Voltage Regulator
July, 2015 ??Rev. 15
NCP502 ONSEMI-NCP502_16 Datasheet
99Kb / 9P
   80 mA CMOS Low Iq, Low-Dropout Voltage Regulator
December, 2016 ??Rev. 21
NCP502SQ50T2G ONSEMI-NCP502SQ50T2G Datasheet
174Kb / 9P
   80 mA CMOS Low Iq Low-Dropout Voltage
May, 2013 ??Rev. 20
NCP512SQ13T1G ONSEMI-NCP512SQ13T1G Datasheet
142Kb / 9P
   80 mA CMOS Low Iq Voltage Regulator
June, 2009 ??Rev. 15
NCP502 ONSEMI-NCP502_07 Datasheet
92Kb / 11P
   80 mA CMOS Low Iq, Low?묭ropout Voltage Regulator
February, 2007 ??Rev. 12
NCP561SN33T1G ONSEMI-NCP561SN33T1G Datasheet
117Kb / 10P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
August, 2007 - Rev. 5
NCV551SN14T1G ONSEMI-NCV551SN14T1G Datasheet
160Kb / 11P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
May, 2013 ??Rev. 17
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com