Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP1336BDR2G Datasheet(PDF) 6 Page - ON Semiconductor

Part # NCP1336BDR2G
Description  Quasi-Resonant Current Mode Controller for High Power Universal Off-Line Supplies
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1336BDR2G Datasheet(HTML) 6 Page - ON Semiconductor

Back Button NCP1336BDR2G Datasheet HTML 2Page - ON Semiconductor NCP1336BDR2G Datasheet HTML 3Page - ON Semiconductor NCP1336BDR2G Datasheet HTML 4Page - ON Semiconductor NCP1336BDR2G Datasheet HTML 5Page - ON Semiconductor NCP1336BDR2G Datasheet HTML 6Page - ON Semiconductor NCP1336BDR2G Datasheet HTML 7Page - ON Semiconductor NCP1336BDR2G Datasheet HTML 8Page - ON Semiconductor NCP1336BDR2G Datasheet HTML 9Page - ON Semiconductor NCP1336BDR2G Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
NCP1336A/B
http://onsemi.com
6
ELECTRICAL CHARACTERISTICS
(For typical values TJ = 25°C, for min/max values TJ = −40°C to +125°C, Max TJ = 150°C, VCC = 12 V unless otherwise noted)
Symbol
Rating
Min
Typ
Max
Unit
SUPPLY SECTION
VCCon
VCC increasing level at which the current source turns−off
14
15
16
V
VCCmin
VCC level below which output pulses are stopped
8
9
10
V
VCCreset
Internal latch reset level
5.5
V
ICC1
Internal IC consumption, no output load on DRV pin (Fsw = 10 kHz)
1.4
2.0
mA
ICC1light
ICC1 for a Feedback Voltage Equal to VHVCO (internal bias reduction), with CT =
220 pF (corresponding to an Fsw of about 20 kHz)
1.8
mA
ICC2
Internal IC consumption, 1 nF output load on pin 9, Fsw = 65 kHz
2.5
3.0
mA
ICC3
Internal IC consumption, hiccup phase (VCCmin < VCC < VCCon)
0.45
0.6
mA
INTERNAL STARTUP CURRENT SOURCE (TJ > 05C) (HV Pin Biased to 60 Vdc)
IC2
High−voltage current source, VCC = 10 V (Note 3)
3
6
9
mA
IC1
High−voltage current source, VCC = 0
150
300
550
mA
VTh
VCC transition level for IC1 to IC2 toggling point (IHV = 2.5 mA)
0.3
0.7
0.9
V
Ileak
Leakage current for the high voltage source, VHV(pin) = 500 Vdc
1
12
30
mA
DRIVE OUTPUT
Tr
Output voltage rise−time @ CL = 1 nF, 10%−90% of a 12 V output signal
40
75
ns
Tf
Output voltage fall−time @ CL = 1 nF, 10%−90% of a 12 V output signal
25
60
ns
Isource
Source current capability at VDRV = 2 V
500
mA
Isink
Sink current capability at VDRV = 10 V
800
mA
VDRVlow
DRV pin level at VCC close to VCCmin with a 33 kW resistor to GND and a 1 nF
capacitor to GND
7.6
V
VDRVhigh DRV pin level at VCC = 28 V with a 1 nF capacitor to GND (Note 3)
17
V
DEMAGNETIZATION INPUT
Vth
Input threshold voltage (VZCD(pin) decreasing)
35
55
90
mV
VH
Hysteresis (VZCD(pin) increasing)
15
35
55
mV
VCH
VCL
Input clamp voltage
High state (IZCD(pin) = 3.0 mA)
Low state (IZCD(pin) = −2.0 mA)
8
−0.9
10
−0.7
12
0
V
V
Tdem
Demag propagation delay (VZCD(pin) decreasing from 4 V to −0.3 V)
150
250
ns
Cpar
Internal input capacitance at VZCD(pin) = 1 V
10
pF
Tblank
Blanking Delay after tON
2
3
4
ms
Tout
Timeout after last demag transition
4
5.25
6.5
ms
CURRENT COMPARATOR
IIB
Input Bias Current @ 1 V input level on CS pin
0.02
mA
ILimit1
Maximum internal current setpoint – TJ = 25°C – OPP pin grounded
0.76
0.8
0.84
V
ILimit2
Maximum internal current setpoint – TJ from −40°C to 125°C – OPP pin grounded
0.744
0.8
0.856
V
Ipeak_VCO Percentage of maximum peak current level at which VCO takes over (Note 4)
22
25
28
%
TDEL
Propagation delay from current detection to gate OFF state
100
160
ns
TLEB
Leading Edge Blanking Duration
TJ = −5°C to +125°C
TJ = −40°C to +125°C
240
240
295
295
350
360
ns
3. Minimum value for TJ = 125°C.
4. The peak current setpoint goes down as the load decreases. It is frozen below Ipeak_VCO (Ipeak = cst)
5. If negative voltage in excess to −300 mV is applied to OPP pin, the current setpoint decrease is no longer guaranteed to be linear.
6. NTC on OTP pin with R = 8.8 kW at 110°C.


Similar Part No. - NCP1336BDR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1336BDR2G ONSEMI-NCP1336BDR2G Datasheet
936Kb / 26P
   Quasi-Resonant Current Mode Controller
April, 2014 ??Rev. 2
NCP1336BDR2G ONSEMI-NCP1336BDR2G Datasheet
1,022Kb / 27P
   Quasi-Resonant Current Mode Controller for High Power Universal Off-Line Supplies
March, 2017 - Rev. 4
More results

Similar Description - NCP1336BDR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1380 ONSEMI-NCP1380_12 Datasheet
388Kb / 26P
   Quasi-Resonant Current-Mode Controller for High-Power Universal Off-Line Supplies
June, 2012 ??Rev. 4
NCP1380 ONSEMI-NCP1380 Datasheet
417Kb / 26P
   Quasi-Resonant Current-Mode Controller for High-Power Universal Off-Line Supplies
December, 2009 ??Rev. 1
NCP1336A ONSEMI-NCP1336A_V01 Datasheet
1,022Kb / 27P
   Quasi-Resonant Current Mode Controller for High Power Universal Off-Line Supplies
March, 2017 - Rev. 4
NCP1379 ONSEMI-NCP1379 Datasheet
346Kb / 22P
   Quasi-Resonant Current-Mode Controller for High-Power Universal Off-line Supplies
December, 2009 ??Rev. P0
NCP1379 ONSEMI-NCP1379_11 Datasheet
314Kb / 22P
   Quasi-Resonant Current-Mode Controller for High-Power Universal Off-line Supplies
July, 2011 ??Rev. 2
NCP1380 ONSEMI-NCP1380_V01 Datasheet
424Kb / 28P
   Quasi-Resonant Current-Mode Controller for High-Power Universal Off-Line Supplies
February, 2018 - Rev. 6
NCP1216P065 ONSEMI-NCP1216P065 Datasheet
287Kb / 18P
   PWM Current-Mode Controller for High-Power Universal Off-Line Supplies
December, 2010 ??Rev. 13
DAP011 ONSEMI-DAP011 Datasheet
827Kb / 24P
   PWM Current−Mode Controller for High−Power Universal Off−Line Supplies
November, 2005 - Rev. 2
DAP018A ONSEMI-DAP018A Datasheet
792Kb / 28P
   PWM Current-Mode Controller for High-Power Universal Off-Line Supplies
July, 2009 - Rev. 0
NCP1216 ONSEMI-NCP1216 Datasheet
182Kb / 18P
   PWM Current-Mode Controller for High-Power Universal Off-Line Supplies
September, 2004 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com