Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP4632BDT08T5G Datasheet(PDF) 6 Page - ON Semiconductor

Part # NCP4632BDT08T5G
Description  3A, Low Voltage, Low Dropout Linear Voltage Regulator with Reverse Current Protection
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP4632BDT08T5G Datasheet(HTML) 6 Page - ON Semiconductor

Back Button NCP4632BDT08T5G Datasheet HTML 2Page - ON Semiconductor NCP4632BDT08T5G Datasheet HTML 3Page - ON Semiconductor NCP4632BDT08T5G Datasheet HTML 4Page - ON Semiconductor NCP4632BDT08T5G Datasheet HTML 5Page - ON Semiconductor NCP4632BDT08T5G Datasheet HTML 6Page - ON Semiconductor NCP4632BDT08T5G Datasheet HTML 7Page - ON Semiconductor NCP4632BDT08T5G Datasheet HTML 8Page - ON Semiconductor NCP4632BDT08T5G Datasheet HTML 9Page - ON Semiconductor NCP4632BDT08T5G Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
NCP4632
http://onsemi.com
6
TYPICAL CHARACTERISTICS
0
Figure 15. Dropout Voltage vs. Output Current
at NCP4632xDT28
OUTPUT CURRENT (A)
0.4
0.5
1
1.5
2
2.5
3
40°C
25°C
85°C
0.35
0.3
0.25
0.2
0.15
0.1
0.05
0
0
0.5
1
1.5
2
2.5
3
0.4
0.35
0.3
0.25
0.2
0.15
0.1
0.05
0
Figure 16. Dropout Voltage vs. Output Current
at NCP4632xDT33
OUTPUT CURRENT (A)
40°C
25°C
85°C
0
10
20
30
40
50
60
70
80
90
0.1
1
10
100
1000
Figure 17. PSRR vs. Frequency at
NCP4632xDT08
FREQUENCY (kHz)
Iout = 1 mA
Iout = 100 mA
Iout = 1 A
0
10
20
30
40
50
60
70
80
90
100
0.1
1
10
100
1000
Figure 18. PSRR vs. Frequency at
NCP4632xDT15
FREQUENCY (kHz)
0
10
20
30
40
50
60
70
80
90
0.1
1
10
100
1000
Iout = 1 A
Iout = 1 mA
Iout = 100 mA
Figure 19. PSRR vs. Frequency at
NCP4632xDT28
FREQUENCY (kHz)
Iout = 1 A
Iout = 1 mA
Iout = 100 mA
0
10
20
30
40
50
60
70
0.1
1
10
100
1000
Figure 20. PSRR vs. Frequency at
NCP4632xDT33
FREQUENCY (kHz)
Iout = 1 mA
Iout = 100 mA
Iout = 1 A


Similar Part No. - NCP4632BDT08T5G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP4632BDT08T5G ONSEMI-NCP4632BDT08T5G Datasheet
608Kb / 14P
   Low Voltage, Low Dropout Linear Voltage Regulator
February, 2017 ??Rev. 3
More results

Similar Description - NCP4632BDT08T5G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP4626 ONSEMI-NCP4626 Datasheet
586Kb / 28P
   300 mA, Low Dropout Voltage Regulator with Reverse Current Protection
August, 2013 ??Rev. 4
NCP4626DSN033T1G ONSEMI-NCP4626DSN033T1G Datasheet
586Kb / 28P
   300 mA, Low Dropout Voltage Regulator with Reverse Current Protection
August, 2013 ??Rev. 4
logo
Sipex Corporation
SPX29300 SIPEX-SPX29300_06 Datasheet
293Kb / 11P
   3A High Current, Low Dropout Voltage Regulator
logo
Texas Instruments
TPS73718 TI-TPS73718 Datasheet
972Kb / 22P
[Old version datasheet]   1A Low-Dropout Regulator with Reverse Current Protection
logo
Micrel Semiconductor
MIC39300 MICREL-MIC39300 Datasheet
107Kb / 12P
   3A Low-Voltage Low-Dropout Regulator
logo
Microchip Technology
MIC39300 MICROCHIP-MIC39300 Datasheet
2Mb / 24P
   3A, Low Voltage Low Dropout Regulator
09/14/21
logo
Texas Instruments
TPS73701 TI1-TPS73701_13 Datasheet
1Mb / 31P
[Old version datasheet]   1A Low-Dropout Regulator with Reverse Current Protection
TPS737XX TI-TPS737XX_09 Datasheet
991Kb / 22P
[Old version datasheet]   1A Low-Dropout Regulator with Reverse Current Protection
TPS737XX TI1-TPS737XX Datasheet
470Kb / 18P
[Old version datasheet]   1A Low-Dropout Regulator with Reverse Current Protection
logo
HTC Korea TAEJIN Techno...
LM39300 HTC-LM39300 Datasheet
281Kb / 8P
   3A Low-Voltage Low-Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com