Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL12028 Datasheet(PDF) 3 Page - Intersil Corporation

Part # ISL12028
Description  High-Accuracy RTC Modules, Feature-Rich RTCs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL12028 Datasheet(HTML) 3 Page - Intersil Corporation

  ISL12028 Datasheet HTML 1Page - Intersil Corporation ISL12028 Datasheet HTML 2Page - Intersil Corporation ISL12028 Datasheet HTML 3Page - Intersil Corporation ISL12028 Datasheet HTML 4Page - Intersil Corporation ISL12028 Datasheet HTML 5Page - Intersil Corporation ISL12028 Datasheet HTML 6Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
www.intersil.com/timing
REAL TIME CLOCK ICs
INTERSIL SELECTION GUIDE
HIGH-ACCURACy RTC MODULEs
ISL12022M
Crystal
Oscillator
Frequency
Control
Temp
Sensor
Single
Alarm
Compen-
sation
Registers
Brown-out
Alarm
Battery
ReSeal™
µP
I2C
IRQ/FOUT
Clock
Calendar
POR
Switch
VDD
VBAT
±
Battery-
backed
User SRAM
Battery or
Super Cap
2.7V to 5.5V
1.8V to 5.5V
TRIP
V
Power Control
-160.0
-140.0
-120.0
-100.0
-80.0
-60.0
-40.0
-20.0
0.0
-40
-20
0
20
40
60
80
100
Temperature (°C)
ISL12020M Compensated
Crystal Drift
Uncompensated Crystal Drift
Embedded Crystal
Embedded Temperature
Sensor
TINy RTC MODULE wITH EMBEDDED
CRySTAL AND TEMPERATURE SENSOR
ACHIEvES BETTER THAN ±5.0ppm
ACCURACy
Tiny Real Time Clock (RTC) module with
embedded crystal and temperature
compensation circuitry achieves better than
±5 ppm accuracy over the entire industrial
temperature range (-40°C to +85°C). Intersil
is the first to offer an RTC module in a DFN
package. This makes this module very attractive
for handheld and portable applications that have
stringent space requirements.
RTC Modules
with Embedded
Crystal and
Temp Comp
ISL12020M,
ISL12022M
kEy FEATURES
• ISL12020M: World’s smallest 3-in-1 RTC Module
- RTC + crystal + temperature sensor
- Available in DFN package
• Better than ±5.0ppm accuracy for industrial
temperature range
- Factory programmed for optimal accuracy
• Battery Reseal™ function extends battery shelf
life
• ISL12022M: Low-cost SOIC package
- Industrial: Utility meters, POS, instruments
- Consumer: GPS handhelds, cameras, copiers
• Stand-alone RTC with temperature sensor also
available (ISL12022, ISL12023)
BLOCk DIAGRAM
HIGH ACCURACy EvEN IN ExTREME TEMPERATURE
CONDITIONS
10.00
-50
-30
-10
10
Temperature (°C)
30
50
70
90
8.00
6.00
4.00
2.00
0.00
-2.00
-4.00
-6.00
-8.00
-10.00
Better than ±5.0ppm
over -40 to +85°C!
High-Accuracy RTC Modules
with Embedded Crystal and Temperature Compensation
Device
IBAT
(nA)
Alarms
Selectable
Frequency
Output
CPU Supervisory
Function
Battery
IRQ
FOUT
SRAM
Other Functions
Package
POR
Watchdog
Timer
Seal Backup
ISL12020M
1000
1
15
N
N
Y
Y
Shared Pin
128 Bytes
•BatterySwitchoverTimeStamp
•BatteryStatusMonitor
20 Ld DFN
ISL12022M
1000
1
15
N
N
Y
Y
Shared Pin
128 Bytes
•BatterySwitchoverTimeStamp
•BatteryStatusMonitor
20 Ld SOIC
ISL12022MA
1000
1
15
N
N
Y
Y
Shared Pin
128 Bytes
•EnhancedEnvironmentalMoistureTolerance
•100%PinCompatiblewithISL12022M
•FirmwareCompatiblewithISL12020Mand
ISL12022M
Enhanced
20 Ld SOIC
ISL12022M
-R5421
1000
1
15
N
N
Y
Y
Shared Pin
128 Bytes
•EnhancedESDPerformance
•100%PinCompatiblewithISL12022M
•FirmwareCompatiblewithISL12020Mand
ISL12022M
Enhanced
20 Ld SOIC


Similar Part No. - ISL12028

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL12028 INTERSIL-ISL12028 Datasheet
423Kb / 28P
   Real Time Clock/Calendar with EEPROM
ISL12028 INTERSIL-ISL12028 Datasheet
586Kb / 29P
   Real Time Clock/Calendar with I2C Bus??and EEPROM
ISL12028 INTERSIL-ISL12028 Datasheet
584Kb / 29P
   Real Time Clock/Calendar with I2C Bus??and EEPROM
ISL12028 INTERSIL-ISL12028 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
ISL12028 RENESAS-ISL12028 Datasheet
1Mb / 29P
   Real Time Clock/Calendar with I2C Bus??and EEPROM
More results

Similar Description - ISL12028

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCA5013 TI1-TCA5013 Datasheet
1Mb / 68P
[Old version datasheet]   Feature Rich Smartcard Interface IC
logo
Golledge Electronics Lt...
RV8803C7 GOLLEDGE-RV8803C7_18 Datasheet
770Kb / 5P
   RTC I C bus High Accuracy
logo
Microchip Technology
MCP1726-ADJE MICROCHIP-MCP1726-ADJE Datasheet
100Kb / 2P
   Feature-Rich, Low Dropout Regulator for High-Performance Microprocessor Applications
3/1/05
logo
Cymbet Corporation
AN-1058 CYMBET-AN-1058 Datasheet
280Kb / 7P
   Using CBC348xx EnerChip RTC in High Accuracy Applications
logo
Zilog, Inc.
Z8E000 ZILOG-Z8E000 Datasheet
547Kb / 45P
   FEATURE-RICH Z8 PLUS ONE-TIME-PROGRAMMABLE MICROCONTRONLLER
logo
Maxim Integrated Produc...
AN632 MAXIM-AN632 Datasheet
355Kb / 8P
   Evaluating the Accuracy of Maxim Real-Time Clocks (RTCs)
Aug 01, 2001
logo
NIHON DEMPA KOGYO
NR3225SA NDK-NR3225SA Datasheet
699Kb / 1P
   Digital Temperature Compensated RTC Modules
logo
NHP Electrical Engineer...
2080-MEMBAK-RTC NHP-2080-MEMBAK-RTC Datasheet
636Kb / 1P
   M830/M850 PLUG-IN RECIPE BACKUP AND HIGH ACCURACY RTC
6 June 2023,
logo
OmniVision Technologies...
OV7675 OMNIVISION-OV7675 Datasheet
988Kb / 2P
   Higher Performance, Feature Rich VGA Sensor to Support Fast Growing EmergingMarkets
logo
List of Unclassifed Man...
AR9344 ETC2-AR9344 Datasheet
4Mb / 466P
   Highly-Integrated and Feature-Rich IEEE Premium SoC for Advanced WLAN Platforms
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com