Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTNS3A65PZ Datasheet(PDF) 5 Page - ON Semiconductor

Part # NTNS3A65PZ
Description  ??0 V, ??81 mA, Single P?묬hannel, SOT??83 (XDFN3) 1.0 x 0.6 x 0.4 mm Package
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTNS3A65PZ Datasheet(HTML) 5 Page - ON Semiconductor

  NTNS3A65PZ Datasheet HTML 1Page - ON Semiconductor NTNS3A65PZ Datasheet HTML 2Page - ON Semiconductor NTNS3A65PZ Datasheet HTML 3Page - ON Semiconductor NTNS3A65PZ Datasheet HTML 4Page - ON Semiconductor NTNS3A65PZ Datasheet HTML 5Page - ON Semiconductor NTNS3A65PZ Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
NTNS3A65PZ
http://onsemi.com
5
TYPICAL CHARACTERISTICS
900
0.000001
0.00001
0.0001
0.001
0.01
0.1
1
10
100
1000
Figure 13. Thermal Response
PULSE TIME (sec)
0.1
Duty Cycle = 0.5
0.2
0.05
0.02
0.01
Single Pulse
800
700
600
500
400
300
200
100
0
RqJA steady state = 804°C/W


Similar Part No. - NTNS3A65PZ

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTNS3A91PZ ONSEMI-NTNS3A91PZ Datasheet
99Kb / 3P
   Small Signal MOSFET .20 V, .214 mA, Single P.Channel, 0.62 x 0.62 x 0.4 mm XLLGA3 Package
June, 2012 ??Rev. P2
NTNS3A91PZT5G ONSEMI-NTNS3A91PZT5G Datasheet
99Kb / 3P
   Small Signal MOSFET .20 V, .214 mA, Single P.Channel, 0.62 x 0.62 x 0.4 mm XLLGA3 Package
June, 2012 ??Rev. P2
More results

Similar Description - NTNS3A65PZ

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTNS3164NZ ONSEMI-NTNS3164NZ Datasheet
100Kb / 4P
   20 V, 245 mA, Single N.Channel, SOT.883 (XDFN3) 1.0 x 0.6 x 0.4 mm Package
June, 2012 ??Rev. P1
NTNS3164NZ ONSEMI-NTNS3164NZ_13 Datasheet
125Kb / 6P
   Small Signal MOSFET 20 V, 361 mA, Single N.Channel, SOT.883 (XDFN3) 1.0 x 0.6 x 0.4 mm Package
March, 2013 ??Rev. 0
NTR3A30PZ ONSEMI-NTR3A30PZ Datasheet
119Kb / 6P
   ??0 V, ??.9 A, Single P?묬hannel 2.4 x 2.9 x 1.0 mm SOT??3 Package
April, 2013 ??Rev. 0
NTUD3171PZ ONSEMI-NTUD3171PZ Datasheet
108Kb / 5P
   Small Signal MOSFET ??0 V, ??00 mA, Dual P?묬hannel, 1.0 x 1.0 mm SOT??63 Package
August, 2008 ??Rev. 0
NTNS5K0P021Z ONSEMI-NTNS5K0P021Z Datasheet
178Kb / 6P
   MOSFET ??Single P-Channel, Small Signal, XDFN3, 0.62 x 0.42 x 0.4 mm -20 V, -127 mA
June, 2019 ??Rev. 0
NTUD3170NZ ONSEMI-NTUD3170NZ Datasheet
107Kb / 5P
   Small Signal MOSFET 20 V, 220 mA, Dual N?묬hannel, 1.0 mm x 1.0 mm SOT??63 Package
August, 2008 ??Rev. 0
NVTR0202PLT1G ONSEMI-NVTR0202PLT1G Datasheet
127Kb / 5P
   Power MOSFET ??0 V, ??00 mA, P?묬hannel SOT??3 Package
October, 2011 ??Rev. 5
NTUD3129P ONSEMI-NTUD3129P Datasheet
87Kb / 5P
   Small Signal MOSFET -20 V, -180 mA, Dual P-Channel, 1.0 x 1.0 mm SOT-963 Package
June, 2007 - Rev. 0
NTR1P02T1G ONSEMI-NTR1P02T1G Datasheet
135Kb / 5P
   ??0 V, ?? A, P?묬hannel SOT??3 Package
October, 2011 ??Rev. 6
NTUD3127C ONSEMI-NTUD3127C Datasheet
119Kb / 8P
   Small Signal MOSFET 20 V, 200 mA / ??80 mA, Complementary, 1.0 x 1.0 mm SOT??63 Package
August, 2008 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com