Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NVMFS5830NL Datasheet(PDF) 4 Page - ON Semiconductor

Part # NVMFS5830NL
Description  40 V, 2.3 m, 185 A, Single N?묬hannel
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NVMFS5830NL Datasheet(HTML) 4 Page - ON Semiconductor

  NVMFS5830NL Datasheet HTML 1Page - ON Semiconductor NVMFS5830NL Datasheet HTML 2Page - ON Semiconductor NVMFS5830NL Datasheet HTML 3Page - ON Semiconductor NVMFS5830NL Datasheet HTML 4Page - ON Semiconductor NVMFS5830NL Datasheet HTML 5Page - ON Semiconductor NVMFS5830NL Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
NVMFS5830NL
http://onsemi.com
4
TYPICAL CHARACTERISTICS
0
1000
2000
3000
4000
5000
6000
7000
8000
010
20
30
40
Figure 7. Capacitance Variation
VDS, DRAIN−TO−SOURCE VOLTAGE (V)
TJ = 25°C
VGS = 0 V
Ciss
Coss
Crss
0
2
4
6
8
10
010 20 30 40
60
Figure 8. Gate−to−Source Voltage vs. Total
Charge
Qg, TOTAL GATE CHARGE (nC)
VDS = 32 A
ID = 60 A
TJ = 25°C
QT
Qgs
Qgd
10
100
1000
1
10
100
Figure 9. Resistive Switching Time Variation
vs. Gate Resistance
RG, GATE RESISTANCE (W)
VDD = 20 V
ID = 10 A
VGS = 4.5 V
td(off)
td(on)
tf
tr
0
25
50
75
125
0.60
0.65
0.70
0.80
0.90
Figure 10. Diode Forward Voltage vs. Current
VSD, SOURCE−TO−DRAIN VOLTAGE (V)
VGS = 0 V
TJ = 25°C
0.1
1
10
1000
0.01
0.1
1
10
100
Figure 11. Maximum Rated Forward Biased
Safe Operating Area
VDS, DRAIN−TO−SOURCE VOLTAGE (V)
VGS = 10 V
Single Pulse
TC = 25°C
RDS(on) Limit
Thermal Limit
Package Limit
100 ms
1 ms
dc
10 ms
100
100
50
70 80 90 100
120
110
0.95
0.85
0.75
150
175
10 ms


Similar Part No. - NVMFS5830NL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NVMFS5830NL ONSEMI-NVMFS5830NL Datasheet
111Kb / 6P
   Power MOSFET 40 V, 2.3 m, 185 A, Single N.Channel
March, 2013 ??Rev. 1
NVMFS5830NLT1G ONSEMI-NVMFS5830NLT1G Datasheet
111Kb / 6P
   Power MOSFET 40 V, 2.3 m, 185 A, Single N.Channel
March, 2013 ??Rev. 1
NVMFS5830NLT3G ONSEMI-NVMFS5830NLT3G Datasheet
111Kb / 6P
   Power MOSFET 40 V, 2.3 m, 185 A, Single N.Channel
March, 2013 ??Rev. 1
NVMFS5830NL ONSEMI-NVMFS5830NL_13 Datasheet
111Kb / 6P
   Power MOSFET 40 V, 2.3 m, 185 A, Single N.Channel
March, 2013 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com