Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCV887000 Datasheet(PDF) 2 Page - ON Semiconductor

Part # NCV887000
Description  Automotive Grade Non-Synchronous Boost Controller
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV887000 Datasheet(HTML) 2 Page - ON Semiconductor

  NCV887000 Datasheet HTML 1Page - ON Semiconductor NCV887000 Datasheet HTML 2Page - ON Semiconductor NCV887000 Datasheet HTML 3Page - ON Semiconductor NCV887000 Datasheet HTML 4Page - ON Semiconductor NCV887000 Datasheet HTML 5Page - ON Semiconductor NCV887000 Datasheet HTML 6Page - ON Semiconductor NCV887000 Datasheet HTML 7Page - ON Semiconductor NCV887000 Datasheet HTML 8Page - ON Semiconductor NCV887000 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
NCV8870
http://onsemi.com
2
Gm
8
3
2
4
6
GND
ISNS
GDRV
VIN
VFB
5 VDRV
CSA
OSC
Q
D
L
SC
TEMP
VDRV
DRIVE
LOGIC
CL
SCP
SS
FAULT
LOGIC
CLK
1
EN/SYNC
EN/
SYNC
7
VC
+
RC
CC
RSNS
RF1
Vref
CDRV
RF2
Vg
Vo
Cg
Co
Figure 1. Simplified Block Diagram and Application Schematic
PACKAGE PIN DESCRIPTIONS
Pin No.
Pin
Symbol
Function
1
EN/SYNC
Enable and synchronization input. The falling edge synchronizes the internal oscillator. The part is disabled
into sleep mode when this pin is brought low for longer than the enable time−out period.
2
ISNS
Current sense input. Connect this pin to the source of the external N−MOSFET, through a current−sense
resistor to ground to sense the switching current for regulation and current limiting.
3
GND
Ground reference.
4
GDRV
Gate driver output. Connect to gate of the external N−MOSFET. A series resistance can be added from
GDRV to the gate to tailor EMC performance.
5
VDRV
Driving voltage. Internally−regulated supply for driving the external N−MOSFET, sourced from VIN. Bypass
with a 1.0 mF ceramic capacitor to ground.
6
VIN
Input voltage. If bootstrapping operation is desired, connect a diode from the input supply to VIN, in addi-
tion to a diode from the output voltage to VDRV and/or VIN.
7
VC
Output of the voltage error amplifier. An external compensator network from VC to GND is used to stabilize
the converter.
8
VFB
Output voltage feedback. A resistor from the output voltage to VFB with another resistor from VFB to GND
creates a voltage divider for regulation and programming of the output voltage.


Similar Part No. - NCV887000

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV887000D1R2G ONSEMI-NCV887000D1R2G Datasheet
239Kb / 15P
   Automotive Grade Non-Synchronous Boost Controller
August, 2016 ??Rev. 10
NCV887000D1R2G ONSEMI-NCV887000D1R2G Datasheet
145Kb / 16P
   Automotive Grade Non-Synchronous Boost Controller
January, 2017 ??Rev. 11
More results

Similar Description - NCV887000

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8870 ONSEMI-NCV8870_16 Datasheet
239Kb / 15P
   Automotive Grade Non-Synchronous Boost Controller
August, 2016 ??Rev. 10
NCV887200 ONSEMI-NCV887200 Datasheet
145Kb / 16P
   Automotive Grade Non-Synchronous Boost Controller
June, 2015 ??Rev. 7
NCV8871 ONSEMI-NCV8871_16 Datasheet
242Kb / 17P
   Automotive Grade Non-Synchronous Boost Controller
August, 2016 ??Rev. 12
NCV8873 ONSEMI-NCV8873_16 Datasheet
176Kb / 11P
   Automotive Grade Non-Synchronous Boost Controller
August, 2016 ??Rev. 6
NCV8870 ONSEMI-NCV8870_17 Datasheet
145Kb / 16P
   Automotive Grade Non-Synchronous Boost Controller
January, 2017 ??Rev. 11
NCV8871 ONSEMI-NCV8871 Datasheet
145Kb / 12P
   Automotive Grade Non-Synchronous Boost Controller
September, 2012 ??Rev. 3
NCV8871 ONSEMI-NCV8871_17 Datasheet
146Kb / 17P
   Automotive Grade Non-Synchronous Boost Controller
January, 2017 ??Rev. 13
NCV887200 ONSEMI-NCV887200_16 Datasheet
240Kb / 16P
   Automotive Grade Non-Synchronous Boost Controller
August, 2016 ??Rev. 9
NCV8873 ONSEMI-NCV8873_17 Datasheet
101Kb / 11P
   Automotive Grade Non-Synchronous Boost Controller
December, 2017 ??Rev. 8
NCV8873 ONSEMI-NCV8873 Datasheet
143Kb / 11P
   Automotive Grade Non-Synchronous Boost Controller
May, 2012 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com