Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCV8702SN28T1G Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCV8702SN28T1G
Description  200 mA, Ultra-Low Quiescent Current, Ultra-Low Noise, LDO Linear Voltage Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV8702SN28T1G Datasheet(HTML) 1 Page - ON Semiconductor

  NCV8702SN28T1G Datasheet HTML 1Page - ON Semiconductor NCV8702SN28T1G Datasheet HTML 2Page - ON Semiconductor NCV8702SN28T1G Datasheet HTML 3Page - ON Semiconductor NCV8702SN28T1G Datasheet HTML 4Page - ON Semiconductor NCV8702SN28T1G Datasheet HTML 5Page - ON Semiconductor NCV8702SN28T1G Datasheet HTML 6Page - ON Semiconductor NCV8702SN28T1G Datasheet HTML 7Page - ON Semiconductor NCV8702SN28T1G Datasheet HTML 8Page - ON Semiconductor NCV8702SN28T1G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
© Semiconductor Components Industries, LLC, 2012
May, 2012 − Rev. 0
1
Publication Order Number:
NCV8702/D
NCV8702
200 mA, Ultra-Low Quiescent
Current, Ultra-Low Noise, LDO
Linear Voltage Regulator
The NCV8702 is a low noise, low power consumption and low
dropout Linear Voltage Regulator. With its excellent noise and PSRR
specifications, the device is ideal for use in products utilizing RF
receivers, imaging sensors, audio processors or any component
requiring an extremely clean power supply. The NCV8702 uses an
innovative Adaptive Ground Current circuit to ensure ultra low
ground current during light load conditions.
Features
Operating Input Voltage Range: 2.0 V to 5.5 V
Available in Fixed Voltage Options: 0.8 to 3.5 V in 2.5 mV steps
Contact Factory for Other Voltage Options
Ultra−Low Quiescent Current of Typ. 10 mA
Ultra−Low Noise: 11 mVRMS from 100 Hz to 100 kHz
Very Low Dropout: 140 mV Typical at 200 mA
±2% Accuracy Over Full Load/Line/Temperature
High PSRR: 68 dB at 1 kHz
Thermal Shutdown and Current Limit Protections
Internal Soft−Start to Limit the Turn−On Inrush Current
Stable with a 1 mF Ceramic Output Capacitor
Available in TSOP−5 and XDFN 1.5 x 1.5 mm Package
Active Output Discharge for Fast Output Turn−Off
These Devices are Pb−Free and are RoHS Compliant
NCV Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements; AEC−Q100
Qualified and PPAP Capable
Typical Applications
Satellite Radio Receivers, GPS
Rear View Camera, Electronic Mirrors, Lane Change Detectors
Portable Entertainment Systems
Other Battery Powered Applications
Figure 1. Typical Application Schematic
IN
EN
OUT
GND
NCV8702
1 mF
1 mF
COUT
VOUT
CIN
VIN
http://onsemi.com
See detailed ordering and shipping information in the package
dimensions section on page 18 of this data sheet.
ORDERING INFORMATION
TSOP−5
SN SUFFIX
CASE 483
1
5
X, XXX = Specific Device Code
M
= Date Code
A
= Assembly Location
Y
= Year
W
= Work Week
G
= Pb−Free Package
1
5
XXXAYW
G
MARKING DIAGRAMS
XDFN−6
MX SUFFIX
CASE 711AE
X M
G
1
1
PIN CONNECTIONS
5−Pin TSOP−5
(Top View)
6−Pin XDFN 1.5 x 1.5 mm
(Top View)
OUT
N/C
N/C
IN
EN
GND
IN
EN
N/C
OUT
GND
1
1


Similar Part No. - NCV8702SN28T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8702SN28T1G ONSEMI-NCV8702SN28T1G Datasheet
1Mb / 20P
   200 mA, Ultra-Low Quiescent Current, Ultra-Low Noise, LDO Linear Voltage Regulator
June, 2013 ??Rev. 1
More results

Similar Description - NCV8702SN28T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8702 ONSEMI-NCV8702_13 Datasheet
1Mb / 20P
   200 mA, Ultra-Low Quiescent Current, Ultra-Low Noise, LDO Linear Voltage Regulator
June, 2013 ??Rev. 1
NCP702SN28T1G ONSEMI-NCP702SN28T1G Datasheet
1Mb / 20P
   200 mA, Ultra-Low Quiescent Current, Ultra-Low Noise, LDO Linear Voltage Regulator
July, 2013 ??Rev. 3
NCP702 ONSEMI-NCP702 Datasheet
1Mb / 20P
   Ultra-Low Quiescent Current, Ultra-Low Noise, LDO Linear Voltage Regulator
July, 2013 ??Rev. 3
logo
STMicroelectronics
STLQ020 STMICROELECTRONICS-STLQ020 Datasheet
2Mb / 31P
   200 mA ultra-low quiescent current LDO
Rev 3 - June 2019
logo
ON Semiconductor
NCV8570B ONSEMI-NCV8570B Datasheet
614Kb / 21P
   200 mA, Ultra Low Noise, High PSRR, LDO, Linear Voltage Regulator
May, 2011 ??Rev. 1
NCV8570B ONSEMI-NCV8570B_13 Datasheet
646Kb / 20P
   200 mA, Ultra Low Noise, High PSRR, LDO, Linear Voltage Regulator
June, 2013 ??Rev. 3
logo
Texas Instruments
TPS79901-EP TI1-TPS79901-EP_18 Datasheet
1Mb / 29P
[Old version datasheet]   200-mA, Low-Quiescent Current, Ultra-Low-Noise, High-PSRR Low-Dropout Linear Regulator
TPS79901-EP TI1-TPS79901-EP Datasheet
1Mb / 27P
[Old version datasheet]   200-mA, Low-Quiescent Current, Ultra-Low-Noise, High-PSRR Low-Dropout Linear Regulator
logo
ON Semiconductor
NCV8705 ONSEMI-NCV8705_16 Datasheet
1Mb / 22P
   500 mA, Ultra-Low Quiescent Current, IQ 13 A, Ultra-Low Noise, LDO Voltage Regulator
March, 2016 ??Rev. 7
NCP703 ONSEMI-NCP703_13 Datasheet
994Kb / 18P
   300 mA, Ultra-Low Quiescent Current, IQ 12 A, Ultra-Low Noise, LDO Voltage Regulator
April, 2013 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com