Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCV47711 Datasheet(PDF) 6 Page - ON Semiconductor

Part # NCV47711
Description  5 V to 20 V Adjustable LDO with Adjustable Current Limit and 3.3 V Logic Compatible Enable Input
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV47711 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button NCV47711 Datasheet HTML 2Page - ON Semiconductor NCV47711 Datasheet HTML 3Page - ON Semiconductor NCV47711 Datasheet HTML 4Page - ON Semiconductor NCV47711 Datasheet HTML 5Page - ON Semiconductor NCV47711 Datasheet HTML 6Page - ON Semiconductor NCV47711 Datasheet HTML 7Page - ON Semiconductor NCV47711 Datasheet HTML 8Page - ON Semiconductor NCV47711 Datasheet HTML 9Page - ON Semiconductor NCV47711 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
NCV47711
http://onsemi.com
6
TYPICAL CHARACTERISTICS
Figure 9. Output Current Limit vs. RCSO
Figure 10. Output Current (% of ILIM) vs. CSO
Voltage
Figure 11. Output Current to CSO Current Ratio
vs. Output Current
Figure 12. Output Current to CSO Current Ratio
vs. Output Current in Dropout
0
50
100
150
200
250
300
400
04
8
12
16
20
24
28
RCSO, (kW)
Vout = 5 V to 20 V
TJ = 25°C
0
0.5
1.0
1.5
2.0
2.5
3.0
0
25
50
75
100
125
Iout, OUTPUT CURRENT (% of ILIM)
350
2
6
10
14
18
22
26
Vout = 5 V to 20 V
TJ = 25°C
ILIM = 10 mA to 350 mA
95
97
99
101
103
105
1
10
100
Iout, OUTPUT CURRENT (mA)
TJ = 25°C
Vin = 13.5 V
1000
Figure 13. Quiescent Current vs. Output Current
(High Load)
Figure 14. Quiescent Current vs. Output Current
(Low Load)
0
5
10
15
20
25
0
50
100
150
200
250
Iout, OUTPUT CURRENT (mA)
TJ = 25°C
Vin = 13.5 V
300
350
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0
10
20
30
40
50
60
70
100
80
90
Iout, OUTPUT CURRENT (mA)
TJ = 25°C
Vin = 13.5 V
96
98
100
102
104
50
65
75
85
95
105
1
10
100
Iout, OUTPUT CURRENT (mA)
TJ = 25°C
Vin = 4.5 V
Vout_nom = 5 V
1000
60
70
80
90
100
55


Similar Part No. - NCV47711

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV47711 ONSEMI-NCV47711 Datasheet
128Kb / 12P
   Adjustable LDO with Adjustable Current Limit and 3.3 V Logic Compatible Enable Input
July, 2017 ??Rev. 2
NCV47711DAJR2G ONSEMI-NCV47711DAJR2G Datasheet
128Kb / 12P
   Adjustable LDO with Adjustable Current Limit and 3.3 V Logic Compatible Enable Input
July, 2017 ??Rev. 2
NCV47711PDAJR2G ONSEMI-NCV47711PDAJR2G Datasheet
128Kb / 12P
   Adjustable LDO with Adjustable Current Limit and 3.3 V Logic Compatible Enable Input
July, 2017 ??Rev. 2
NCV47711 ONSEMI-NCV47711_17 Datasheet
128Kb / 12P
   Adjustable LDO with Adjustable Current Limit and 3.3 V Logic Compatible Enable Input
July, 2017 ??Rev. 2
More results

Similar Description - NCV47711

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV47710 ONSEMI-NCV47710 Datasheet
153Kb / 11P
   5 V to 20 V Adjustable LDO with Adjustable Current Limit and 3.3 V Logic Compatible Enable Input
April, 2012 ??Rev. 0
NCV47711 ONSEMI-NCV47711_17 Datasheet
128Kb / 12P
   Adjustable LDO with Adjustable Current Limit and 3.3 V Logic Compatible Enable Input
July, 2017 ??Rev. 2
NCV47411 ONSEMI-NCV47411 Datasheet
128Kb / 14P
   3.3 V to 20 V Adjustable Dual LDO with Adjustable Current Limit and 3.3 V
December, 2013 ??Rev. 1
NCV47551 ONSEMI-NCV47551 Datasheet
168Kb / 12P
   3.3 V to 20 V Adjustable Low Noise LDO Regulator with Adjustable Current Limit and 3.3 V Logic
December, 2013 ??Rev. 0
NCV47821 ONSEMI-NCV47821 Datasheet
181Kb / 15P
   3.3 V to 20 V Adjustable Dual LDO with Adjustable Current Limit and Diagnostic Features
May, 2016 ??Rev. 1
NCV47700 ONSEMI-NCV47700 Datasheet
174Kb / 12P
   5 V to 20 V Adjustable Low Dropout Regulator with Adjustable Current Limit
November, 2012 ??Rev. 2
NCV47701 ONSEMI-NCV47701 Datasheet
174Kb / 12P
   5 V to 20 V Adjustable Low Dropout Regulator with Adjustable Current Limit
November, 2012 ??Rev. 2
NCV47721 ONSEMI-NCV47721 Datasheet
152Kb / 16P
   Adjustable LDO with Adjustable Current Limit
April, 2017 ??Rev. 1
NCV47710 ONSEMI-NCV47710_17 Datasheet
129Kb / 12P
   Adjustable LDO Adjustable Current Limit
July, 2017 ??Rev. 2
logo
Texas Instruments
TPS25200-Q1 TI1-TPS25200-Q1 Datasheet
2Mb / 28P
[Old version datasheet]   5-V eFuse With Precision Adjustable Current Limit and Overvoltage Clamp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com