Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCV898031 Datasheet(PDF) 8 Page - ON Semiconductor

Part # NCV898031
Description  2 MHz Non-Synchronous SEPIC/Boost Controller
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV898031 Datasheet(HTML) 8 Page - ON Semiconductor

Back Button NCV898031 Datasheet HTML 4Page - ON Semiconductor NCV898031 Datasheet HTML 5Page - ON Semiconductor NCV898031 Datasheet HTML 6Page - ON Semiconductor NCV898031 Datasheet HTML 7Page - ON Semiconductor NCV898031 Datasheet HTML 8Page - ON Semiconductor NCV898031 Datasheet HTML 9Page - ON Semiconductor NCV898031 Datasheet HTML 10Page - ON Semiconductor NCV898031 Datasheet HTML 11Page - ON Semiconductor NCV898031 Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
NCV898031
http://onsemi.com
8
Internal Soft-Start
To insure moderate inrush current and reduce output
overshoot, the NCV898031 features a soft start which
charges a capacitor with a fixed current to ramp up the
reference voltage.
VDRV
An internal regulator provides the drive voltage for the
gate driver. Bypass with a ceramic capacitor to ground to
ensure fast turn on times. The capacitor should be between
0.1
mF and 1 mF, depending on switching speed and charge
requirements of the external MOSFET.
Oscillator
Slope
Compensation
+
Q
S
R
NCV898031
Voltage Error
VEA
CSA
PWM Comparator
Gate
Drive
Compensation
GDRV
L2
L1
Figure 10. SEPIC Current Mode Schematic
VFB
ISNS
VIN
RL
Co
CCPL
SEPIC Design Methodology
This section details an overview of the component
selection process for the NCV898031 in continuous
conduction mode SEPIC. It is intended to assist with the
design process but does not remove all engineering design
work. Many of the equations make heavy use of the small
ripple approximation. This process entails the following
steps:
1. Define Operational Parameters
2. Select Current Sense Resistor
3. Select SEPIC Inductors
4. Select Coupling Capacitor
5. Select Output Capacitors
6. Select Input Capacitors
7. Select Feedback Resistors
8. Select Compensator Components
9. Select MOSFET(s)
10. Select Diode
Define Operational Parameters
Before beginning the design, define the operating
parameters of the application. These include:
VIN(min): minimum input voltage [V]
VIN(max): maximum input voltage [V]
VOUT: output voltage [V]
IOUT(max): maximum output current [A]
ICL: desired typical cycle−by−cycle current limit [A]
From this the ideal minimum and maximum duty cycles
can be calculated as follows:
Dmin +
VOUT
VIN(max) ) VOUT
Dmax +
VOUT
VIN(min) ) VOUT
Both duty cycles will actually be higher due to power loss
in the conversion. The exact duty cycles will depend on
conduction and switching losses.
If the calculated DWC (worst case) is higher than the Dmax
limit of the NCV898031, the conversion will not be
possible. It is important for a SEPIC converter to have a
restricted Dmax, because while the ideal conversion ratio of
a SEPIC converter goes up to infinity as D approaches 1, a
real converter’s conversion ratio starts to decrease as losses
overtake the increased power transfer. If the converter is in
this range it will not be able to regulate properly.
If the following equation is not satisfied, the device will
skip pulses at high VIN:
Dmin
fs w
ton(min)
Where: fs: switching frequency [Hz]
ton(min): minimum on time [s]


Similar Part No. - NCV898031

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV898031 ONSEMI-NCV898031 Datasheet
158Kb / 19P
   2 MHz Non-Synchronous SEPIC/Boost Controller
January, 2017 ??Rev. 14
NCV898031D1R2G ONSEMI-NCV898031D1R2G Datasheet
255Kb / 19P
   2 MHz Non-Synchronous SEPIC/Boost Controller
August, 2016 ??Rev. 13
NCV898031D1R2G ONSEMI-NCV898031D1R2G Datasheet
158Kb / 19P
   2 MHz Non-Synchronous SEPIC/Boost Controller
January, 2017 ??Rev. 14
NCV898031 ONSEMI-NCV898031_16 Datasheet
255Kb / 19P
   2 MHz Non-Synchronous SEPIC/Boost Controller
August, 2016 ??Rev. 13
NCV898031 ONSEMI-NCV898031_17 Datasheet
158Kb / 19P
   2 MHz Non-Synchronous SEPIC/Boost Controller
January, 2017 ??Rev. 14
More results

Similar Description - NCV898031

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV898031 ONSEMI-NCV898031_17 Datasheet
158Kb / 19P
   2 MHz Non-Synchronous SEPIC/Boost Controller
January, 2017 ??Rev. 14
NCV898031 ONSEMI-NCV898031_16 Datasheet
255Kb / 19P
   2 MHz Non-Synchronous SEPIC/Boost Controller
August, 2016 ??Rev. 13
NCV898032 ONSEMI-NCV898032 Datasheet
173Kb / 22P
   2 MHz Automotive Grade Non-Synchronous Boost Controller
August, 2017 ??Rev. 1
logo
Texas Instruments
LM34966-Q1 TI-LM34966-Q1 Datasheet
2Mb / 48P
[Old version datasheet]   LM34966-Q1 500kHz Wide VIN Non-synchronous Boost/SEPIC/Flyback Controller
logo
Feeling Technology Corp...
FP5202 FEELING-FP5202 Datasheet
342Kb / 10P
   Non-Synchronous PWM Boost Controller
logo
Shenzhen Huazhimei Semi...
HM5307 HMSEMI-HM5307 Datasheet
954Kb / 15P
   Non-Synchronous PWM Boost Controller
logo
Feeling Technology Corp...
FP5138 FEELING-FP5138 Datasheet
440Kb / 16P
   Non-Synchronous PWM Boost Controller
FP5209 FEELING-FP5209 Datasheet
308Kb / 10P
   Non-Synchronous PWM Boost Controller
logo
Shenzhenshi YONGFUKANG ...
FP5208 YONGFUKANG-FP5208 Datasheet
696Kb / 16P
   Non-Synchronous PWM Boost Controller
logo
SHOUDING Shouding Semic...
SD6209 SHOUDING-SD6209 Datasheet
1Mb / 10P
   Non-Synchronous PWM Boost Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com