Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NGB8206NG Datasheet(PDF) 8 Page - ON Semiconductor

Part # NGB8206NG
Description  Ignition IGBT 20 A, 350 V, N.Channel D2PAK
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NGB8206NG Datasheet(HTML) 8 Page - ON Semiconductor

  NGB8206NG Datasheet HTML 1Page - ON Semiconductor NGB8206NG Datasheet HTML 2Page - ON Semiconductor NGB8206NG Datasheet HTML 3Page - ON Semiconductor NGB8206NG Datasheet HTML 4Page - ON Semiconductor NGB8206NG Datasheet HTML 5Page - ON Semiconductor NGB8206NG Datasheet HTML 6Page - ON Semiconductor NGB8206NG Datasheet HTML 7Page - ON Semiconductor NGB8206NG Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
NGB8206N, NGB8206AN
http://onsemi.com
8
PACKAGE DIMENSIONS
SEATING
PLANE
S
G
D
−T−
M
0.13 (0.005)
T
23
1
4
3 PL
K
J
H
V
E
C
A
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
A
0.340
0.380
8.64
9.65
B
0.380
0.405
9.65
10.29
C
0.160
0.190
4.06
4.83
D
0.020
0.035
0.51
0.89
E
0.045
0.055
1.14
1.40
G
0.100 BSC
2.54 BSC
H
0.080
0.110
2.03
2.79
J
0.018
0.025
0.46
0.64
K
0.090
0.110
2.29
2.79
S
0.575
0.625
14.60
15.88
V
0.045
0.055
1.14
1.40
−B−
M
B
STYLE 4:
PIN 1. GATE
2. COLLECTOR
3. EMITTER
4. COLLECTOR
W
W
NOTES:
1. DIMENSIONING AND TOLERANCING
PER ANSI Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
3. 418B−01 THRU 418B−03 OBSOLETE,
NEW STANDARD 418B−04.
F
0.310
0.350
7.87
8.89
L
0.052
0.072
1.32
1.83
M
0.280
0.320
7.11
8.13
N
0.197 REF
5.00 REF
P
0.079 REF
2.00 REF
R
0.039 REF
0.99 REF
M
L
F
P
U
VIEW W−W
D2PAK 3
CASE 418B−04
ISSUE K
*For additional information on our Pb−Free strategy and soldering
details, please download the ON Semiconductor Soldering and
Mounting Techniques Reference Manual, SOLDERRM/D.
SOLDERING FOOTPRINT*
8.38
5.080
DIMENSIONS: MILLIMETERS
PITCH
2X
16.155
1.016
2X
10.49
3.504
ON Semiconductor and
are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice
to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability
arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages.
“Typical” parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All
operating parameters, including “Typicals” must be validated for each customer application by customer’s technical experts. SCILLC does not convey any license under its patent rights
nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications
intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should
Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates,
and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death
associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal
Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
N. American Technical Support: 800−282−9855 Toll Free
USA/Canada
Europe, Middle East and Africa Technical Support:
Phone: 421 33 790 2910
Japan Customer Focus Center
Phone: 81−3−5817−1050
NGB8206N/D
LITERATURE FULFILLMENT:
Literature Distribution Center for ON Semiconductor
P.O. Box 5163, Denver, Colorado 80217 USA
Phone: 303−675−2175 or 800−344−3860 Toll Free USA/Canada
Fax: 303−675−2176 or 800−344−3867 Toll Free USA/Canada
Email: orderlit@onsemi.com
ON Semiconductor Website: www.onsemi.com
Order Literature: http://www.onsemi.com/orderlit
For additional information, please contact your local
Sales Representative


Similar Part No. - NGB8206NG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NGB8206NG ONSEMI-NGB8206NG Datasheet
118Kb / 7P
   Ignition IGBT 20 A, 350 V, N?묬hannel D2PAK
August, 2006 ??Rev. 6
NGB8206NG ONSEMI-NGB8206NG Datasheet
129Kb / 9P
   Ignition IGBT
February, 2012 ??Rev. 9
More results

Similar Description - NGB8206NG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NGB8202N ONSEMI-NGB8202N_11 Datasheet
124Kb / 8P
   Ignition IGBT 20 A, 400 V, N.Channel D2PAK
February, 2012 ??Rev. 7
NGB8245N ONSEMI-NGB8245N Datasheet
122Kb / 7P
   Ignition IGBT 20 A, 450 V, N.Channel D2PAK
September, 2012 ??Rev. 2
NGB8207AN ONSEMI-NGB8207AN_11 Datasheet
125Kb / 7P
   Ignition IGBT 20 A, 365 V, N.Channel D2PAK
December, 2011 ??Rev. 1
NGB8207N ONSEMI-NGB8207N_11 Datasheet
132Kb / 7P
   Ignition IGBT 20 A, 365 V, N.Channel D2PAK
December, 2011 ??Rev. 1
NGB8206N ONSEMI-NGB8206N Datasheet
118Kb / 7P
   Ignition IGBT 20 A, 350 V, N?묬hannel D2PAK
August, 2006 ??Rev. 6
NGD8205N ONSEMI-NGD8205N_12 Datasheet
117Kb / 7P
   Ignition IGBT 20 Amp, 350 Volt, N.Channel DPAK
January, 2012 ??Rev. 9
NGD8201N ONSEMI-NGD8201N_12 Datasheet
125Kb / 8P
   Ignition IGBT 20 A, 400 V, N.Channel DPAK
February, 2012 ??Rev. 10
logo
Littelfuse
LGB8206ATI LITTELFUSE-LGB8206ATI Datasheet
443Kb / 9P
   350 V, 20 A N-Channel Ignition IGBT
4/27/2020
logo
ON Semiconductor
NGD15N41CL ONSEMI-NGD15N41CL_11 Datasheet
147Kb / 11P
   Ignition IGBT 15 A, 410 V N.Channel DPAK, D2PAK and TO.220
December, 2011 ??Rev. 8
NGB8207AN ONSEMI-NGB8207AN Datasheet
153Kb / 7P
   Ignition IGBT 20 A, 365 V, N?묬hannel D2PAK
July, 2009 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com