Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NGB8207N Datasheet(PDF) 6 Page - ON Semiconductor

Part # NGB8207N
Description  Ignition IGBT 20 A, 365 V, N.Channel D2PAK
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NGB8207N Datasheet(HTML) 6 Page - ON Semiconductor

  NGB8207N_11 Datasheet HTML 1Page - ON Semiconductor NGB8207N_11 Datasheet HTML 2Page - ON Semiconductor NGB8207N_11 Datasheet HTML 3Page - ON Semiconductor NGB8207N_11 Datasheet HTML 4Page - ON Semiconductor NGB8207N_11 Datasheet HTML 5Page - ON Semiconductor NGB8207N_11 Datasheet HTML 6Page - ON Semiconductor NGB8207N_11 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
NGB8207N, NGB8207BN
http://onsemi.com
6
TYPICAL ELECTRICAL CHARACTERISTICS
dc
10 ms
1 ms
100 ms
10 ms
VGE = 4.0 V
Single Pulse
TC = 25°C
100
10
1
Figure 13. Inductive Switching Time Variation
vs. Temperature
Figure 14. Forward Biased Safe Operating
Area
VCE, COLLECTOR−EMITTER VOLTAGE (V)
1
10
1000
100
10
1
100
1000
TEMPERATURE (°C)
50
75
25
100
175
150
125
td(on)
VCC = 300 V
VGE = 5.0 V
RG = 1000 W
td(off)
tf
tr
IC = 10 A
L = 300 mH
0.1
VCE(on) LIMIT
THERMAL LIMIT
PACKAGE LIMIT
Mounted on 2″ sq. FR4 board (1″ sq.
2 oz. Cu 0.06″ thick single sided)
0.000001
0.001
0.0001
0.1
1
0.01
0.01
t,TIME (S)
1
0.1
Figure 15. Best Case Transient Thermal Resistance
(Non−normalized Junction−to−Case Mounted on Cold Plate)
0.00001
P(pk)
t1
t2
DUTY CYCLE, D = t1/t2
D CURVES APPLY FOR POWER
PULSE TRAIN SHOWN
READ TIME AT t1
TJ(pk) − TA = P(pk) RqJC(t)
0.2
Single Pulse
0.1
0.05
0.02
0.01
Duty Cycle = 0.5


Similar Part No. - NGB8207N_11

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NGB8207NT4G ONSEMI-NGB8207NT4G Datasheet
91Kb / 7P
   Ignition IGBT 20 A, 365 V, N?묬hannel D2PAK
January, 2007 ??Rev. 0
More results

Similar Description - NGB8207N_11

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NGB8207AN ONSEMI-NGB8207AN_11 Datasheet
125Kb / 7P
   Ignition IGBT 20 A, 365 V, N.Channel D2PAK
December, 2011 ??Rev. 1
NGB8206N ONSEMI-NGB8206N_11 Datasheet
130Kb / 8P
   Ignition IGBT 20 A, 350 V, N.Channel D2PAK
February, 2012 ??Rev. 9
NGB8202N ONSEMI-NGB8202N_11 Datasheet
124Kb / 8P
   Ignition IGBT 20 A, 400 V, N.Channel D2PAK
February, 2012 ??Rev. 7
NGB8245N ONSEMI-NGB8245N Datasheet
122Kb / 7P
   Ignition IGBT 20 A, 450 V, N.Channel D2PAK
September, 2012 ??Rev. 2
NGB8207N ONSEMI-NGB8207N Datasheet
91Kb / 7P
   Ignition IGBT 20 A, 365 V, N?묬hannel D2PAK
January, 2007 ??Rev. 0
NGB8207AN ONSEMI-NGB8207AN Datasheet
153Kb / 7P
   Ignition IGBT 20 A, 365 V, N?묬hannel D2PAK
July, 2009 ??Rev. 0
NGD8201N ONSEMI-NGD8201N_12 Datasheet
125Kb / 8P
   Ignition IGBT 20 A, 400 V, N.Channel DPAK
February, 2012 ??Rev. 10
NGD15N41CL ONSEMI-NGD15N41CL_11 Datasheet
147Kb / 11P
   Ignition IGBT 15 A, 410 V N.Channel DPAK, D2PAK and TO.220
December, 2011 ??Rev. 8
NGB8206N ONSEMI-NGB8206N Datasheet
118Kb / 7P
   Ignition IGBT 20 A, 350 V, N?묬hannel D2PAK
August, 2006 ??Rev. 6
NGD18N40CLB ONSEMI-NGD18N40CLB_12 Datasheet
128Kb / 8P
   Ignition IGBT, 18 A, 400 V N.Channel DPAK
December, 2011 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com