Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DG412 Datasheet(PDF) 7 Page - Intersil Corporation

Part # DG412
Description  Providing high-performance solutions for every link in the signal chain
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

DG412 Datasheet(HTML) 7 Page - Intersil Corporation

Back Button DG412 Datasheet HTML 3Page - Intersil Corporation DG412 Datasheet HTML 4Page - Intersil Corporation DG412 Datasheet HTML 5Page - Intersil Corporation DG412 Datasheet HTML 6Page - Intersil Corporation DG412 Datasheet HTML 7Page - Intersil Corporation DG412 Datasheet HTML 8Page - Intersil Corporation DG412 Datasheet HTML 9Page - Intersil Corporation DG412 Datasheet HTML 10Page - Intersil Corporation DG412 Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 44 page
background image
Intersil Signal Path Products  2012  www.intersil.com
7
Key Products
Communication
or Telemetry
Biometric
Analog /Digital Modules
LCD
Module +
Display
User Interface
Power
ECG/EKG
SpO2
Blood
Pressure
Body
Temperature
Respiratory
Signal
Processor
System I/F
& Control
Core &
I/O Power
System
Power
AC/DC
Battery
Charger
Fuel
Gauge
Battery
Management
Audio Amp
Interface
Level Translator
Display I/F
Touch Screen
Control
Wireless
Ethernet
IN AMP
Precision
Op Amp
Voltage
Ref
Switch
Mux
A/D
DCP
USB/KBD
Memory
OR
Ambient Light
Sensor
SD
CARD
Product Type
Part Number
Target Applications/Where used
Key Features / Benefits
Precision Amplifiers
Low Noise (0.1 to 10Hz)
ISL28127/227, ISL28134,
ISL28117/217/417, ISL28118/218,
ISL28107/207/407,
ISL28136/236, ISL28110/210,
ISL28133/233/433, EL8176
Low Cost Op Amps
ISL28113/213/413
ISL28114/214/414
ISL28130/230/430
ECG, EEG Imaging
Body probe front-ends, RF rectification, secondary stage,
gain/filtering, right leg drive. Required for accuracy of signal
conditioning.
Blood Pressure and Body Temperature
Low noise gain frontends for thermocouple. Precision amps
required for accuracy of signal conditioning.
Pulse Oximeters
Transimpedance front end. High impedance, charge amps
Respiratory/anesthesia
Sensor front end, high impedance, low noise, low drift
High impedance inputs
Low noise (0.1 to 10Hz)
Low noise gain amplification
Low offset and low drift
Instrumentation
Amplifiers
Low Power In-Amps
EL8172/72, ISL28273
40V Precision, Low Noise
In-Amp
ISL28617
ECG, EEG Imaging
Portable, 5V body potential probe gain amp
Blood Pressure and Body Temperature
Sensor amp front end
High CMRR
Low offset drift
Multiple channel In-Amps
Digital Potentiometers
(DCPs)
Precision DCP
ISL22317
End-user Adjustment
Controlling display contrast or backlight, drip rate, dosage, etc
Sensor Front ends (Blood Pressure, Pulse Oximeters,
Respiratory/anesthesia, ECG)
Compensate and gain small signal from the sensor.
1st low voltage 1% accurate DCP to reduce
additional calibration
Low Voltage, Volatile DCPs
ISL233x5/ISL234x5
Industry’s lowest operating voltage DCP
Interface
RS-232
ISL4221E, ISL3232E, ISL4243E
RS-485
ISL317xE, ISL315xE, ISL3249xE
System and Control
Serial communication port
High ESD protection
Small packages
Over voltage protected
Voltage Level
Translators
ISL303xE
SD Memory Card & Other Applications
Used to interface mixed voltage devices
VL as low as 1.5V up to 3.3V VCC
Highest ESD protection
Small leadless packages
Switches/ MUXes
ISL43640, ISL43681, HI-509A,
HI-546, DG408, DG409
Front-end multiplexing
Low power
Small size
Low leakage
Voltage Reference
High Precision:
ISL21009, ISL21090, ISL60002,
X60003, ISL21060
Low Cost:
ISL21070, ISL21080, ISL21010
Reference for converters, micro-controllers
Low noise, low drift, low long term drift, low
power
Analog-Digital
Converters
24-bit Delta-Sigma ADCs
ISL26132, ISL26134
Temperature Sensing
Body/Fluid Temperature
Low noise/high accuracy
Low cost
Complete solution
ISL26102, ISL26104
Diagnostic ECG
Precision wide-bandwidth ECG
Low noise up to 4000SPS
Integrated PGA ensures measurement
accuracy
Complete cost-effective solution
10, 12-bit SAR ADCs
ISL263xx Multichannel Family
125kSPS, 250kSPS
Blood Pressure, Fluid Flow Sensing
Cost-effective multiple-channel monitoring
Buffered inputs reduce board space, solution
cost
Low power, low cost
ISL267xx Low-Cost Family
20kSPS to 1MSPS
Blood Pressure, Fluid Pressure, Fluid Flow Sensing
Compact Packages for Remote Sensors
High accuracy, low-distortion measurement
Low power, low cost
Compact packages including 3x3mm TDFN
Intersil’s Solutions For
Patient Monitors


Similar Part No. - DG412

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
DG412 INTERSIL-DG412 Datasheet
249Kb / 10P
   Monolithic Quad SPST CMOS Analog Switches
DG412 INTERSIL-DG412 Datasheet
347Kb / 13P
   Monolithic Quad SPST, CMOS Analog Switches
logo
Vishay Siliconix
DG412 VISHAY-DG412 Datasheet
107Kb / 8P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. D, 06-Sep-99
logo
Intersil Corporation
DG412 INTERSIL-DG412 Datasheet
353Kb / 13P
   Monolithic Quad SPST, CMOS Analog Switches
logo
Vishay Siliconix
DG412 VISHAY-DG412 Datasheet
140Kb / 9P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. E, 25-Jun-07
More results

Similar Description - DG412

ManufacturerPart #DatasheetDescription
logo
D+H Mechatronic AG
CDP-TW3000-BSY DH-CDP-TW3000-BSY Datasheet
430Kb / 3P
   High-performance chain drives
CDP1500-BSY DH-CDP1500-BSY Datasheet
432Kb / 3P
   High-performance chain drives
logo
Texas Instruments
TMDXMDKDS3254 TI-TMDXMDKDS3254 Datasheet
157Kb / 2P
[Old version datasheet]   Low-power signal chain solutions based on C5505 DSP for portable medical application development
logo
List of Unclassifed Man...
TLP712 ETC2-TLP712 Datasheet
52Kb / 4P
   State of the art protection for every application
logo
Winchester Electronics ...
KA-89-60 WINCHESTER-KA-89-60 Datasheet
62Kb / 1P
   THE CAP, CHAIN
logo
Advanced Thermal Soluti...
ATS-55190K-C0-R0 ATS-ATS-55190K-C0-R0 Datasheet
344Kb / 1P
   High Performance BGA Cooling Solutions
REV1_1116
logo
STMicroelectronics
AN3070 STMICROELECTRONICS-AN3070 Datasheet
197Kb / 12P
   Managing the Driver Enable signal for RS-485 and IO-Link
logo
Advanced Thermal Soluti...
ATS-50450P-C3-R0 ATS-ATS-50450P-C3-R0 Datasheet
321Kb / 1P
   Ultra High Performance BGA Cooling Solutions
REV2_0712
logo
List of Unclassifed Man...
AO22 ETC-AO22 Datasheet
10Kb / 1P
   circuit providing the logical function
logo
PHOENIX CONTACT
1627204 PHOENIX-1627204 Datasheet
76Kb / 3P
   Consistent EMC protection for reliable connection solutions in the industrial environment
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com