Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI-549 Datasheet(PDF) 11 Page - Intersil Corporation

Part # HI-549
Description  Providing high-performance solutions for every link in the signal chain
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HI-549 Datasheet(HTML) 11 Page - Intersil Corporation

Back Button HI-549 Datasheet HTML 7Page - Intersil Corporation HI-549 Datasheet HTML 8Page - Intersil Corporation HI-549 Datasheet HTML 9Page - Intersil Corporation HI-549 Datasheet HTML 10Page - Intersil Corporation HI-549 Datasheet HTML 11Page - Intersil Corporation HI-549 Datasheet HTML 12Page - Intersil Corporation HI-549 Datasheet HTML 13Page - Intersil Corporation HI-549 Datasheet HTML 14Page - Intersil Corporation HI-549 Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 44 page
background image
Low Supply Voltage
High-Speed USB 2.0 (480Mbps) Multiplexe: ISL54222A
USB Switches with
Charge Pump for High
Speed Data Transfer
Intersil Signal Path Products  2012  www.intersil.com
11
USB Switch
High Voltage (±15V) MUXes
Medium Voltage (±6V, +3 to +12V) Switches/MUXes
Low Voltage (<6V) Switches/MUXes
USB/Audio Switch
USB Switch
ISL54222A
D-
D+
SEL
GND
HSD1-
HSD1+
HSD2-
HSD2+
VDD
OE
LOGIC CIRCUITRY
D-
D+
GND
USB
HS/FS
#1
USB
HS/FS
#2
1.8V to 3.3V
Able to Meet USB Specs at Low
1.8V to 3.3V Supply Voltage
Can use the same LDO voltage
as the core chipsets in handheld
devices.
Key Features
• USB 2.0 High Speed
Compliant
• Charge Pump Design
• Low RON and Capacitance
• Low Leakage During
Power Down
• Low Supply Current
Power Down Mode
• Tiny µTQFN Packaging
Applications
• Photo Mini-Printers
• MP3 and Other Personal
Media Players
• Cellular/Mobile Phones
• PDAs
• Audio/USB Switching
Applications
Switches/MUXes
Device
Device Description
Configuration
RON (Ω)
Con (pF)
VDD (V)
IS (μA)
Package
ISL54200
USB 2.0 High/Full Speed Multiplexer
HS/FS
7
12 @ 1MHz
2.7 to 5.5
0.02
10 Ld TDFN, 10 Ld µTQFN
ISL54216
USB 2.0 High-Speed/UART Dual SP3T (Dual
3 to 1 Multiplexer)
HS/HS/HS
5.6
2.75 @ 240MHz
2.7 to 4.6
6.5
12 Ld TQFN, 12 Ld µTQFN
ISL54220
High-Speed USB 2.0 (480Mbps) Multiplexer
HS/HS
6.7
4.2 @ 240MHz
2.7 to 5.5
0.03
10 Ld MSOP, 10 Ld TDFN,
10 Ld µTQFN
ISL54221
High-Speed USB 2.0 (480Mbps) Multiplexer
HS/HS
6.7
4.2 @ 240MHz
2.0 to 5.5
1
10 Ld µTQFN
ISL54222A
High-Speed USB 2.0 (480Mbps) Multiplexer
HS/HS
4.4
4.2 @ 240MHz
1.8 to 3.3
5.8
10 Ld MSOP, 10 Ld TDFN,
10 Ld µTQFN
ISL54224
High-Speed USB 2.0 (480Mbps) Multiplexer
with Overvoltage Protection (OVP) and
Overvoltage Indicator Output
HS/HS
6.5
3.3 @ 240MHz
2.7 to 5.25
23
10 Ld TDFN, 10 Ld µTQFN
ISL54225
High-Speed USB 2.0 (480Mbps) Multiplexer
with Overvoltage Protection (OVP)
HS/HS
6.5
3.3 @ 240MHz
2.7 to 5.25
23
10 Ld TDFN, 10 Ld µTQFN
ISL54226
High-Speed USB 2.0 (480Mbps) DPST
Switch with Overvoltage Protection (OVP) and
Dedicated Charger Port Detection
HS
3.5
2.0 @ 240MHz
2.7 to 5.25
23
8 Ld TDFN, 8 Ld µTQFN
ISL54227
High-Speed USB 2.0 (480Mbps) DPST
Switch with Overvoltage Protection (OVP) and
Dedicated Charger Port Detection
HS
3.5
2.0 @ 240MHz
2.7 to 5.25
23
10 Ld TDFN, 10 Ld µTQFN
ISL54228
High-Speed USB 2.0 (480Mbps) DPST Switch
with Overvoltage Protection (OVP)
HS
3.5
2.0 @ 240MHz
2.7 to 5.25
23
8 Ld TDFN, 8 Ld µTQFN
ISL54230
Octal Multiprotocol Switch
HS/HS/FS/UART
1.26/8
8.3 @1MHz
2.0 to 5.5
1
32 Ld TQFN, 36 Ld WLCSP
ISL54233
Wideband Differential 3:1 Multiplexer
HS/HS/HS
5.6
2.75 @ 240MHz
2.7 to 4.6
6.5
12 Ld TQFN, 12 Ld µTQFN
ISL76120
Automotive Grade USB 2.0 High/Full Speed
Multiplexer
HS/FS
7
12 @ 1MHz
2.7 to 5.5
0.02
10 Ld TDFN
USB Switches


Similar Part No. - HI-549

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI-549 INTERSIL-HI-549 Datasheet
329Kb / 15P
   Single 16 and 8, Differential 8-Channel and 4-Channel CMOS Analog MUXs with Active Overvoltage Protection
June 1999
HI-549 INTERSIL-HI-549 Datasheet
533Kb / 24P
   Single 16 and 8, Differential 8-Channel and 4-Channel CMOS Analog MUXs with Active Overvoltage Protection
HI-549 INTERSIL-HI-549 Datasheet
719Kb / 25P
   Single 16 and 8, Differential 8-Channel and 4-Channel CMOS Analog MUXs with Active Overvoltage Protection
October 1, 2015
logo
Renesas Technology Corp
HI-549 RENESAS-HI-549 Datasheet
794Kb / 15P
   Single 8/Differential 4-Channel CMOS Analog Multiplexers with Active Overvoltage Protection
April 9, 2012
HI-549 RENESAS-HI-549 Datasheet
910Kb / 25P
   Single 16 and 8, Differential 8-Channel and 4-Channel CMOS Analog MUXs with Active Overvoltage Protection
Jun 15, 2016
More results

Similar Description - HI-549

ManufacturerPart #DatasheetDescription
logo
D+H Mechatronic AG
CDP-TW3000-BSY DH-CDP-TW3000-BSY Datasheet
430Kb / 3P
   High-performance chain drives
CDP1500-BSY DH-CDP1500-BSY Datasheet
432Kb / 3P
   High-performance chain drives
logo
Texas Instruments
TMDXMDKDS3254 TI-TMDXMDKDS3254 Datasheet
157Kb / 2P
[Old version datasheet]   Low-power signal chain solutions based on C5505 DSP for portable medical application development
logo
List of Unclassifed Man...
TLP712 ETC2-TLP712 Datasheet
52Kb / 4P
   State of the art protection for every application
logo
Winchester Electronics ...
KA-89-60 WINCHESTER-KA-89-60 Datasheet
62Kb / 1P
   THE CAP, CHAIN
logo
Advanced Thermal Soluti...
ATS-55190K-C0-R0 ATS-ATS-55190K-C0-R0 Datasheet
344Kb / 1P
   High Performance BGA Cooling Solutions
REV1_1116
logo
STMicroelectronics
AN3070 STMICROELECTRONICS-AN3070 Datasheet
197Kb / 12P
   Managing the Driver Enable signal for RS-485 and IO-Link
logo
Advanced Thermal Soluti...
ATS-50450P-C3-R0 ATS-ATS-50450P-C3-R0 Datasheet
321Kb / 1P
   Ultra High Performance BGA Cooling Solutions
REV2_0712
logo
List of Unclassifed Man...
AO22 ETC-AO22 Datasheet
10Kb / 1P
   circuit providing the logical function
logo
PHOENIX CONTACT
1627204 PHOENIX-1627204 Datasheet
76Kb / 3P
   Consistent EMC protection for reliable connection solutions in the industrial environment
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com