Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NGTB20N120IHSWG Datasheet(PDF) 9 Page - ON Semiconductor

Part # NGTB20N120IHSWG
Description  IGBT
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NGTB20N120IHSWG Datasheet(HTML) 9 Page - ON Semiconductor

  NGTB20N120IHSWG Datasheet HTML 1Page - ON Semiconductor NGTB20N120IHSWG Datasheet HTML 2Page - ON Semiconductor NGTB20N120IHSWG Datasheet HTML 3Page - ON Semiconductor NGTB20N120IHSWG Datasheet HTML 4Page - ON Semiconductor NGTB20N120IHSWG Datasheet HTML 5Page - ON Semiconductor NGTB20N120IHSWG Datasheet HTML 6Page - ON Semiconductor NGTB20N120IHSWG Datasheet HTML 7Page - ON Semiconductor NGTB20N120IHSWG Datasheet HTML 8Page - ON Semiconductor NGTB20N120IHSWG Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
NGTB20N120IHSWG
http://onsemi.com
9
PACKAGE DIMENSIONS
TO−247
CASE 340L−02
ISSUE E
N
P
A
K
W
F
D
G
U
E
0.25 (0.010) M YQ S
J
H
C
4
12
3
−T−
−B−
−Y−
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: MILLIMETER.
2 PL
3 PL
0.63 (0.025) M TB M
−Q−
L
DIM
MIN
MAX
MIN
MAX
INCHES
MILLIMETERS
A
20.32
21.08
0.800
8.30
B
15.75
16.26
0.620
0.640
C
4.70
5.30
0.185
0.209
D
1.00
1.40
0.040
0.055
E
1.90
2.60
0.075
0.102
F
1.65
2.13
0.065
0.084
G
5.45 BSC
0.215 BSC
H
1.50
2.49
0.059
0.098
J
0.40
0.80
0.016
0.031
K
19.81
20.83
0.780
0.820
L
5.40
6.20
0.212
0.244
N
4.32
5.49
0.170
0.216
P
---
4.50
---
0.177
Q
3.55
3.65
0.140
0.144
U
6.15 BSC
0.242 BSC
W
2.87
3.12
0.113
0.123
STYLE 4:
PIN 1. GATE
2. COLLECTOR
3. EMITTER
4. COLLECTOR
ON Semiconductor and
are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC owns the rights to a number of patents, trademarks,
copyrights, trade secrets, and other intellectual property. A listing of SCILLC’s product/patent coverage may be accessed at www.onsemi.com/site/pdf/Patent−Marking.pdf. SCILLC
reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any
particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without
limitation special, consequential or incidental damages. “Typical” parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications
and actual performance may vary over time. All operating parameters, including “Typicals” must be validated for each customer application by customer’s technical experts. SCILLC
does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for
surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where
personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and
its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly,
any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture
of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
N. American Technical Support: 800−282−9855 Toll Free
USA/Canada
Europe, Middle East and Africa Technical Support:
Phone: 421 33 790 2910
Japan Customer Focus Center
Phone: 81−3−5817−1050
NGTB20N120IHS/D
LITERATURE FULFILLMENT:
Literature Distribution Center for ON Semiconductor
P.O. Box 5163, Denver, Colorado 80217 USA
Phone: 303−675−2175 or 800−344−3860 Toll Free USA/Canada
Fax: 303−675−2176 or 800−344−3867 Toll Free USA/Canada
Email: orderlit@onsemi.com
ON Semiconductor Website: www.onsemi.com
Order Literature: http://www.onsemi.com/orderlit
For additional information, please contact your local
Sales Representative


Similar Part No. - NGTB20N120IHSWG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NGTB20N120IHLWG ONSEMI-NGTB20N120IHLWG Datasheet
175Kb / 9P
   Incorporated into the device is a rugged co?뭦ackaged free wheeling diode with a low forward voltage.
August, 2012 ??Rev. 1
NGTB20N120IHRWG ONSEMI-NGTB20N120IHRWG Datasheet
182Kb / 10P
   IGBT with Monolithic Free Wheeling Diode
August, 2013 ??Rev. 0
NGTB20N120IHWG ONSEMI-NGTB20N120IHWG Datasheet
114Kb / 7P
   IGBT - Induction Cooking
September, 2015 ??Rev. 1
More results

Similar Description - NGTB20N120IHSWG

ManufacturerPart #DatasheetDescription
logo
eupec GmbH
FZ1200R12KL4C EUPEC-FZ1200R12KL4C Datasheet
263Kb / 8P
   IGBT-Wechselrichter / IGBT-inverter
FZ1200R17KE3 EUPEC-FZ1200R17KE3 Datasheet
284Kb / 8P
   IGBT-Wechselrichter / IGBT-inverter
FS10R06VL4B2 EUPEC-FS10R06VL4B2 Datasheet
634Kb / 7P
   IGBT-Module IGBT-modules
FS10R12VT3 EUPEC-FS10R12VT3 Datasheet
653Kb / 8P
   IGBT-Module IGBT-modules
FS10R12YT3 EUPEC-FS10R12YT3 Datasheet
706Kb / 7P
   IGBT-Module IGBT-modules
logo
Infineon Technologies A...
FF800R17KF6C-B2 INFINEON-FF800R17KF6C-B2 Datasheet
407Kb / 8P
   IGBT-Wechselrichter / IGBT-inverter
2012-09-27 revision:2.1
FP15R12W1T4_B11 INFINEON-FP15R12W1T4_B11 Datasheet
423Kb / 11P
   IGBT-Wechselrichter / IGBT-inverter
2009-10-19 revision:2.0
FP10R12W1T4_B11 INFINEON-FP10R12W1T4_B11 Datasheet
422Kb / 11P
   IGBT-Wechselrichter / IGBT-inverter
2009-10-19 revision: 2.0
logo
eupec GmbH
FZ1200R33KF2C EUPEC-FZ1200R33KF2C Datasheet
253Kb / 7P
   IGBT-Wechselrichter / IGBT-inverter
FP15R12KT3 EUPEC-FP15R12KT3 Datasheet
342Kb / 11P
   IGBT-Wechselrichter / IGBT-inverter
logo
Infineon Technologies A...
DF100R07W1H5FP_B54 INFINEON-DF100R07W1H5FP_B54 Datasheet
705Kb / 11P
   IGBT,Wechselrichter / IGBT,Inverter
V3.0 2017-04-06
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com