Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NGTB40N120LWG Datasheet(PDF) 4 Page - ON Semiconductor

Part # NGTB40N120LWG
Description  IGBT
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NGTB40N120LWG Datasheet(HTML) 4 Page - ON Semiconductor

  NGTB40N120LWG Datasheet HTML 1Page - ON Semiconductor NGTB40N120LWG Datasheet HTML 2Page - ON Semiconductor NGTB40N120LWG Datasheet HTML 3Page - ON Semiconductor NGTB40N120LWG Datasheet HTML 4Page - ON Semiconductor NGTB40N120LWG Datasheet HTML 5Page - ON Semiconductor NGTB40N120LWG Datasheet HTML 6Page - ON Semiconductor NGTB40N120LWG Datasheet HTML 7Page - ON Semiconductor NGTB40N120LWG Datasheet HTML 8Page - ON Semiconductor NGTB40N120LWG Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
NGTB40N120LWG
http://onsemi.com
4
TYPICAL CHARACTERISTICS
Figure 7. Diode Forward Characteristics
Figure 8. Typical Gate Charge
VF, FORWARD VOLTAGE (V)
QG, GATE CHARGE (nC)
1.5
1.0
0.5
0
0
20
40
60
80
120
140
Figure 9. Switching Loss vs. Temperature
Figure 10. Switching Time vs. Temperature
TJ, JUNCTION TEMPERATURE (°C)
TJ, JUNCTION TEMPERATURE (°C)
140
120
100
80
60
40
20
0
0
2
4
8
0
1000
Figure 11. Switching Loss vs. IC
Figure 12. Switching Time vs. IC
IC, COLLECTOR CURRENT (A)
IC, COLLECTOR CURRENT (A)
16
0
4
6
12
56
48
40
32
24
16
1000
3.0
100
160
VCE = 600 V
VGE = 15 V
IC = 40 A
Rg = 10 W
VCE = 600 V
VGE = 15 V
TJ = 150°C
Rg = 10 W
64
2.0
20
15
10
5
0
0
60
120
180
240
300
360
420 480
100
10
1
20
40
60
80
100
120
140 160
24
32
40
48
56
64
100
10
1
2.5
TJ = 25°C
TJ = 150°C
VCE = 600 V
Eon
Eoff
tf
td(on)
tr
td(off)
VCE = 600 V
VGE = 15 V
IC = 40 A
Rg = 10 W
Eon
Eoff
2
8
10
tf
td(on)
tr
td(off)
VCE = 600 V
VGE = 15 V
TJ = 150°C
Rg = 10 W
1
3
5
6
7


Similar Part No. - NGTB40N120LWG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NGTB40N120L3WG ONSEMI-NGTB40N120L3WG Datasheet
160Kb / 11P
   IGBT - Ultra Field Stop
May, 2016 ??Rev. 1
More results

Similar Description - NGTB40N120LWG

ManufacturerPart #DatasheetDescription
logo
eupec GmbH
FZ1200R12KL4C EUPEC-FZ1200R12KL4C Datasheet
263Kb / 8P
   IGBT-Wechselrichter / IGBT-inverter
FZ1200R17KE3 EUPEC-FZ1200R17KE3 Datasheet
284Kb / 8P
   IGBT-Wechselrichter / IGBT-inverter
FS10R06VL4B2 EUPEC-FS10R06VL4B2 Datasheet
634Kb / 7P
   IGBT-Module IGBT-modules
FS10R12VT3 EUPEC-FS10R12VT3 Datasheet
653Kb / 8P
   IGBT-Module IGBT-modules
FS10R12YT3 EUPEC-FS10R12YT3 Datasheet
706Kb / 7P
   IGBT-Module IGBT-modules
logo
Infineon Technologies A...
FF800R17KF6C-B2 INFINEON-FF800R17KF6C-B2 Datasheet
407Kb / 8P
   IGBT-Wechselrichter / IGBT-inverter
2012-09-27 revision:2.1
FP15R12W1T4_B11 INFINEON-FP15R12W1T4_B11 Datasheet
423Kb / 11P
   IGBT-Wechselrichter / IGBT-inverter
2009-10-19 revision:2.0
FP10R12W1T4_B11 INFINEON-FP10R12W1T4_B11 Datasheet
422Kb / 11P
   IGBT-Wechselrichter / IGBT-inverter
2009-10-19 revision: 2.0
logo
eupec GmbH
FZ1200R33KF2C EUPEC-FZ1200R33KF2C Datasheet
253Kb / 7P
   IGBT-Wechselrichter / IGBT-inverter
FP15R12KT3 EUPEC-FP15R12KT3 Datasheet
342Kb / 11P
   IGBT-Wechselrichter / IGBT-inverter
logo
Infineon Technologies A...
DF100R07W1H5FP_B54 INFINEON-DF100R07W1H5FP_B54 Datasheet
705Kb / 11P
   IGBT,Wechselrichter / IGBT,Inverter
V3.0 2017-04-06
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com