Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NLSV4T244DTR2G Datasheet(PDF) 4 Page - ON Semiconductor

Part # NLSV4T244DTR2G
Description  4-Bit Dual-Supply Non-Inverting Level Translator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLSV4T244DTR2G Datasheet(HTML) 4 Page - ON Semiconductor

  NLSV4T244DTR2G Datasheet HTML 1Page - ON Semiconductor NLSV4T244DTR2G Datasheet HTML 2Page - ON Semiconductor NLSV4T244DTR2G Datasheet HTML 3Page - ON Semiconductor NLSV4T244DTR2G Datasheet HTML 4Page - ON Semiconductor NLSV4T244DTR2G Datasheet HTML 5Page - ON Semiconductor NLSV4T244DTR2G Datasheet HTML 6Page - ON Semiconductor NLSV4T244DTR2G Datasheet HTML 7Page - ON Semiconductor NLSV4T244DTR2G Datasheet HTML 8Page - ON Semiconductor NLSV4T244DTR2G Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
NLSV4T244
http://onsemi.com
4
DC ELECTRICAL CHARACTERISTICS
Symbol
Parameter
Test Conditions
VCCA (V)
VCCB (V)
−405C to +855C
Unit
Min
Max
VIH
Input HIGH Voltage
(An, OE)
3.6 – 4.5
0.9 – 4.5
2.2
V
2.7 – 3.6
2.0
2.3 – 2.7
1.6
1.4 − 2.3
0.65 * VCCA
0.9 – 1.4
0.9 * VCCA
VIL
Input LOW Voltage
(An, OE)
3.6 – 4.5
0.9 – 4.5
0.8
V
2.7 – 3.6
0.8
2.3 – 2.7
0.7
1.4 − 2.3
0.35 * VCCA
0.9 – 1.4
0.1 * VCCA
VOH
Output HIGH Voltage
IOH = −100 mA; VI = VIH
0.9 – 4.5
0.9 – 4.5
VCCB – 0.2
V
IOH = −0.5 mA; VI = VIH
0.9
0.9
0.75 * VCCB
IOH = −2 mA; VI = VIH
1.4
1.4
1.05
IOH = −6 mA; VI = VIH
1.65
1.65
1.25
2.3
2.3
2.0
IOH = −12 mA; VI = VIH
2.3
2.3
1.8
2.7
2.7
2.2
IOH = −18 mA; VI = VIH
2.3
2.3
1.7
3.0
3.0
2.4
IOH = −24 mA; VI = VIH
3.0
3.0
2.2
VOL
Output LOW Voltage
IOL = 100 mA; VI = VIL
0.9 – 4.5
0.9 – 4.5
0.2
V
IOL = 0.5 mA; VI = VIL
1.1
1.1
0.3
IOL = 2 mA; VI = VIL
1.4
1.4
0.35
IOL = 6 mA; VI = VIL
1.65
1.65
0.3
IOL = 12 mA; VI = VIL
2.3
2.3
0.4
2.7
2.7
0.4
IOL = 18 mA; VI = VIL
2.3
2.3
0.6
3.0
3.0
0.45
IOL = 24 mA; VI = VIL
3.0
3.0
0.6
II
Input Leakage Current
VI = VCCA or GND
0.9 – 4.5
0.9 – 4.5
−1.0
1.0
mA
IOFF
Power−Off Leakage Current
OE = 0 V
0
0.9 – 4.5
0.9 – 4.5
0
−1.0
−1.0
1.0
1.0
mA
ICCA
Quiescent Supply Current
VI = VCCA or GND;
IO = 0, VCCA = VCCB
0.9 – 4.5
0.9 − 4.5
2.0
mA
ICCB
Quiescent Supply Current
VI = VCCA or GND;
IO = 0, VCCA = VCCB
0.9 – 4.5
0.9 − 4.5
2.0
mA
ICCA + ICCB Quiescent Supply Current
VI = VCCA or GND;
IO = 0, VCCA = VCCB
0.9 – 4.5
0.9 – 4.5
4.0
mA
DICCA
Increase in ICC per Input Voltage,
Other Inputs at VCCA or GND
VI = VCCA – 0.6 V;
VI = VCCA or GND
4.5
3.6
4.5
3.6
10
5.0
mA
DICCB
Increase in ICC per Input Voltage,
Other Inputs at VCCA or GND
VI = VCCA – 0.6 V;
VI = VCCA or GND
4.5
3.6
4.5
3.6
10
5.0
mA
IOZ
I/O Tri−State Output Leakage
Current
TA = 25°C, OE = 0 V
0.9 – 4.5
0.9 – 4.5
−1.0
1.0
mA


Similar Part No. - NLSV4T244DTR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLSV4T244DTR2G ONSEMI-NLSV4T244DTR2G Datasheet
107Kb / 9P
   4-Bit Dual-Supply Non-Inverting Level Translator
October, 2015 ??Rev. 6
More results

Similar Description - NLSV4T244DTR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLSV4T244 ONSEMI-NLSV4T244_15 Datasheet
107Kb / 9P
   4-Bit Dual-Supply Non-Inverting Level Translator
October, 2015 ??Rev. 6
NLSV4T3144 ONSEMI-NLSV4T3144_15 Datasheet
83Kb / 7P
   4-Bit Dual-Supply Non-Inverting Level Translator
June, 2015 ??Rev. 1
NLSV4T244E ONSEMI-NLSV4T244E Datasheet
150Kb / 9P
   4-Bit Dual-Supply Non-Inverting Level Translator
June, 2011 ??Rev. 1
NLSV4T3144 ONSEMI-NLSV4T3144 Datasheet
123Kb / 7P
   4-Bit Dual-Supply Non-Inverting Level Translator
March, 2013 ??Rev. 0
NLSV4T244 ONSEMI-NLSV4T244 Datasheet
170Kb / 9P
   4-Bit Dual-Supply Non-Inverting Level Translator
December, 2009 ??Rev. 3
SLSV4T244 ONSEMI-SLSV4T244 Datasheet
81Kb / 8P
   4-Bit Dual-Supply Non-Inverting Level Translator
March, 2015 ??Rev. 0
NLSV8T244 ONSEMI-NLSV8T244 Datasheet
171Kb / 10P
   8-Bit Dual-Supply Non- Inverting Level Translator
June, 2009 ??Rev. 1
NLSV1T244 ONSEMI-NLSV1T244 Datasheet
90Kb / 6P
   1-Bit Dual-Supply Non-Inverting Level Translator
November, 2007 - Rev. 1
NLSV2T244 ONSEMI-NLSV2T244_12 Datasheet
144Kb / 9P
   2-Bit Dual-Supply Non-Inverting Level Translator
February, 2012 ??Rev. 2
NLSV8T244 ONSEMI-NLSV8T244_12 Datasheet
150Kb / 10P
   8-Bit Dual-Supply Non- Inverting Level Translator
February, 2012 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com