Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9269 Datasheet(PDF) 3 Page - Intersil Corporation

Part # X9269
Description  DIGITAL POTENTIOMETERS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9269 Datasheet(HTML) 3 Page - Intersil Corporation

  X9269 Datasheet HTML 1Page - Intersil Corporation X9269 Datasheet HTML 2Page - Intersil Corporation X9269 Datasheet HTML 3Page - Intersil Corporation X9269 Datasheet HTML 4Page - Intersil Corporation X9269 Datasheet HTML 5Page - Intersil Corporation X9269 Datasheet HTML 6Page - Intersil Corporation X9269 Datasheet HTML 7Page - Intersil Corporation X9269 Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
www.intersil.com/DCPs-DCCs | 3
Vref
(with trim)
i.e. ISL21009
Trim System Errors
Trimmable Voltage Reference
V
IN
V
W
V
L
V
H
R1
R2
V
O
Temp
Trim
GND
V
OUT
Controls
Center
Frequency
Tunable Bandpass Filter IGMF Model
R1
C1
C2
R2
R3
V
S
V
O
-
+
Controls
Cutoff
Frequency
Controls Passband
Gain
Low Pass Filter
Programmable Filter and Gain Block
R1
R
C
R2
V
S
-
+
V
O
Non-Inverting Filter
Adjust Offset, Gain,
DC Signal Control
Programmable Inverting Amplifier
GND
5V
-5V
-
+
V
CC
V
L
V
O
V
H
V
W
R1
R2
Programmable Voltage Regulator
100kΩ
V
O (Reg)
VIN (UNREG)
[≥(V
O + IV)]
R
(10kΩ)
Voltage
Regulator
ERROR
SHUTDOWN
Controls Output
Voltage
DIGITAL POTENTIOMETERS
iNterSil SeleCtioN guiDe
DCP APPliCAtioNS
DigitAlly ProgrAmmAble
• Voltage Amplifier
• Filter
• Voltage Reference
• Voltage Regulator
DCPs ENAbLE DIGITALLy CONTROLLED ANALOG SIGNAL PROCESSING
DCPs allow for digital flexibility in an analog circuit. DCPs provide a link between the digital and analog domains in the
system, allowing repeatable control and configuration of analog circuitry. This approach is typically more power-efficient than
computationally intensive digital signal processing. For more information, please see AN133.
DCP
Applications


Similar Part No. - X9269

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9269 XICOR-X9269 Datasheet
422Kb / 25P
   Dual Digitally-Controlled Potentiometers
logo
Intersil Corporation
X9269 INTERSIL-X9269 Datasheet
367Kb / 24P
   Single Supply/Low Power/256-Tap/2-Wire Bus
X9269 INTERSIL-X9269 Datasheet
346Kb / 24P
   Dual Digitally-Controlled Potentiometers
logo
Renesas Technology Corp
X9269 RENESAS-X9269 Datasheet
923Kb / 24P
   Single Supply/Low Power/256-Tap/2-Wire Bus Dual Digitally-Controlled (XDCP?? Potentiometers
logo
Xicor Inc.
X9269TB16 XICOR-X9269TB16 Datasheet
422Kb / 25P
   Dual Digitally-Controlled Potentiometers
More results

Similar Description - X9269

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8403 AD-AD8403_15 Datasheet
610Kb / 32P
   Digital Potentiometers
Rev. E
logo
Copal Electronics
AN9 COPAL-AN9 Datasheet
114Kb / 7P
   Digital Potentiometers
DN3 COPAL-DN3 Datasheet
72Kb / 2P
   Digital Potentiometers
logo
Analog Devices
AD8400 AD-AD8400_15 Datasheet
610Kb / 32P
   Digital Potentiometers
Rev. E
AD8402 AD-AD8402_15 Datasheet
610Kb / 32P
   Digital Potentiometers
Rev. E
logo
Copal Electronics
DN5 COPAL-DN5 Datasheet
79Kb / 2P
   Digital Potentiometers
DN4 COPAL-DN4 Datasheet
81Kb / 3P
   Digital Potentiometers
logo
Microchip Technology
AN219 MICROCHIP-AN219 Datasheet
131Kb / 6P
   Comparing Digital Potentiometers to Mechanical Potentiometers
2000 - 2002
logo
Copal Electronics
DP7269 COPAL-DP7269 Datasheet
174Kb / 16P
   Dual Digital Potentiometers
DP7411 COPAL-DP7411 Datasheet
189Kb / 16P
   Dual Digital Potentiometers
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com